Part Number Hot Search : 
FR504 PBL38814 MPSA42 24C08 PS203 30015 384065 L6206
Product Description
Full Text Search
 

To Download 87664-2004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0876642004 Active
extreme_powerplus_ssi 6.35mm (.250") and 7.62mm (.300") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlusTM AC/DC Receptacle, Through Hole, Right Angle,31 Circuits, Power Beta 4, Signal 24, Power Alpha 3, Recessed Power Circuits Positions A2, A3, Leadfree
Documents: 3D Model Drawing (PDF)
Product Specification PS-87663-006 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
UL E29179
General
Product Family Series Application Comments Overview Product Literature Order No Product Name PCB Receptacles 87664 Board-to-Board Recessed Power Circuit Position: A2,A3 extreme_powerplus_ssi 987650-3002 EXTreme PowerPlusTM
Physical
Circuits (Loaded) Circuits Detail Color - Resin Flammability Glow-Wire Compliant Guide to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style 31 Power Beta 4, Signal 24, Power Alpha 3 Black 94V-0 No Yes None Copper Alloy Gold Tin High Temperature Thermoplastic 4 Right Angle 0.135 In 3.43 mm Yes Yes 0.062 In 1.60 mm Tray 0.100 In, 0.250 In, 0.300 In 2.54 mm, 6.35 mm, 7.62 mm 30 0.76 100 2.54 Yes Yes No -20C to +105C Through Hole
Search Parts in this Series 87664Series Mates With 87663 PCB Header with Beveled Metal Pins
Electrical
Current - Maximum per Contact Voltage - Maximum 2.5A, 30A, 50A 250V (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 SMC & Wave Capable (TH only) 3 260
Material Info Reference - Drawing Numbers
Application Specification Product Specification Sales Drawing AS-87631-018 PS-87663-006 SD-87664-021
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 87664-2004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X