Part Number Hot Search : 
9904BSA P6SMB7 HPTA0700 1H101 2N519406 15402 SC503 N74F823N
Product Description
Full Text Search
 

To Download 78283-0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0782830001 Active
micro_sata 1.27mm (.050") Pitch Micro Serial ATA Device Plug, Right Angle, SMT, without with flanged tabbed housing, 16 circuits, Tape on Reel, Lead- free
Documents: Drawing (PDF) Product Specification PS-78283-001 (PDF)
RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA UL LR19980 E29179
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name PCB Headers 78283 Board-to-Board micro_sata Micro Serial ATA, Serial ATA
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB No 16 16 Black 500 Yes 94V-0 No Yes Yes Yes Copper Alloy Gold Gold High Temperature Thermoplastic 1 Right Angle 0.000 In 0.00 mm Yes Yes 0.027 In 0.68 mm Embossed Tape on Reel 0.050 In, 0.200 In 1.27 mm, 5.08 mm 0.050 In, 0.200 In 1.27 mm, 5.08 mm 30 0.76 2 0.05 Yes Yes
Search Parts in this Series 78283Series Mates With 78109 , 78320 , 78492 , 78500 Receptacles
Robotic Placement Shrouded Stackable Temperature Range - Operating Termination Interface: Style
Pick and Place Cap No No 0C to +55C Surface Mount
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A 30V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Reflow Capable (SMT only) 1 260
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-78283-001 PS-78283-001, RPS-78283-002, RPS-78283-102 SD-78283-001
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 78283-0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X