Part Number Hot Search : 
ACV13212 B2412 MRF572 978BH AZ10EL16 1N755A FOD816 74AC163
Product Description
Full Text Search
 

To Download 74VHCT14A07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VHCT14A
HEX SCHMITT inverter
Features

High speed: tPD = 5.5ns (typ.) at VCC = 5V Low power dissipation: ICC = 2 A (Max.) at TA = 25C Typical hysteresis: Vh = 0.7V at VCC = 4.5V Power down protection on inputs & outputs Symmetrical output impedance: |IOH| = IOL = 8 mA (Min) Balanced propagation delays: tPLH tPHL Operating voltage range: VCC(Opr) = 4.5V to 5.5V Pin and function compatible with 74 series 14 Improved latch-up immunity Low noise: VOLP = 0.8V (Max.)
SO-14 TSSOP14
Description
The 74VHCT14A is an advanced high-speed CMOS HEX SCHMITT inverter fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. The internal circuit is composed of 3 stages including buffer output, which provides high noise immunity and stable output. Power down protection is provided on all inputs and outputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V since all inputs are equipped with TTL threshold. Pin configuration and function are the same as those of the 74VHC04 but the 74VHC14 has hysteresis. This together with its schmitt trigger function allows it to be used on line receivers with slow rise/fall input signals. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
Table 1. Device summary
Part number 74VHCT14AMTR 74VHCT14ATTR Package SO-14 TSSOP14 Packaging Tape and reel Tape and reel
May 2007
Rev 2
1/15
www.st.com 15
Contents
74VHCT14A
Contents
1 2 Logic symbols and I/O equivalent circuit . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 2.2 2.3 Pin connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Truth table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3
Maximum rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
3.1 Recommended operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4 5 6 7 8
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
2/15
74VHCT14A
Logic symbols and I/O equivalent circuit
1
Logic symbols and I/O equivalent circuit
Figure 1. IEC logic symbols
Figure 2.
Input and output equivalent circuit
3/15
Pin settings
74VHCT14A
2
2.1
Pin settings
Pin connection
Figure 3. Pin connection (top through view)
2.2
Pin description
Table 2. Pin description
Pin N 1, 3, 5, 9, 11, 13 2, 4, 6, 8, 10, 12 7 14 Symbol 1A to 6A 1Y to 6Y GND VCC Data inputs Data outputs Ground (0V) Positive supply voltage Name and function
2.3
Truth table
Table 3. Truth table
Inputs A L H Output Y H L
4/15
74VHCT14A
Maximum rating
3
Maximum rating
stressing the device above the rating listed in the "absolute maximum ratings" table may cause permanent damage to the device. these are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. refer also to the STMicroelectronics sure program and other relevant quality documents. Table 4. Absolute maximum ratings
Symbol VCC VI VO VO IIK IOK IO ICC IGND Tstg TL Supply voltage DC input voltage DC output voltage
(1)
Parameter
Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 20 20 25 50 50 -65 to +150 300
Unit V V V V mA mA mA mA mA C C
DC output voltage (2) DC input diode current DC output diode current DC output current DC supply current per supply pin DC ground current per supply pin Storage temperature Lead temperature (10 sec)
1. VCC = 0V 2. High or low state
3.1
Recommended operating conditions
Table 5. Recommended operating conditions
Symbol VCC VI VO VO Top
1. VCC = 0V 2. High or low state
Parameter Supply voltage Input voltage Output voltage
(1)
Value 4.5 to 5.5 0 to 5.5 0 to 5.5 0 to VCC -55 to 125
Unit V V V V C
Output voltage (2) Operating temperature
5/15
Electrical characteristics
74VHCT14A
4
Electrical characteristics
Table 6. DC specifications
Test condition Symbol Parameter VCC (V) 4.5 5.5 4.5 5.5 4.5 5.5 VOH High level output voltage Low level output voltage Input leakage current Quiescent supply current Additional worst case supply current Output leakage current 4.5 4.5 4.5 4.5 0 to 5.5 5.5 5.5 IO=-50 A IO=-8 mA IO=50 A IO=8 mA VI = 5.5V or GND VI = VCC or GND One Input at 3.4V, other input at VCC or GND VOUT = 5.5V 0.6 0.6 0.4 0.4 4.4 3.94 0.0 0.1 0.36 0.1 2 1.35 4.5 1.4 1.5 TA = 25C Min. Typ. Max. 2.0 2.0 0.6 0.6 0.4 0.4 4.4 3.8 0.1 0.44 1.0 20 1.5 1.4 1.5 Value -40 to 85C Min. Max. 2.0 2.0 0.6 0.6 0.4 0.4 4.4 3.7 0.1 0.55 1.0 20 1.5 A A mA V 1.4 1.5 V V -55 to 125C Min. Max. 2.0 2.0 V V Unit
Vt+
High level threshold voltage Low level threshold voltage Hysteresis voltage
Vt-
Vh
VOL
II ICC +ICC
IOPD
0
0.5
5.0
5.0
A
6/15
74VHCT14A
Electrical characteristics
Table 7. AC electrical characteristics (Input tr = tf = 3ns)
Test condition Symbol Parameter CL (1) (pF) (V) 5.0 5.0 15 50 VCC TA = 25C Min. Typ. 5.5 6.7 Max. 7.6 8.0 Value -40 to 85C Min. 1.0 1.0 Max. 8.5 9.5 -55 to 125C Min. 1.0 1.0 Max. 9.5 10.5 ns Unit
tPLH tPHL
1.
Propagation delay time
Voltage range is 5.0V 0.5V
Table 8. Capacitive characteristics
Test condition Symbol Parameter TA = 25C Min. CIN CPD Input capacitance Power dissipation capacitance (1) Typ. 6 20 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
1. CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/6 (per gate)
Table 9. Dynamic switching characteristics
Test condition Symbol Parameter VCC (V) TA = 25C Min. Typ. 0.3 5.0 -0.8 5.0 5.0 CL = 50 pF 2.0 0.6 -0.3 V V Max. 0.8 V Value -40 to 85C Min. Max. -55 to 125C Min. Max. Unit
VOLP VOLV VIHD VILD
Dynamic low voltage quiet output (1) (2) Dynamic high voltage input (1) (3) Dynamic low voltage input (1) (3)
1. Worst case package. 2. Max number of outputs defined as (n). Data inputs are driven 0V to 5.0V, (n-1) outputs switching and one output at GND. 3. Max number of data inputs (n) switching. (n-1) switching 0V to 5.0V. Inputs under test switching: 5.0V to threshold (VILD), 0V to threshold (VIHD), f = 1MHz.
7/15
Test circuit
74VHCT14A
5
Test circuit
Figure 4. Test circuit
CL = 15/50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
6
Waveforms
Figure 5. Waveform - propagation delay (f = 1MHz; 50% duty cycle)
8/15
74VHCT14A
Package mechanical data
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
9/15
Package mechanical data
74VHCT14A
SO-14 MECHANICAL DATA
DIM. A A1 A2 B C D E e H h L k ddd 5.8 0.25 0.4 0 mm. MIN. 1.35 0.1 1.10 0.33 0.19 8.55 3.8 1.27 6.2 0.50 1.27 8 0.100 0.228 0.010 0.016 0 TYP MAX. 1.75 0.25 1.65 0.51 0.25 8.75 4.0 MIN. 0.053 0.004 0.043 0.013 0.007 0.337 0.150 0.050 0.244 0.020 0.050 8 0.004 inch TYP. MAX. 0.069 0.010 0.065 0.020 0.010 0.344 0.157
0016019D
10/15
74VHCT14A
Package mechanical data
TSSOP14 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0089 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080337D
11/15
Package mechanical data
74VHCT14A
Tape & Reel SO-14 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.4 9 2.1 3.9 7.9 12.8 20.2 60 22.4 6.6 9.2 2.3 4.1 8.1 0.252 0.354 0.082 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.260 0.362 0.090 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
12/15
74VHCT14A
Package mechanical data
Tape & Reel TSSOP14 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.7 5.3 1.6 3.9 7.9 12.8 20.2 60 22.4 6.9 5.5 1.8 4.1 8.1 0.264 0.209 0.063 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.272 0.217 0.071 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
13/15
Revision history
74VHCT14A
8
Revision history
Table 10. Revision history
Date 12-Nov-2004 03-May-2007 Revision 1 2 First release Document reformatted, updated Table 6 on page 6 Changes
14/15
74VHCT14A
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
15/15


▲Up To Search▲   

 
Price & Availability of 74VHCT14A07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X