Part Number Hot Search : 
62201 M78P259 CMCS5066 A1212 MMSZ33V BE100 B962042 TM12232F
Product Description
Full Text Search
 

To Download 5423 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pomona
(R)
Model 5423 BNC Male With Molded Strain Relief To Minipincer(R) Test Clips
FEATURES: * Convert a BNC Female receptacle into Minipincer(R) Test Clips MATERIALS: Conn: 1st End - Minipincer(R) Test Clips. Selectively gold plated Beryllium Copper contact. Insulation: Nylon Color: One Black and one Red Cable: RG58C/U, 5.0 (.195) O.D.; Y-Mold insulation, PVC, Black Conn: 2nd End - Crimp BNC Male - Brass body, tarnish resistant plated. Center Contact: Brass, gold plated Boot: PVC, Black Marking: "POMONA 5423" RATINGS: Operating Temperature: +50 (+122F) Max. Operating Voltage: 300 VRMS Max. Current: 5 Amperes ORDERING INFORMATION: Model 5423-C-XX XX= Cable Length, Standard Length: 18" (457), 24" (610), 36" (914), 48" (1219), 60" (1542) Ordering Example: 5423-C-60 indicates 60" in length.
All dimensions are in inches. Tolerances (except noted): .xx = .02" (,51 mm), .xxx = .005" (,127 mm). All specifications are to the latest revisions. Specifications are subject to change without notice. Registered trademarks are the property of their respective companies. Made in USA
6/9/99 SY/EH/LS
Sales: 800-490-2361 Fax: 888-403-3360 Technical Assistance: 800-241-2060
PomonaACCESS 90641 (800) 444-6785 or (425) 446-6010 More drawings available at www.pomonaelectronics.com
Page 1 of 1
C:\Laura Goldberg\FlukeDataSheet\d5423_1_01.doc


▲Up To Search▲   

 
Price & Availability of 5423

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X