Part Number Hot Search : 
M35V5 SST441NL 114TU 102MH 0260F8A 107001 Z25M221S DG201HS
Product Description
Full Text Search
 

To Download 51216-0200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0512160200 Active
2.00mm (.079") Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 2 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-51216-005 (PDF)
Product Specification PS-51216-006 (PDF) Product Specification PS-51216-007 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Crimp Housings 51216 N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Product Name
Physical
Circuits (maximum) Color - Resin Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 2 Natural Female No Yes Polyester 1 Bag No 0.079 In 2.00 mm No -25C to +85C
Electrical
Current - Maximum per Contact 2.5A
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification SPK-51216-001 PS-51216-005, PS-51216-006, PS-51216-007, RPS-51216-003, RPS-51216-004, RPS-51216-005, RPS-51216-006, RPS-51216-007, RPS-51216-008, RPS-51216-009, RPS-51216-010, RPS-51216-011, RPS-51216-012, RPS-51216-014 SD-51216-004
Search Parts in this Series 51216Series Mates With 51227-0200 Use With 59370-8000 , 59370-8100 , 512170305
Sales Drawing
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 51216-0200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X