|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FEATURES AND SPECIFICATIONS 3.50mm (.138") Pitch 35 Series Beau(R) Eurostyle(R) Fixed Terminal Blocks 39357 Beau Eurostyle 35 series fixed (one-piece) terminal blocks offer a compact solution where PCB space is constrained The small pitch size on Molex's 3.50mm (.138") fixed Terminal Blocks help solve packaging problems due to limited PCB real-estate. 3.50mm (.138") terminal blocks continue to gain market acceptance and are now used regularly in many applications as more high density I/O applications are released. These terminal blocks are available molded-to-length in up to 25 circuits and are manufactured with captivescrews and a rising cage clamp termination, providing a secure, gas-tight connection when terminating wires. Features and Benefits I Rising cage clamp termination provides a gas-tight I Small pitch size is ideal for limited PCB real-estate connection without strand damage or intermittence applications I Captive screws will not back out of the housing I Molded to length providing an easier to work with solution versus parts that need to be dovetailed to form longer circuit sizes SPECIFICATIONS Reference Information Packaging: Box UL File No.: E48521 Guide No.: XCFR2 UL for Canada File No.: E48521 Guide No.: XCFR8 (Pending) Electrical Voltage: 300V Current: 12.0A Contact Resistance: 15 milliohms max. Insulation Resistance: 1000 Megohms (500VDC) min. Mechanical Wire Range: 16 to 28 AWG (1.31 to 0.08mm2) Strip Length: 5.00mm (.200 in.) Tightening Torque: 0.30Nm (2.7 in-lbs) Physical Housing: Nylon, PA 6/6 Contact: Copper Alloy Contact Plating: Tin Screw: M2, slotted, Copper Alloy Screw Plating: Nickel Cage Clamp: Copper Alloy Cage Clamp Plating: Nickel Operating Temperature: +105C max. 3-circuit fixed terminal block APPLICATIONS I Process controls I Instrumentation I Motion control I Factory automation I Scales and weighing equipment I Signal conditioning I Security and surveillance equipment 3.50mm (.138") Pitch 35 Series Beau(R) Eurostyle(R) Fixed Terminal Blocks 39357 ORDERING INFORMATION Order No. 39357-0002 39357-0003 39357-0004 39357-0005 39357-0006 39357-0007 39357-0008 39357-0009 39357-0010 39357-0011 39357-0012 39357-0013 Circuits 2 3 4 5 6 7 8 9 10 11 12 13 Order No. 39357-0014 39357-0015 39357-0016 39357-0017 39357-0018 39357-0019 39357-0020 39357-0021 39357-0022 39357-0023 39357-0024 39357-0025 Circuits 14 15 16 17 18 19 20 21 22 23 24 25 Americas Headquarters Lisle, Illinois 60532 U.S.A. 1-800-78MOLEX amerinfo@molex.com Far East North Headquarters Yamato, Kanagawa, Japan 81-462-65-2324 feninfo@molex.com Far East South Headquarters Jurong, Singapore 65-6-268-6868 fesinfo@molex.com European Headquarters Munich, Germany 49-89-413092-0 eurinfo@molex.com Corporate Headquarters 2222 Wellington Ct. Lisle, IL 60532 U.S.A. 630-969-4550 Fax:630-969-1352 Visit our Web site at http://www.molex.com/product/tblocks/series35.html Order No. USA-283 Printed in USA/JI/2005.01 (c)2005 Molex |
Price & Availability of 39357-0002 |