Part Number Hot Search : 
M3005N UF204 APTGT1 ST25VF 09100 M3P2184 A1658 30M25
Product Description
Full Text Search
 

To Download 2123A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inductor
Inductor Model 2123A
KR Model 2123A
Specifications
Parameter Inductance L13 Inductance L24 DC Resistance R13 DC Resistance R24 Test Condition Value
Measured from terminal 1 to terminal 3 with terminals 2 and 4.0 mHy 5% 4 open, Frequency = 10 KHz, DC current 0 to 80 mA Measured from terminal 2 to terminal 4 with terminals 1 and equal L13 1% 3 open, Frequency = 10 KHz, DC current 0 to 80 mA Measured from terminal 1 to terminal 3 Measured from terminal 2 to terminal 4 2.0 20% 2.0 20%
Outline Drawing
2123A
www.krfilters.com 91 Avenel Street Avenel, NJ 07001 732-636-1900
KR Electronics
Square leads 0.032" x 0.032" 0.005" Lead length from seating plane 0.130" 0.020" Tolerance unless noted 0.020"
Revised 12/96


▲Up To Search▲   

 
Price & Availability of 2123A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X