Part Number Hot Search : 
BR404 NDF9196 BUB323Z 2SC2411 ZR431G NDF9196 2SC2411 SM6610MH
Product Description
Full Text Search
 

To Download 1N6119AUS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 500W Bipolar Transient Voltage Suppressor Surface Mount (US) POWER DISCRETES Description
Quick reference data VBR MIN = 6.12 -180V VRWM = 5.2 - 152V VC (max) = 11 - 273V I(BR) 1N6102 - 1N6137 = 5mA - 175mA
1N6102US thru 1N6137US 1N6103AUS thru 1N6137AUS
Features
Low dynamic impedance Hermetically sealed non-cavity construction 500 watt peak pulse power 1.5W continuous These products are qualified to MIL-PRF-19500/516 and are preferred parts as listed in MIL-HDBK-5961. They can be supplied fully released as JANTX and JANTXV versions.
Electrical Specifications
Electrical specifications @ TA = 25C unless otherwise specified.
Device Type
Minimum Breakdow n Voltage V(BR) @ I(BR) Volts
Test Working Current Pk. Reverse I(BR) Voltage VRWM mA 175 175 175 150 150 150 150 125 125 125 125 100 100 100 100 75 75 75 75 Volts 5.2 5.7 5.7 6.2 6.2 6.9 6.9 7.6 7.6 8.4 8.4 9.1 9.1 9.9 9.9 11.4 11.4 12.2 12.2
Maximum Reverse Current IR1 A 100 50 50 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20
1
Maximum Clamping Voltage VC @ IP Volts 11.0 11.8 11.2 12.7 12.1 14.0 13.4 15.2 14.5 16.3 15.6 17.7 16.9 19.0 18.2 21.9 21.0 23.4 22.3
Maximum Pk. Pulse Current IP TP = 1mS Amps 45.4 42.4 44.6 39.4 41.3 35.7 37.3 32.9 34.5 30.7 32.0 28.2 29.6 26.3 27.5 22.8 23.8 21.4 22.4
Temp. Coeff. of V(BR) (VZ) %/C 0.05 0.06 0.06 0.06 0.06 0.06 0.06 0.07 0.07 0.07 0.07 0.07 0.07 0.08 0.08 0.08 0.08 0.08 0.08
Maximum Reverse Current IR2 @ 150C A 4,000 750 750 500 500 300 300 200 200 200 200 150 150 150 150 100 100 100 100
www.semtech.com
1N6102 1N6103 1N6103A 1N6104 1N6104A 1N6105 1N6105A 1N6106 1N6106A 1N6107 1N6107A 1N6108 1N6108A 1N6109 1N6109A 1N6110 1N6110A 1N6111 1N6111A
6.12 6.75 7.13 7.38 7.79 8.19 8.65 9.0 9.50 9.9 10.45 10.8 11.4 11.7 12.35 13.5 14.25 14.4 15.2
Revision: May 3, 2006
1N6102US thru 1N6137US 1N6103AUS thru 1N6137AUS
POWER DISCRETES Electrical Specifications
Electrical specifications @ TA = 25C unless otherwise specified.
Device Type
Minimum Breakdow n Voltage V(BR) @ I(BR) Volts
Test Working Current Pk. Reverse I(BR) Voltage VRWM mA 65 65 65 65 50 50 50 50 50 50 40 40 40 40 30 30 30 30 30 30 25 25 25 25 20 20 Volts 13.7 13.7 15.2 15.2 16.7 16.7 18.2 18.2 20.6 20.6 22.8 22.8 25.1 25.1 27.4 27.4 29.7 29.7 32.7 32.7 35.8 35.8 38.8 38.8 42.6 42.6
Maximum Reverse Current IR1 A 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Maximum Clamping Voltage VC @ IP Volts 26.3 25.1 29.0 27.7 31.9 30.5 34.8 33.3 39.2 37.4 43.6 41.6 47.9 45.7 52.3 49.9 56.2 53.6 62.0 59.1 67.7 64.6 73.5 70.1 80.7 77.0
Maximum Pk. Pulse Current IP TP = 1mS Amps 19.0 19.9 17.2 18.0 15.7 16.4 14.4 15.0 12.8 13.4 11.5 12.0 10.4 10.9 9.6 10.0 8.9 9.3 8.1 8.5 7.4 7.7 6.8 7.1 6.2 6.5
Temp. Coeff. of V(BR) (VZ) %/C 0.085 0.085 0.085 0.085 0.085 0.085 0.09 0.09 0.09 0.09 0.09 0.09 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095
Maximum Reverse Current IR2 @ 150C A 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100
1N6112 1N6112A 1N6113 1N6113A 1N6114 1N6114A 1N6115 1N6115A 1N6116 1N6116A 1N6117 1N6117A 1N6118 1N6118A 1N6119 1N6119A 1N6120 1N6120A 1N6121 1N6121A 1N6122 1N6122A 1N6123 1N6123A 1N6124 1N6124A
16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2
2006 Semtech Corp.
2
www.semtech.com
1N6102US thru 1N6137US 1N6103AUS thru 1N6137AUS
POWER DISCRETES Electrical Specifications
Electrical specifications @ TA = 25C unless otherwise specified.
Device Type
Minimum Breakdow n Voltage V(BR) @ I(BR) Volts
Test Working Current Pk. Reverse I(BR) Voltage VRWM mA 20 20 20 20 20 20 15 15 15 15 12 12 12 12 10 10 10 10 8 8 8 8 5 5 5 5 Volts 47.1 47.1 51.7 51.7 56.0 56.0 62.2 62.2 69.2 69.2 76.0 76.0 83.6 83.6 91.2 91.2 98.8 98.8 114.0 114.0 121.6 121.6 136.8 136.8 152.0 152.0
Maximum Reverse Current IR1 A 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Maximum Clamping Voltage VC @ IP Volts 89.3 85.3 98.0 97.1 108.1 103.1 118.2 112.8 131.1 125.1 144.1 137.6 158.5 151.3 172.9 165.1 187.3 178.8 216.2 206.3 228.8 218.4 257.4 245.7 286.0 273.0
Maximum Pk. Pulse Current IP TP = 1mS Amps 5.6 5.9 5.1 5.1 4.6 4.8 4.2 4.4 3.8 4.0 3.5 3.6 3.2 3.3 2.9 3.0 2.7 2.8 2.3 2.4 2.2 2.3 1.9 2.0 1.7 1.8
Temp. Coeff. of V(BR) (VZ) %/C 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.105 0.105 0.105 0.105 0.105 0.105 0.11 0.11 0.11 0.11
Maximum Reverse Current IR2 @ 150C A 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100
1N6125 1N6125A 1N6126 1N6126A 1N6127 1N6127A 1N6128 1N6128A 1N6129 1N6129A 1N6130 1N6130A 1N6131 1N6131A 1N6132 1N6132A 1N6133 1N6133A 1N6134 1N6134A 1N6135 1N6135A 1N6136 1N6136A 1N6137 1N6137A
55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 104.5 108.0 114.0 117.0 123.5 135.0 142.5 144 152 162 171 180 190
2006 Semtech Corp.
3
www.semtech.com
1N6102US thru 1N6137US 1N6103AUS thru 1N6137AUS
POWER DISCRETES Ordering Information
Part Number 1N6102US thru 1N6137US 1N6103AUS thru 1N6137AUS Description Surface Mount(US) (1)
Note: (1) Available in trays or tape and reel packaging. Please consult factory for quantities.
Outline Drawing
B
D
C
A D
Dimensions 1N 6102U S - 1N 6137U S 1N6103AUS - 1N6137AUS
Inches
MIN A B C D 0.2 0.019 0.003 0.137 MAX 0.225 0.028 0.148
Contact Information
Semtech Corporation Power Discretes Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
2006 Semtech Corp.
4
www.semtech.com


▲Up To Search▲   

 
Price & Availability of 1N6119AUS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X