Part Number Hot Search : 
UMZ27N08 MJ15012G DRS401K 1N4744A MD2369 74LVC16 MLL5921D 2N5038
Product Description
Full Text Search
 

To Download 1N541510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5415 THRU 1N5420 3SF05 THRU 3SF6 Axial Leaded Hermetically Sealed Fast Rectifier Diode
POWER DISCRETES Description
Quick reference data VR = 50 - 600V IF = 4.5A trr = 150 - 400nS IR = 1.0A
Features
Very low reverse recovery time Hermetically sealed in fused metal oxide Low switching losses Low forward voltage drop Soft, non-snap off, recovery characteristics These products are qualified to MIL-PRF-19500/411. They can be supplied fully released as JAN, JANTX, JANTXV and JANS versions.
Absolute Maximum Ratings
Electrical specifications @ TA = 25C unless otherwise specified.
Symbol Working Reverse Voltage Repetitive Reverse Voltage Average Forward Current @ 55C in free air, lead length 0.375" Repetitive Surge Current @ 55C in free air, lead length 0.375" Non-Repetitive Surge Current (tp = 8.3mS @ VR & TJMAX) (tp = 8.3mS, @ VR & 25C) Storage Temperature Range VRWM VRRM IF(AV)
1N 5415 3S F 05 50 50
1N 5416 3S F 1 100 100
1N 5417 3S F 2 200 200 4.5
1N 5418 3S F 4 400 400
1N 5419 3S F 5 500 500
1N 5420 3S F 6 600 600
Units V V A
IFRM
25
A
IFSM TSTG
80 150 -65 to +175
A C
Revision: January 11th, 2010
1
www.semtech.com
1N5415 THRU 1N5420 3SF05 THRU 3SF6
POWER DISCRETES Electrical Specifications
Symbol Average Forward Current max. for sine wave, TA = 55C Average Forward Current max. (TL= 55C; L = 3/8") for sine wave for square wave I2t for fusing (t = 8.3mS) max Forward Voltage Drop max. @ IF = 3.0A, Tj = 25C Reverse Current max. @ VRWM, Tj = 25C @ VRWM, Tj = 100C Reverse Recovery Time max. 0.5A IF to 1.0A IRM recovers to 0.25A IRM(REC) Junction Capacitance typ. @ VR = 4V, f = 1MHz IF(AV) 1N 5415 3S F 05 1N 5416 1N 5417 3S F 1 3S F 2 1N 5418 3S F 4 1N 5419 3S F 5 1N 5420 3S F 6 Units A
3.0
IF(AV) IF(AV) I2t VF IR IR trr 150 150 150
4.4 4.5 90 1.1 1.0 20 150 250 400
A A 2S V
A
nS
Cj
550
430
250
165
140
120
pF
Thermal Characteristics
Symbol Thermal Resistance-Junction to Lead Lead length = 0.375" Lead length = 0.0" Thermal Resistance-Junction to Ambient on 0.06" thick pcb. 1 oz. co p p e r 1N 5415 3S F 05 1N 5416 3S F 1 1N 5417 1N 5418 1N 5419 3S F 2 3S F 4 3S F 5 20 4 75 1N 5420 3S F 6 Units
R JL R JL R JA
C/W
C/W
(c) 2010 Semtech Corp.
2
www.semtech.com
1N5415 THRU 1N5420 3SF05 THRU 3SF6
POWER DISCRETES Typical Characteristics
(c) 2010 Semtech Corp.
3
www.semtech.com
1N5415 THRU 1N5420 3SF05 THRU 3SF6
POWER DISCRETES Typical Characteristics
(c) 2010 Semtech Corp.
4
www.semtech.com
1N5415 THRU 1N5420 3SF05 THRU 3SF6
POWER DISCRETES Ordering Information
Part Number 1N5415 1N5416 1N5417 1N5418 1N5419 1N5420 3S F 05 3S F 1 3S F 2 3S F 4 3S F 5 3S F 6 Description
Axial leaded hermetically sealed(1)
Note: (1) Available in bulk and tape and reel packaging. Please consult factory for quantities.
Outline Drawing
G4
Dimensions Inches DIMN A B C D E MIN 0.135 0.9 0.13 0.036 MAX 0.18 1.3 0.17 0.05 0.042 Millimeters MIN 3.43 22.9 3.3 0.91 MAX 4.57 33.0 4.32 1.27 1.07 1 Note
Note: (1) Lead diameter uncontrolled over this region. Weight = 0.04oz
Contact Information
Semtech Corporation Power Discretes Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
(c) 2010 Semtech Corp.
5
www.semtech.com


▲Up To Search▲   

 
Price & Availability of 1N541510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X