Part Number Hot Search : 
L88M12T BUW51 5993A 5993A SDA130A 1209DH VDXXXX 74HCT251
Product Description
Full Text Search
 

To Download 125DH9LP11241 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4,224'' x 4,224'' x 1,496''
120 x 120 x 38 mm
125DH9
DC Axial Fans
Approvals
Brushless DC Motor
Electrical protection: impedance protected Housing material: plastic UL 94 VO Impeller material: plastic UL 94 VO Weight: 280 g Bearing system: ball bearings
Airflow: CFM
Available with:
- Speed sensor - Alarm
Life expectancy
L-10 LIFE AT 40C: 80 000 hours
125DH9
Static pressure: mmH2O Static pressure: InH2O
Airflow: l/s
Part Number
125DH9LP11241
Nominal voltage
V
Airflow
l/s
Noise level
dB(A)
Nominal speed Input Power
RPM W
Voltage range
V
Connection type Operating temperature
Leads Terminals Min.C Max.C
110
49
42,5
3050
7,15
(82-146)
X
-25
70
Additional versions:
IP54: consult factory
Accessories:
Refer to Accessories leaflet
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2008


▲Up To Search▲   

 
Price & Availability of 125DH9LP11241

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X