|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0916270001 Active rast_power_connector 5.00mm (.197") Pitch Appli-Mate(R) RAST Power IDT Housing, Direct/Indirect, Female, 2 Circuits, Glow Wire Compatible, Fully Coded, Open End Walls Documents: 3D Model Drawing (PDF) Product Specification PS-91627-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA UL General Product Family Series Crimp Quality Equipment Overview Product Name Use With IDT and Solder Connectors 91627 Yes rast_power_connector RAST 5 RAST standard interface Physical Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Stackable Temperature Range - Operating Termination Interface: Style Wire Size AWG 2 2 Natural (White) 10 94V-2 Female Yes None High Performance Alloy (HPA) Tin Tin Nylon 1 Tray No 0.197 In 5.00 mm 0.197 In 5.00 mm 32 0.80 32 0.80 Yes No -40C to +120C IDT or Pierce 18, 22 Search Parts in this Series 91627Series Mates With Appli-Mate RAST 2.5 Header 93071 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Appli-Mate Rast 0622030000 2.5 Power Manual Terminator RAST 2.5 Semi0623006000 Automatic Terminator Machine For Appli-MateTM Connectors Electrical Current - Maximum per Contact Voltage - Maximum 6A 250V AC Material Info Reference - Drawing Numbers Application Specification Packaging Specification Product Specification Sales Drawing AS-91627-001 PK-91627-001 PS-91627-001 SD-91627-001 This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0916270001 |