|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/01/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0877156005 Planned for Obsolescence 1.00mm (.039") Pitch, PCI Express* Connector, 36 Circuits, Nylon 6/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38m (15") Gold (Au) Plating, with Plastic Pegs, 3.00mm (.118") Soldertail, Lead Free Documents: 3D Model Drawing (PDF) Product Specification PS-87715-200 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA UL General Product Family Series Comments Component Type Product Name Edge Card Connectors 87715 PCI 1 lane Edgecard to PCB PCI Express* Physical Circuits (Loaded) Circuits (maximum) Circuits Detail Durability (mating cycles max) Entry Angle Flammability Keying to Mating Part Material - Plating Mating Material - Plating Termination PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Temperature Range - Operating Termination Interface: Style 36 36 All Signal 50 Vertical (Top Entry) 94V-0 Yes Gold Tin 0.118 In 3.00 mm Yes Yes 0.093 In 2.40 mm Tray 0.039 In 1.00 mm 0.039 In 1.00 mm 15 0.38 Yes -55C to +85C Through Hole Search Parts in this Series 87715Series Mates With PCI Express Card Electrical Current - Maximum per Contact Voltage - Maximum 1.1A 50V AC (RMS)/DC Solder Process Data Lead-free Process Capability Wave Capable (TH only) Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing Test Summary * PCI Express is a registered trademark of PCI-SIG(R) PK-87715-207 PS-87715-200 SD-87715-207 TS-87715-207 This document was generated on 06/01/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0877156005 |