Part Number Hot Search : 
TLN115 S16KSD2 AS7C3 2SC2062 1N5355B PBYR1060 EE08720 T8200175
Product Description
Full Text Search
 

To Download 0876125MXEP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead & Cartridge Fuses
3.6 X 10 mm > Fast-Acting > 876 Series
876 Series Fuse,
Lead-free 3.6 x 10 mm, Fast-Acting Fuse Description
Features
Sheet 3
Agency
Agency File Number
Ampere Range
40022494 E10480
0.125 - 0.630A 1.6 - 5A 0.125 - 5A
Applications
Electrical Characteristics
% of Ampere Rating 150% 210% 275% 400% 1000% Opening Time 60 minutes, Minimum 30 minutes, Maximum 10 ms., Min.; 3 sec. Max. 3 ms., Min.; 300 ms. Max. 20 ms. Max.
Electrical Characteristics
Ampere Rating (A) 0.125 0.160 0.250 0.630 1.6 2.0 4.0 5.0 Voltage Rating (V) 250 250 250 250 250 250 250 250 Nominal Agency Approvals Nominal Nominal Nominal Power Cold Melting Voltage Dissipation Resistance 2 I t (A2 sec) Drop (mV) (mW) (Ohms) 1.066 1.000 0.573 0.131 0.0388 0.0329 0.0149 0.0111 0.020 0.028 0.110 0.170 1.8 2.51 14.64 26.85 168 183 87 102 70 70 70 66 60 92 62 221 382 470 985 1200 x x x x x x x x x x x x x x x x
Amp Code
Interrupting Rating 35A @ 250 V AC 35A @ 250 V AC 35A @ 250 V AC 35A @ 250 V AC 35A @ 250 V AC 35A @ 250 V AC 40A @ 250 V AC 50A @ 250 V AC
.125 .160 .250 .630 01.6 002. 004. 005.
(c) 2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/876.html for current information.
239 Revised: February 3, 2009
876 Series
876 Series
Introduction to & Cartridge Fuses Axial Lead Circuit Protection
Transientology 3.6 X 10 mm > Fast-Acting > 876 Series
Temperature Rerating Curve
Average Time Current Curves
.250A
.125A .160A
.630A
1.6A 2A
4A
1000
100
10
TIME IN SECONDS
1
0.1
0.01
0.001 0.1 1 10 CURRENT IN AMPS 100 100 0
Soldering Parameters - Wave Soldering
300
Temperature (C) - Measured on bottom side of board
280 260 240 220 200 180 160 140 120 100 80 60 40 20 100 110 120 130 140 150 160 170 180 190 200 210 220 230 240 10 20 30 40 50 60 70 80 90 0 0
Recommended Process Parameters:
Wave Parameter Preheat: 100 C 150 C Solder Pot Temperature: Solder Dwell Time: 260 C Maximum Lead-Free Recommendation
Time (Seconds) Preheat Time Dwell Time Cooling Time
Recommended Hand-Solder Parameters:
Note: These devices are not recommended for IR or Convection Reflow process.
5A
876 Series
240 Revised: February 3, 2009
(c) 2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/876.html for current information.
Axial Lead & Cartridge Fuses
3.6 X 10 mm > Fast-Acting > 876 Series
Product Characteristics
Materials Terminal Strength Solderability Product Marketing Packaging 2003-01 Annex A Operating Temperature Thermal Shock Vibration Humidty Salt Spray
Dimensions
Part Numbering System
0876 xxxx M X E P
Series Amp Code
Refer to Amp Code column of Electrical Characteristics Table
Quantity Code
M = 1000
Packaging Code
X = Filler
Option Code
E = Axial Leaded
Lead-free
P = Lead-Free Others = Special Options Please call Littelfuse for detail
All dimensions in mm
Packaging
Packaging Option 876 Series EIA 296 1000 1000 MXE Packaging Specification Quantity Quantity & Packaging Code Taping Width
(c) 2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/876.html for current information.
241 Revised: February 3, 2009
876 Series
876 Series


▲Up To Search▲   

 
Price & Availability of 0876125MXEP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X