Part Number Hot Search : 
106X00 SBU10G LVC14A EVKIT SMAJ36A 1N6062E3 AD7872KR CGP20
Product Description
Full Text Search
 

To Download 0712510027 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0712510027 Active
1.27mm (.050") Pitch DIMM Socket, Vertical, Multiple Keys, Plastic Peg, 168 Circuits, 3.3V Synchronous
Documents: 3D Model Drawing (PDF)
Product Specification PS-71243-9999 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Comments Component Type JEDEC Outline Product Name Memory Module Sockets 71251 Function Key Offset Left, Voltage Key Center Memory Module MO-161 DIMM
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Entry Angle Flammability Function Key Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Temperature Range - Operating Termination Interface: Style 168 168 Black, Natural 25 Vertical (Top Entry) 94V-0 Offset Left Yes Phosphor Bronze Gold Tin High Temperature Thermoplastic 0.127 In 3.23 mm Yes Yes 0.062 In 1.57 mm Tray 0.050 In 1.27 mm 0.050 In 1.27 mm 2 0.05 150 3.81 -40C to +85C Through Hole
Search Parts in this Series 71251Series Mates With JEDEC MO-161 modules
Electrical
Current - Maximum per Contact Voltage - Maximum Voltage Key 1A 100V AC (RMS)/DC Center
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-71243-9999 SDA-71251-0***
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0712510027

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X