|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0430310010 Active microfit_30 Micro-Fit 3.0TM Crimp Terminal, Male, with Tin (Sn) Plated Tin/Brass Alloy Contact, 26-30 AWG, Bag Documents: Drawing (PDF) Product Specification PS-43045 (PDF) RoHS Certificate of Compliance (PDF) Series General Product Family Series Crimp Quality Equipment MolexKits Overview Product Literature Order No Product Name Crimp Terminals 43031 Yes Yes microfit_30 USA-106 Micro-Fit 3.0TM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Male Phosphor Bronze Tin Tin Bag 40 1.00 40 1.00 Crimp or Compression 1.27mm (.050") max. 26, 28, 30 N/A Search Parts in this Series 43031Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Extraction Tool 0011030043 Hand Crimp Tool 0638190000 Insertion Tool for 0638120800 Micro-Fit 3.0TM Crimp Terminal Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-43030-003 PS-43045, RPS-43045-003, RPS-43045-004 SD-43031-**** This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0430310010 |