Part Number Hot Search : 
6047606 KIA7731P 35507 102J0 KIA7721S CA3100T U8797JFT UGRP20D
Product Description
Full Text Search
 

To Download 0395434503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0395434503 Active
5.00mm (.197") Pitch EurostyleTM Horizontal Fixed Mount PCB Terminal Block, Modular, 3 Circuits
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39543 Wire-to-Board One Piece USA-355 ESE, EurostyleTMFixed Mount Euro Block
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Wire Size AWG Wire Size mm 3 Vertical None 1 Horizontal 0.138 In 3.50 mm 0.098 In 2.50 mm No 0.197 In 5.00 mm N/A Yes -40C to +105C 16, 18, 20, 22, 24 0.20 - 1.31
Search Parts in this Series 39543Series
Electrical
Current - Maximum per Contact Voltage - Maximum 10A 300V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 135 260
Material Info Reference - Drawing Numbers
Sales Drawing SD-39501-002, SD-39543-006
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Molded to Length Black 100% Tin Circuit size 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Printing Options None 395433102 395433103 395433104 395433105 395433106 395433107 395433108 395433109 395433110 395433111 395433112 395433113 395433114 395433115 395433116 395433117 395433118 395433119 395433120 395433121 395433122 395433123 395433124 10A 395435102 395435103 395435104 395435105 395435106 395435107 395435108 395435109 395435110 395435111 395435112 395435113 395435114 395435115 395435116 395435117 395435118 395435119 395435120 395435121 395435122 395435123 395435124 11A 395437102 395437103 395437104 395437105 395437106 395437107 395437108 395437109 395437110 395437111 395437112 395437113 395437114 395437115 395437116 395437117 395437118 395437119 395437120 395437121 395437122 395437123 395437124 None 395933102 395933103 395933104 395933105 395933106 395933107 395933108 395933109 395933110 395933111 395933112 395933113 395933114 395933115 395933116 395933117 395933118 395933119 395933120 395933121 395933122 395933123 395933124 Green 100% Tin Printing Options 10A 395935102 395935103 395935104 395935105 395935106 395935107 395935108 395935109 395935110 395935111 395935112 395935113 395935114 395935115 395935116 395935117 395935118 395935119 395935120 395935121 395935122 395935123 395935124 11A 395937102 395937103 395937104 395937105 395937106 395937107 395937108 395937109 395937110 395937111 395937112 395937113 395937114 395937115 395937116 395937117 395937118 395937119 395937120 395937121 395937122 395937123 395937124 None 395434502 395434503 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A Black 100% Tin
Material Numbers Stackable Green 100% Tin Printing Options 11A 395438502 395438503 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A None 395934502 395934503 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 10A 395936502 395936503 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A 11A 395938502 395938503 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A Dim. A mm inch Dim B mm 5.00 inch 0.197 Dimensional Information
Printing Options 10A 395436502 395436503 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A
Description 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle 5.0mm, Euro Block, PC Mount, Right Angle
10.00 0.394
15.00 0.591 10.00 0.394 20.00 0.787 15.00 0.591 25.00 0.984 20.00 0.787 30.00 1.181 25.00 0.984 35.00 1.378 30.00 1.181 40.00 1.575 35.00 1.378 45.00 1.772 40.00 1.575 50.00 1.969 45.00 1.772 55.00 2.165 50.00 1.969 60.00 2.362 55.00 2.165 65.00 2.559 60.00 2.362 70.00 2.756 65.00 2.559 75.00 2.953 70.00 2.756 80.00 3.150 75.00 2.953 85.00 3.346 80.00 3.150 90.00 3.543 85.00 3.346 95.00 3.740 90.00 3.543 100.00 3.937 95.00 3.740 105.00 4.134 100.00 3.937 110.00 4.331 105.00 4.134 115.00 4.528 110.00 4.331 120.00 4.724 115.00 4.528


▲Up To Search▲   

 
Price & Availability of 0395434503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X