Part Number Hot Search : 
ANTXV BJ9V1A SCD4003 1N4005 ST380C MC7442P AD842 05S30
Product Description
Full Text Search
 

To Download 0395434312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0395434312 Active
5.00mm (.197") Pitch EurostyleTM 45 Wire Entry Fixed Mount PCB Terminal Block, 12 Circuits
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39543 Wire-to-Board One Piece USA-355 ESE, EurostyleTMFixed Mount Euro Block
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Wire Size AWG Wire Size mm 12 45 Angle None 1 45 Angle 0.173 In 4.40 mm 0.134 In 3.40 mm No 0.197 In 5.00 mm N/A No -40C to +105C 14, 16, 18, 20, 22 0.33 - 2.08
Search Parts in this Series 39543Series
Electrical
Current - Maximum per Contact Voltage - Maximum 10A 300V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 135 260
Material Info Reference - Drawing Numbers
Sales Drawing SD-39501-002, SD-39543-002
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Black 100% Tin Circuit size Printing Options None 395434302 395434303 395434304 395434305 395434306 395434307 395434308 395434309 395434310 395434311 395434312 395434313 395434314 395434315 395434316 395434317 395434318 395434319 395434320 395434321 395434322 395434323 395434324 10A 395436302 395436303 395436304 395436305 395436306 395436307 395436308 395436309 395436310 395436311 395436312 395436313 395436314 395436315 395436316 395436317 395436318 395436319 395436320 395436321 395436322 395436323 395436324 11A 395438302 395438303 395438304 395438305 395438306 395438307 395438308 395438309 395438310 395438311 395438312 395438313 395438314 395438315 395438316 395438317 395438318 395438319 395438320 395438321 395438322 395438323 395438324 None 395934302 395934303 395934304 395934305 395934306 395934307 395934308 395934309 395934310 395934311 395934312 395934313 395934314 395934315 395934316 395934317 395934318 395934319 395934320 395934321 395934322 395934323 395934324 Green 100% Tin Printing Options 10A 395936302 395936303 395936304 395936305 395936306 395936307 395936308 395936309 395936310 395936311 395936312 395936313 395936314 395936315 395936316 395936317 395936318 395936319 395936320 395936321 395936322 395936323 395936324 11A 395938302 395938303 395938304 395938305 395938306 395938307 395938308 395938309 395938310 395938311 395938312 395938313 395938314 395938315 395938316 395938317 395938318 395938319 Dim. A mm inch Dim B mm 5.00 inch 0.197 Dimensional Information
Description 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg 5.0mm, Euro Block, PC Mount, 45 Deg
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
10.80 0.425
15.80 0.622 10.00 0.394 20.80 0.819 15.00 0.591 25.80 1.016 20.00 0.787 30.80 1.213 25.00 0.984 35.80 1.409 30.00 1.181 40.80 1.606 35.00 1.378 45.80 1.803 40.00 1.575 50.80 2.000 45.00 1.772 55.80 2.197 50.00 1.969 60.80 2.394 55.00 2.165 65.80 2.591 60.00 2.362 70.80 2.787 65.00 2.559 75.80 2.984 70.00 2.756 80.80 3.181 75.00 2.953 85.80 3.378 80.00 3.150 90.80 3.575 85.00 3.346 95.80 3.772 90.00 3.543
395938320 100.80 3.968 95.00 3.740 395938321 105.80 4.165 100.00 3.937 395938322 110.80 4.362 105.00 4.134 395938323 115.80 4.559 110.00 4.331 395938324 120.80 4.756 115.00 4.528


▲Up To Search▲   

 
Price & Availability of 0395434312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X