Part Number Hot Search : 
D221MF 2PB1424 MMSZ4V3B CVCO55B ELM307P MMBT5550 74V1G02S LVC4245A
Product Description
Full Text Search
 

To Download 0022041081 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0022041081 Active
kk 2.50mm (.098") Pitch Wire-to-Board KK(R) Header, Vertical, with Friction Ramp, 8 Circuits, Tin (Sn) Plating
Documents: 3D Model Drawing (PDF) Product Specification PS-5045-001 (PDF) Product Specification PS-5045-002 (PDF) Product Specification PS-5051-005 (PDF)
Product Specification PS-5102-001 (PDF) Product Specification PS-5102-002 (PDF) Product Specification PS-51191-002 (PDF) Product Specification PS-5251-001 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL LR19980 R72090224 E29179
General
Product Family Series Application Overview Product Name PCB Headers 5045 Wire-to-Board kk KK(R)
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) No 8 8 Natural 30 No 94V-0 No No None Yes Brass Tin Tin Nylon 1 Vertical 0.134 In 3.40 mm No None 0.062 In 1.60 mm Bag 0.098 In 2.50 mm 200 5 200 5
Search Parts in this Series 5045Series Mates With KK(R) 2.50mm (.098") housings, 51191 , 5051
Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
No Partial No No -40C to +105C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 250V
Material Info
Old Part Number 5045-08A
Reference - Drawing Numbers
Packaging Specification Product Specification SPK-5045 PS-5045-001, PS-5045-002, PS-5051-005, PS-5102-001, PS-5102-002, PS-51191-002, PS-5251-001, RPS-5045-001, RPS-51191-007 SD-5045-NA
Sales Drawing
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0022041081

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X