Part Number Hot Search : 
WS2295B GPDP4218 CPZ18 MUR120 HC11E1 MAX1039 LT1313CS NB7LQ572
Product Description
Full Text Search
 

To Download VSBU-150-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 rev. page page date date 1 of 3
01/2008
PART NUMBER: VSBU-150 series
DESCRIPTION: single output switching power supply
features
* * * * wide input voltage range: 90~264 V ac, 47~63 Hz internal EMI filter single output input connector mates with Molex housing 09-50-3051 and Molex 2478 series crimp terminal * output connector mates with Molex housing 09-50-3061 (or 09-50-3081) and Molex 2478 series crimp terminal * output voltage available from 9 to 48 V dc * input surge current and over load protection * over voltage protection (crowbar design) * size: 3 x 5 x 1.09 inches * class I insulation * 2 year warranty
model number VSBU-150-9 VSBU-150-12 VSBU-150-15 VSBU-150-18 VSBU-150-24 VSBU-150-30 VSBU-150-36 VSBU-150-48
output voltage 9 V dc 12 V dc 15 V dc 18 V dc 24 V dc 30 V dc 36 V dc 48 V dc
output current 16 A 12.5 A 10 A 8.33 A 6.25 A 5A 4.17 A 3.13 A
total regulation 5% 5% 5% 4% 3% 2% 2% 2%
max output power 144 W 150 W 150 W 150 W 150 W 150 W 150 W 150 W
INPUT
parameter input frequency input voltage input current inrush current leakage current conditions/description output power derated from 85-90 V ac AC input of 115 V ac AC input of 230 V ac measured at 115 V ac at full load, cold start measured at 230 V ac at full load, cold start measured at 240 V ac min 47 90 nom max 63 264 2.0 0.8 15 30 0.75 units Hz VAC A A A A mA
12 26 0.5
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2382
rev. page date 2 of 3
01/2008
PART NUMBER: VSBU-150 series
DESCRIPTION: single output switching power supply
OUTPUT
parameter ripple and noise line regulation load regulation temperature drift rise time hold-up time conditions/description min nom 0.5% 0.5% 3% max +1% +1% +5% +0.04% 4 units
-0.04% 16
mS mS
PROTECTION CIRCUIT
parameter output over current over voltage conditions/description min 110 112 nom max 150 132 units % %
GENERAL
parameter operating temp. storage temp. operating humid. storage humid. isolation voltage (HI-POT) RoHS safety conditions/description min 0 -40 5% 5% 50 4242 2121 nom max 70 85 95% 95% units C C RH RH M V dc V ac
non-condensing non-condensing 500 V dc test voltage primary to secondary primary to ground yes approved to UL/cUL, TUV-Baurart, CE, CISPR-22 class B, FCC part 15 class B, CB
note:
1. to meet the standard of EN61204-3 class B, use the external noise filter between L and N (refer to manual)
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2382
rev. page date 3 of 3
01/2008
PART NUMBER: VSBU-150 series
DESCRIPTION: single output switching power supply
MECHANICAL DRAWING
PIN 1 2 3 4 5 6 7 8 9 10 11 12 13*
out out out out out out rtn rtn rtn rtn rtn rtn pfd
*13 is optional
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2382


▲Up To Search▲   

 
Price & Availability of VSBU-150-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X