Part Number Hot Search : 
BUL39D B2300 RODUCTS SR100 12F60 T6313A TLP747G 78D05
Product Description
Full Text Search
 

To Download VS-150-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 *
VS-150-12 Metal Enclosed Switching Power Supply
Features
*AC input range selectable by switch *Short circuit, overload, over-voltage protected *Cooling by free air convection *100% full load burn-in test *Fixed switching frequency at 25KHz *2 year warranty
DC output voltage Output V. tolerance Output rated current Output current range Ripple & noise Line regulation Load regulation DC output power Efficiency DC voltage adj. Input voltage range AC current Inrush current Leakage current Overload protection Over voltage protection Over temp. protection Temperature coefficient Set up, rise, hold up time Vibration Withstand voltage Isolation resistance Working temp., humidity Storage temp., humidity Dimensions Weight Safety standards EMC standards
Notes:
12V 1% 12.5A 0-12.5A 180mVp-p 0.3% 0.3% 150.3W 82% 10.6-13.2V ( 10% rated output voltage) 88~132VAC / 176~264VAC selected by switch 47~63Hz; 248~370VDC 3.2A/115V 1.6A/230V cold start 35A <3.5mA/240VAC 105%~150% shutoff, AC recycle to restart 115%~135% --0.03% / C (0~50C) 100ms, 50ms, 20ms 10~500Hz, 2G 10min./1cycle (1 hour each axes) I/P-O/P:3KVAC, I/P-FG:1.5KVAC, O/P-FG:0.5KVAC, for 1 min. I/P-O/P, I/P-FG, O/P-FG:500VDC / 100M Ohms min. -10C~+60% (refer to output derating curve), 20%-90% RH -20C~+85C, 10%~95% RH 7.83x4.33x1.97 inches (199x110x50 mm) 1.76 lbs (0.8 Kg) UL1950, TUV EN60950, UL 1012 CISPR22 (EN55022), IEC1000-4-2,3,4,5 IEC1000-3-2
1. All parameters are specified at 230VAC input, rated load, 25C 70% RH ambient 2. Tolerance includes set up tolerance, line regulation, load regulation 3. Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uF & 47 uF capacitor 4. Line regulation is measured from low line to high line at rated load 5, Load regulation is measure from 0% to 100% rated load
*V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise customers to verify the most up-to-date product information before placing orders. V-Infinity assumes no liability or responsibility for customer's applications using V-Infinity products other than repair or replacing (at V-I's option) V-Infinity products not meeting V-I's published specifications. Nothing will be covered outside of standard product warranty.
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
*
Block Diagram
VS-150-12 Metal Enclosed Switching Power Supply
Output Derating
Static Characteristics
Dimensions (mm)
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258


▲Up To Search▲   

 
Price & Availability of VS-150-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X