Part Number Hot Search : 
TB019 TSC326 2903002 WD76C31 FE01E 91614 GP2A200 T52C2
Product Description
Full Text Search
 

To Download USB-A-001A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series USB-A Universal Serial Bus, Type A - 90 Receptacle (TH)
Specifications
Insulation Resistance: Current Rating: Voltage Rating: Contact Resistance: Withstanding Voltage: . 1,000M min. 1A 30V ACrms 30m max. (initial) 500V AC
I/O Connectors
Part Numbers (Single Port)
USB-A-001A USB-A-001A-30* * see Materials and Finish
Materials and Finish
Housing: Shell: Contacts: Contact Plating: PBT, Glass Filled (UL94V-0) Copper Alloy, Ni plated Copper Alloy Solder Terminal - Sn over Ni Mating Area - USB-A-001A = Au Flash over Ni - USB-A-001A-30 = 30" Au over Ni
Single Port Type (USB-A-001A)
14.0
Housing
5.12
Shell
2.84
3.72
10.28
Recommended PCB Layout
2.5 2.0 2.3 2.71 0.92
Top View 10.28 3.07 13.14
front edge of connector
Trading Division
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Connectors
E-1
USB (Universal Serial Bus and IEEE1394
13.10
12.50
5.72
6.99
7.12
2.50
2.00
7.00
I/O Connectors
Specifications
Insulation Resistance: Current Rating: Voltage Rating: Contact Resistance: Withstanding Voltage: .
Series USA-A Universal Serial Bus, Type A - 90 Dual Port Receptacle (TH)
Part Numbers (Dual Port)
1,000 M min. 1A 30V ACrms max. 30 m max. 500V AC for 1 minute
USB-A-002A
*USB-A-002A-30
* see Materials and Finish
Materials and Finish
Housing: Shell: Contacts: Contact Plating: PBT Glass Filled UL94V-0 Copper Alloy, Nickel Plated Copper Alloy Solder Terminal - Sn over Ni Mating Area - USB-A-002A = Au Flash over Ni - USB-A-002A-30 = 30" Au over Ni
Double Port Type (USB-A-002A)
Housing 16.96
Shell
13.10
14.50
12.5
5.12 15.49 14.22 15.62 3.72 2.84 10.28 2.5 2.0 7.0
Recommended PCB Layout
3.0 0.92 2.5 2.0
5.68
5.33
2.71
Top View 10.28 3.07 7.0
PCB edge
E-2
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
5.12 Trading Division
13.62
8.5


▲Up To Search▲   

 
Price & Availability of USB-A-001A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X