Part Number Hot Search : 
168T319 PMB23 D103B SURKSG 2N390 AAT8303 2N390 2N390
Product Description
Full Text Search
 

To Download U100-57-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FERROXCUBE
DATA SHEET
U100/57/25 U, I cores and accessories
Supersedes data of September 2004 2008 Sep 01
Ferroxcube
U, I cores and accessories
U CORES Effective core parameters SYMBOL (I/A) Ve Ie Ae m PARAMETER core factor (C1) effective volume effective length effective area mass of core half VALUE 0.478 308 645 500 UNIT mm-1 mm mm2 g
57.1 0.4 31.7 0.75
handbook, halfpage
U100/57/25
101.6 50.8 2
2 1 25.4 0.8
199 000 mm3
25.4 0.8
MBA291
Dimensions in mm.
Fig.0 U100/57/25 core half. Core halves AL measured on a combination of 2 U cores. GRADE 3C90 3C94 AL (nH) 5500 25% 5500 25% e 2200 2200 TYPE NUMBER U100/57/25-3C90 U100/57/25-3C94
Properties of core sets under power conditions B (mT) at GRADE H = 250 A/m; f = 25 kHz; T = 100 C 320 320 f = 25 kHz; = 200 mT; B T = 100 C 26 - CORE LOSS (W) at f = 100 kHz; B = 100 mT; T = 100 C 32 26
3C90 3C94
2008 Sep 01
1361
Ferroxcube
U, I cores and accessories
DATA SHEET STATUS DEFINITIONS DATA SHEET STATUS Preliminary specification Product specification PRODUCT STATUS Development DEFINITIONS
U100/57/25
This data sheet contains preliminary data. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
DISCLAIMER Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Ferroxcube customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Ferroxcube for any damages resulting from such application. PRODUCT STATUS DEFINITIONS STATUS Prototype Design-in Preferred Support INDICATION DEFINITION These are products that have been made as development samples for the purposes of technical evaluation only. The data for these types is provisional and is subject to change. These products are recommended for new designs. These products are recommended for use in current designs and are available via our sales channels. These products are not recommended for new designs and may not be available through all of our sales channels. Customers are advised to check for availability.
2008 Sep 01
1362


▲Up To Search▲   

 
Price & Availability of U100-57-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X