Part Number Hot Search : 
VN808SR 022BM CH7012 S71XXF 1000B MJE5172 FR201 PIC18F4
Product Description
Full Text Search
 

To Download TD3W-15D2405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
TD3W Series
4:1 Input, 15 Watt
MODEL NUMBER
OUTPUT VOLTAGE 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
OUTPUT CURRENT 3000 mA 1250 mA 1000 mA 1500 mA 625 mA 500 mA
OUTPUT POWER 15W 15W 15W 15W 15W 15W
9-36 VDC IN TD3W-15S1205 TD3W-15S1212 TD3W-15S1215 TD3W-15D1205 TD3W-15D1212 TD3W-15D1215
18-72 VDC IN TD3W-15S2405 TD3W-15S2412 TD3W-15S2415 TD3W-15D2405 TD3W-15D2412 TD3W-15D2415
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted. INPUT SPECIFICATIONS Nominal Line, 9-36V Input................................12 VDC 18-72V Input..............................24 VDC Input Filter........................................................Pi Filter Reverse Input Protection...............Internal Shunt Diode, Use External Fuse OUTPUT SPECIFICATIONS Voltage Accuracy, Single..............................1%, Max. Dual +Output...................1%, Max. -Output....................3%, Max. Voltage Balance, Dual...................................1%, Max. Line Regulation, HL-LL..............................0.2%, Max. Load Regulation, 10%FL-FL.......................0.5%, Max. Minimum Load, Single Output...............................None Dual Output.........10% on Each Output Ripple and Noise, 20MHz BW, 5V/12V...100mVp-p, Max. 15V........120mVp-p, Max. Short Circuit Protection...............................Continuous GENERAL SPECIFICATIONS Efficiency.....................................................77% - 80% Isolation Voltage, Input to Output...........1,000 VDC, Min. Switching Frequency.................................200KHz, Min. Operating Temperature Range...............-15C to +71C Storage Temperature Range................-55C to +100C Cooling..........................................Free-Air Convection Case Material..............Metal with Non-Conductive Base
2.00 (50.8) 0.1 (2.5) 0.50 (12.7) 0.30 (7.6) 0.30 (7.6)
+OUT COM/NC*
-OUT 0.80 (20.3)
2.00 (50.8)
BOTTOM VIEW +IN -IN
0.60 (15.2) H 0.20 (5.1) 0.90 (22.9) H: 0.43 (11.0)
* NC (NO CONNECTION) ON SINGLE OUTPUT MODELS
PIN SIZE: 0.04 INCH (1.0 mm) DIA. ALL DIMENSIONS IN INCHES (mm)
-01/2008-
Tumbler Technologies + TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TD3W-15D2405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X