Part Number Hot Search : 
ZX84C3 A3PN060 H293T 1N473 MC9S0 H293T N5229B AOB440
Product Description
Full Text Search
 

To Download TC6-15D2405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
2:1 Input, 15 Watt
*MODEL NUMBER
TC6 Series
OUTPUT VOLTAGE 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
OUTPUT CURRENT 4500 3000 1250 1000 mA mA mA mA
OUTPUT POWER 14.8W 15W 15W 15W 15W 15W 15W
9-18 VDC IN TC6-15S123.3 TC6-15S1205 TC6-15S1212 TC6-15S1215 TC6-15D1205 TC6-15D1212 TC6-15D1215
18-36 VDC IN TC6-15S243.3 TC6-15S2405 TC6-15S2412 TC6-15S2415 TC6-15D2405 TC6-15D2412 TC6-15D2415
36-72 VDC IN TC6-15S483.3 TC6-15S4805 TC6-15S4812 TC6-15S4815 TC6-15D4805 TC6-15D4812 TC6-15D4815
1500 mA 625 mA 500 mA
Other input/output combinations available. *Add suffix "R" for "remote on/off" option. *Add suffix "A" for "external trim adjustment" option.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted. INPUT SPECIFICATIONS Nominal Line, 9-18V Input..................................12 VDC 18-36V Input..................................24 VDC 36-72V Input.................................48 VDC Input Filter............................................................Pi Filter OUTPUT SPECIFICATIONS Voltage Accuracy.............................................2%, Max. Voltage Balance, Dual Output..........................1%, Max. Line Regulation, HL-LL..................................0.5%, Max. Load Regulation, FL-25%FL............................1%, Max. Ripple and Noise, 20MHz BW.......Single, 50mVp-p, Max. Dual, 75mVp-p, Max. Short Circuit Protection.................... .............Continuous Remote On/Off Control, Optional......................Suffix "R" External Trim Adjustment, Optional; Suffix "A"...... 10% GENERAL SPECIFICATIONS Efficiency........................................................83% - 87% Isolation Voltage, Input to Output..............500 VDC, Min. Switching Frequency...................................250 kHz, Typ. EMI/RFI....................................Meets EN55022 Class A Operating Temperature Range................-25C to +71C Storage Temperature Range.................-40C to +100C Case Temperature.....................................+100C, Max. Cooling.............................................Free Air Convection Weight.................................................1.2 oz. (34 grams) Case Material...............Metal with Non-Conductive Base
1.00 (25.4) 0.40 (10.2) 0.40 (10.2) 0.10 (2.54) 0.22 (5.6) Min.
+OUT COM -OUT /NP* /TRIM BOTTOM VIEW +IN -IN
NP*/ Remote Option
0.80 (20.3)
2.00 (50.8)
0.60 (15.2)
0.20 (5.1)
0.60 (15.2)
0.40 (10.2)
*NP (NO PIN) ON SINGLE OUTPUT MODELS
PIN SIZE: 0.04 INCH (1.0 mm) DIA. ALL DIMENSIONS IN INCHES (mm)
Rev. C -1/2008-
Tumbler Technologies + TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TC6-15D2405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X