Part Number Hot Search : 
C200A 12160 TDA854 MC14161 60330L N5216D L1060ID DSPIC3
Product Description
Full Text Search
 

To Download SMBJ501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBJ SERIES
600 Watts Surface Mount Transient Voltage Suppressor SMB/DO-214AA
.083(2.10) .077(1.95)
Features
For surface mounted application Low profile package Built-in strain relief Glass passivated junction Excellent clamping capability Fast response time: Typically less than 1.0ps from 0 volt to BV min. Typical IR less than 1A above 10V High temperature soldering guaranteed: 260oC / 10 seconds at terminals Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 600 watts peak pulse power capability with a 10 x 1000 us waveform by 0.01% duty cycle
.187(4.75) .167(4.25)
.147(3.73) .137(3.48)
.012(.31) .006(.15)
.103(2.61) .078(1.99) .012(.31) .006(.15) .056(1.41) .035(0.90) .209(5.30) .201(5.10) .008(.20) .004(.10)
Dimensions in inches and (millimeters)
Mechanical Data
Case: Molded plastic Terminals: Pure tin plated lead free, Polarity: Indicated by cathode band except bipolar Standard packaging: 12mm tape (EIA STD RS-481) Weight: 0.093gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Type Number
Peak Power Dissipation at TA=25 C, Tp=1ms (Note 1)
o
Steady State Power Dissipation Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) (Note 2, 3) - Unidirectional Only Maximum Instantaneous Forward Voltage at 50.0A for Unidirectional Only (Note 4) Typical Thermal Resistance (Note 5)
Symbol PPK Pd IFSM VF R JC R JA TJ, TSTG
Value Minimum 600 3 100 3.5 / 5.0 10 55 -65 to + 150
Units Watts Watts Amps Volts
o
C/W
o Operating and Storage Temperature Range C o 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25 C Per Fig. 2. Notes: 2. Mounted on 5.0mm 2 (.013 mm Thick) Copper Pads to Each Terminal. 3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 pulses Per Minute Maximum. 4. VF=3.5V on SMBJ5.0 thru SMBJ90 Devices and VF=5.0V on SMBJ100 thru SMBJ170 Devices. 5. Measured on P.C.B. with 0.27 x 0.27" (7.0 x 7.0mm) Copper Pad Areas.
Devices for Bipolar Applications
1. For Bidrectional Use C or CA Suffix for Types SMBJ5.0 through Types SMBJ170. 2. Electrical Characteristics Apply in Both Directions.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (SMBJ SERIES)
FIG.1- PEAK PULSE POWER RATING CURVE
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 TA=250C
FIG.2- PULSE DERATING CURVE
PEAK PULSE POWER (Pppm) or CURRENT (lpp) DERATING IN PERCENTAGE, %
100
100
Pppm, PEAK PULSE POWER, KW
75
10
50
1
25
0.2" sq 5.0mm2 COPPER PAD AREAS
0.1 0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
0 0 25 50 75 100 125
O
150
175
200
td. PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE. C
FIG.3- CLAMPING POWER PULSE WAVEFORM
150
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
200 8.3ms Single Half Sine Wave JEDEC Method UNIDIRECTIONAL ONLY
lppm, PEAK PULSE CURRENT % IRSM
PULSE WIDTH (td) is DEFINED tr=10 sec. AS THE POINT WHERE THE PEAK CURRENT DECAYS to 50% of lppm
100
100
PEAK VALUE lppm HALF VALUE- lpp 2
50
10/1000 sec. WAVEFORM AS DEFINED BY R.E.A.
0 0
td
10 1.0 2.0 t, TIME, ms 3.0 4.0 1 10 NUMBER OF CYCLES AT 60Hz 100
FIG.5- TYPICAL JUNCTION CAPACITANCE
6000
VR=0
1000
Cj, JUNCTION CAPACITANCE, pF
Tj=25 0C f=1.0MHz Vsig=50mVp-p VR-RATED STAND-OFF VOLTAGE
100
10 1 2 10 20 100 200 VWM, REVERSE STAND-OFF VOLTAGE. (V)
Version: A06
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device Device Marking Code KD KE KF KG KH KK KL KM KN KP KQ KR KS KT KU KV KW KX KY KZ LD LE LF LG LH LK LL LM LN LP LQ LR LS LT LU LV LW LX LY LZ MD ME MF MG MH MK ML MM MN MP MQ MR MS MT
Breakdown Voltage Test Current VBR @IT(mA) (Volts) (Note 1) Min Max Stand-Off Voltage VWM (Volts) Maximum Maximum Reverse Leakage Peak Surge at Vwm Current IPPM ID (uA) (Note 2)(Amps) Maximum Clamping Voltage at IPPM VC(Volts)
SMBJ5.0 SMBJ5.0A SMBJ6.0 SMBJ6.0A SMBJ6.5 SMBJ6.5A SMBJ7.0 SMBJ7.0A SMBJ7.5 SMBJ7.5A SMBJ8.0 SMBJ8.0A SMBJ8.5 SMBJ8.5A SMBJ9.0 SMBJ9.0A SMBJ10 SMBJ10A SMBJ11 SMBJ11A SMBJ12 SMBJ12A SMBJ13 SMBJ13A SMBJ14 SMBJ14A SMBJ15 SMBJ15A SMBJ16 SMBJ16A SMBJ17 SMBJ17A SMBJ18 SMBJ18A SMBJ20 SMBJ20A SMBJ22 SMBJ22A SMBJ24 SMBJ24A SMBJ26 SMBJ26A SMBJ28 SMBJ28A SMBJ30 SMBJ30A SMBJ33 SMBJ33A SMBJ36 SMBJ36A SMBJ40 SMBJ40A SMBJ43 SMBJ43A
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8
7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.3 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8
10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 36 36 40 40 43 43
800.0 800.0 800.0 800.0 500.0 500.0 200.0 200.0 100.0 100.0 50.0 50.0 20.0 20.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Dimensions 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
in
65 68 55 61 51 56 47 52 44 48 42 46 39 43 37 40 33 37 31 34 28 31 26 29 24.4 inches and 27 23.1 25.1 21.8 24.2 20.0 22.8 19.5 21.5 17.6 19.4 15.0 17.7 14.6 16.0 13.5 14.9 12.6 13.8 11.7 13.0 10.6 11.8 9.8 10.8 8.8 9.7 8.2 9.0
9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 (millimeters) 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4
Vension: A06
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device Device Marking Code MU MV MW MX MY MZ ND NE NF NG NH NK NL NM NN NP NQ NR NS NT NU NV NW NX NY NZ PD PE PF PG PH PK PL PM PN PP PQ PR
Breakdown Voltage VBR Test Current (Volts) (Note 1) @IT(mA) Min Max Stand-Off Voltage VWM (Volts) Maximum Maximum Reverse Leakage Peak Surge at Vwm Current IPPM ID (uA) (Note 2)(Amps) Maximum Clamping Voltage at IPPM VC(Volts)
SMBJ45 50.0 61.1 1.0 45 5.0 SMBJ45A 50.0 55.3 1.0 45 5.0 SMBJ48 53.3 65.1 1.0 48 5.0 SMBJ48A 53.3 58.9 1.0 48 5.0 SMBJ51 56.7 69.3 1.0 51 5.0 SMBJ51A 56.7 62.7 1.0 51 5.0 SMBJ54 60.0 73.3 1.0 54 5.0 SMBJ54A 60.0 66.3 1.0 54 5.0 SMBJ58 64.4 78.7 1.0 58 5.0 SMBJ58A 64.4 71.2 1.0 58 5.0 SMBJ60 66.7 81.5 1.0 60 5.0 SMBJ60A 66.7 73.7 1.0 60 5.0 SMBJ64 71.1 86.9 1.0 64 5.0 SMBJ64A 71.1 78.6 1.0 64 5.0 SMBJ70 77.8 95.1 1.0 70 5.0 SMBJ70A 77.8 86.0 1.0 70 5.0 SMBJ75 83.3 102 1.0 75 5.0 SMBJ75A 83.3 92.1 1.0 75 5.0 SMBJ78 86.7 106 1.0 78 5.0 SMBJ78A 86.7 95.8 1.0 78 5.0 SMBJ85 94.4 115 1.0 85 5.0 SMBJ85A 94.4 104 1.0 85 5.0 SMBJ90 100 122 1.0 90 5.0 SMBJ90A 100 111 1.0 90 5.0 SMBJ100 111 136 1.0 100 5.0 SMBJ100A 111 123 1.0 100 5.0 SMBJ110 122 149 1.0 110 5.0 SMBJ110A 122 135 1.0 110 5.0 SMBJ120 133 163 1.0 120 5.0 SMBJ120A 133 147 1.0 120 5.0 SMBJ130 144 176 1.0 130 5.0 SMBJ130A 144 159 1.0 130 5.0 SMBJ150 167 204 1.0 150 5.0 SMBJ150A 167 185 1.0 150 5.0 SMBJ160 178 218 1.0 160 5.0 SMBJ160A 178 197 1.0 160 5.0 SMBJ170 189 231 1.0 170 5.0 189 209 1.0 170 5.0 SMBJ170A Note: 1. VBR measured after IT applied for 300us, IT=square wave pulse or equivatent. 2. Surge current waveform per Figure 3 and derate per Figure 2. 3. All terms and symbols are consistant with ANSI/IEEE C62.35. 4. For bidirectional use C or CA suffix for types SMBJ5.0 thorugh types SMBJ170. 5. For bipolar types having VWM of 10 volts(SMBJ8.0C) and under the ID limit is doubled.
7.8 8.6 7.3 8.1 6.9 7.6 6.5 7.2 6.1 6.7 5.8 6.5 5.5 6.1 5.0 5.5 4.7 5.2 4.5 5.0 4.1 4.6 3.9 4.3 3.5 3.8 3.2 3.5 2.9 3.2 2.7 3.0 2.3 2.5 2.2 2.4 2.0 2.2
80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275
Vension: A06
TVS APPLICATION NOTES:
Transient Voltage Suppressors may be used at various points in a circuit to provide various degrees of protection. The following is a typical linear power supply with transient voltage suppressor units placed at different points. All provide protection of the load.
FIGURE 1
Transient Voltage Suppressors 1 provides maximum protection. However, the system will probably require replacement of the line fuse(F) since it provides a dominant portion of the series impedance when a surge is encountered. However, we do not recommend to use the TVS diode here, unless we can know the electric circuit impedance and the magnitude of surge rushed into the circuit. Otherwise the TVS diode is easy to be destroyed by voltage surge. Transient Voltage Suppressor 2 provides execllent protection of circuitry excluding the transformer(T). However, since the transformer is a large part of the series impedance, the chance of the line fuse opening during the surge condition is reduced. Dimensions in inches and (millimeters) Transient Voltage Suppressor 3 provides the load with complete protection. It uses a unidirectional Transient Voltage Suppressor, which is a cost advantage. The series impedance now includes the line fuse, transformer, and bridge rectifier(B) so failure of the line fuse is further reduced. If only Transient Voltage Suppressor 3 is in use, then the bridge rectifier is unprotected and would require a higher voltage and current rating to prevent failure by transients. Any combination of these three, or any one of these applications, will prevent damage to the load. This would require varying trade-offs in power supply protection versus maintenance(changing the time fuse). An additional method is to utilize the Transient Voltage Suppressor units as a controlled avalanche bridge. This reduces the parts count and incorporates the protection within the bridge rectifier.
FIGURE 2 RECOMMENDED PAD SIZES
The pad dimensions should be 0.010"(0.25mm) longer than the contact size, in the lead axis. This allows a solder fillet to form, see figure below. Contact factory for soldering methods.
Vension: A06


▲Up To Search▲   

 
Price & Availability of SMBJ501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X