Part Number Hot Search : 
AAT8513 VS9ASH E100A G16V8AS 4N80B2C3 29351 CG5649 GL1F20
Product Description
Full Text Search
 

To Download SD-503500-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
5035000991 Active
2.50mm (.098") Pitch SD Memory Card Connector, 2.95mm (.116") Height, Normal Mount, Push-Push, with Detect, Protect and Anti-Card-Fly-Out Features
Documents: 3D Model Drawing (PDF)
Product Specification PS-503500-001 (PDF) RoHS Certificate of Compliance (PDF) Series Memory Card Sockets 503500 Push-Push Header & Ejector (Host) SD Card N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Button Type Component Type Product Name Type
Physical
Card Detection Switch Circuits (Loaded) Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Ports Temperature Range - Operating Termination Interface: Style Yes 9 10,000 No Ejector Button Present 90 Angle Yes Copper Alloy, Stainless Steel Gold Gold, Tin No Normal Yes Embossed Tape on Reel 0.098 In 2.50 mm 1 -25C to +85C Surface Mount
Search Parts in this Series 503500Series Use With SD Card
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 0.5A Yes 50V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SPK-503500-001 PS-503500-001, RPS-503500-001 SD-503500-001, SD-503500-002
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-503500-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X