Part Number Hot Search : 
MAX970 C10H1 QRB1134 CGY2105 IM43JR 1A470M OPI153 BY179
Product Description
Full Text Search
 

To Download RS-150-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 150W Single Output Switching Power Supply
Features :
RS-150
series
Protections:Short circuit/Over load/Over voltage Cooling by free air convection LED indicator for power on 100% full load burn-in test All using 105
long life electrolytic capacitors
Withstand 300VAC surge input for 5 second High operating temperature up to 70 Withstand 5G vibration test High efficiency, long life and high reliability 3 years warranty
SPECIFICATION
MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ. RANGE RS-150-3.3 3.3V 30A 0 ~ 30A 99W RS-150-5 5V 26A 0 ~ 26A 130W 80mVp-p 4.75 ~ 5.5V 2.0% 0.5% 1.0% RS-150-12 12V 12.5A 0 ~ 12.5A 150W 120mVp-p 11.4 ~ 13.2V 1.0% 0.5% 0.5% RS-150-15 15V 10A 0 ~ 10A 150W 120mVp-p 14.25 ~ 16.5V 1.0% 0.5% 0.5% RS-150-24 24V 6.5A 0 ~ 6.5A 156W 120mVp-p 22.8 ~ 26.4V 1.0% 0.5% 0.5% RS-150-48 48V 3.3A 0 ~ 3.3A 158.4W 200mVp-p 45.6 ~ 52.8V 1.0% 0.5% 0.5%
RIPPLE & NOISE (max.) Note.2 80mVp-p 3.2V ~ 3.5V VOLTAGE TOLERANCE Note.3 3.0% LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE INPUT EFFICIENCY(Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVER LOAD PROTECTION OVER VOLTAGE WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & ISOLATION RESISTANCE EMC
(Note 6) Note.4 Note.5
0.5% 2.0% 800ms, 20ms/230VAC 28ms/230VAC 47 ~ 63Hz 74%
1200ms, 30ms/115VAC at full load 248 ~ 373VDC(Withstand 300VAC surge for 5sec. Without damage) 84% 86% 87%
20ms/115VAC at full load
88 ~ 132VAC / 176 ~ 264VAC selected by switch 78% 83%
3A/115VAC 2A/230VAC COLD START 40A/230VAC <2mA / 240VAC 110 ~ 150% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed 3.8 ~ 4.45V 5.75 ~ 6.75V 13.8 ~ 16.2V 17.25 ~ 20.25V Protection type : Hiccup mode, recovers automatically after fault condition is removed -25 ~ +70 (Refer to output load derating curve) 20 ~ 90% RH non-condensing -40 ~ +85 , 10 ~ 95% RH 0.03%/ (0 ~ 50 ) 10 ~ 500Hz, 5G 10min./1cycle, period for 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 Approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC 27.6 ~ 32.4V 55.2 ~ 64.8V
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B HARMONIC CURRENT Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN61000-6-2 (EN50082-2) heavy industry level, criteria A EMS IMMUNITY MTBF DIMENSION PACKING 244KHrs min. MIL-HDBK-217F (25 199*98*38mm (L*W*H) 0.7Kg; 20pcs/15Kg/0.8CUFT )
OTHERS
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. Line regulation is measured from low line to high line at rated load. 5. Load regulation is measured from 0% to 100% rated load. 6. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 7. Length of set up time is measured at cold first start. Turning ON/OFF the power supply very quickly may lead to increase of the set up time.
File Name:RS-150-SPEC 2005-09-13
150W Single Output Switching Power Supply
Mechanical Specification
197
RS-150
series
Case No. 902A Unit:mm
12
9
1
9.5
2 3
85.5
5
8.2
6 7
80
3.5
4-
M
3
4.5
57.5 199
120
6.5
190
18
9.5
9
22
157
Terminal Pin. No Assignment
Pin No. 1 2 3 Assignment AC/L AC/N FG Pin No. 4,5 6,7 Assignment DC OUTPUT -V DC OUTPUT +V
Output Derating
Static Characteristics
Ta=25
100
100
Others
80
90 80 70
60
LOAD (%)
LOAD (%)
3.3V,5V
40
60 50 40
20
-25 -25
0 0
10
20
30
40
50
60
70 (VERTICAL) (HORIZONTAL)
88 176
95 190
100 200
115 230
120 240
28.5
3-M
18
3.5
3
38
132 264
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (VAC) 60Hz
File Name:RS-150-SPEC 2005-09-13
98
4
3.5
7
3.5


▲Up To Search▲   

 
Price & Availability of RS-150-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X