Part Number Hot Search : 
BUZ21SMD BD115 M00000 BAV16W06 LS100 00M5T AP9563GM 0722B
Product Description
Full Text Search
 

To Download RPS-75-24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 75W Single Output Medical Type
Features :
Universal AC input/Full range Low leakage current<200uA
RPS-75
series
Protections: Short circuit / Overload / Over voltage Free air convection for rated power and 23.5CFM forced air convection for peak load UL60601-1/IEC60601-1/EN60601-1 medical safety approved No load power consumption<0.75W Fixed switching frequency at 65KHz 3 years warranty
EN60601-1 IEC60601-1
SPECIFICATION
MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER PEAK LOAD (23.5CFM) OUTPUT VOLTAGE ADJ. RANGE VOLTAGE TOLERANCE Note.3 LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD UP TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE INPUT EFFICIENCY(Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVERLOAD PROTECTION OVER VOLTAGE WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE RPS-75-3.3 3.3V 15A 0 ~ 20A 49.5W 66W 2.9 ~ 3.6V 2.0% 0.5% 1.5% 80ms/230VAC 90 ~ 264VAC 47 ~ 63Hz 73% 1.5A/115VAC 78% 1A/230VAC 50A/230VAC 82% 83% 85% 86% 86% RPS-75-5 5V 14A 0 ~ 18.7A 70W 94W 80mVp-p 4.75 ~ 5.5V 2.0% 0.5% 1.5% RPS-75-12 12V 6.3A 0 ~ 8.3A 75.6W 99.6W 120mVp-p 11.4 ~ 13.2V 1.0% 0.5% 1.0% RPS-75-15 15V 5A 0 ~ 6.7A 75W 100.5W 150mVp-p 13.5 ~ 16.5V 1.0% 0.5% 1.0% RPS-75-24 24V 3.2A 0 ~ 4.2A 76.8W 100.8W 240mVp-p 22.8 ~ 27.6V 1.0% 0.5% 1.0% RPS-75-36 36V 2.1A 0 ~ 2.8A 75.6W 100.8W 300mVp-p 34.2 ~ 39.6V 1.0% 0.5% 1.0% RPS-75-48 48V 1.6A 0 ~ 2.1A 76.8W 100.8W 300mVp-p 45.6 ~ 52.8V 1.0% 0.5% 1.0%
RIPPLE & NOISE (max.) Note.2 80mVp-p
500ms, 30ms/230VAC
500ms, 30ms/115VAC at full load
20ms/115VAC at full load 127 ~370VDC
COLD START 25A/115VAC
Earth leakage current <200uA / 264VAC, Patient leakage current <100uA/264VAC 140 ~ 180% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed. 3.8 ~ 4.46V 5.75 ~ 6.75V 13.8 ~ 16.2V 17.25 ~ 20.25V 27.6 ~ 32.4V 41.4 ~ 48.6V 55.2 ~ 64.8V Protection type : Shut down o/p voltage, re-power to recover -20 ~ +70 (Refer to output load derating curve) 20 ~ 90% RH non-condensing -40 ~ +85 , 10 ~ 95% RH 0.03%/ (0 ~ 45 10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes UL60601-1, TUV EN60601-1, IEC60601-1 approved
SAFETY & EMC
(Note 4)
I/P-O/P:4KVAC I/P-FG:1.5KVAC O/P-FG:1.5KVAC I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC ISOLATION RESISTANCE EMI CONDUCTION & RADIATION Compliance to EN55011 (CISPR11), EN55022 (CISPR22) Class B Compliance to EN61000-3-2,-3
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, EN60601-1-2, EN61000-6-2, EN61204-3, heavy industry level, EN61204-3 medical level, criteria A
HARMONIC CURRENT EMS IMMUNITY MTBF OTHERS DIMENSION PACKING
NOTE
446.8K hrs min. MIL-HDBK-217F (25 127*76.2*31mm (L*W*H) 0.23Kg; 63pcs/15.5Kg/1.35CUFT
)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 5. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
File Name:RPS-75-SPEC 2008-03-25
75W Single Output Medical Type
Mechanical Specification
FAN
RPS-75
series
Unit:mm
23.5CFM min.
5.7
15cm
CN2 CN1 1 2 3 4 5 6 7 8 1 CN3 2
AC Input Connector (CN1) : JST B3P-VH or equivalent
Pin No. 1 2 3 Assignment AC/N No Pin AC/L Mating Housing JST VHR or equivalent Terminal JST SVH-21T-P1.1 or equivalent
64.75
76.2
3 2 1
DC Output Connector (CN2) : JST B8P-VH or equivalent
45.6 115.8 127
3.8
Pin No. 1,2,3,4 5,6,7,8
Assignment +V -V
Mating Housing JST VHR or equivalent
Terminal JST SVH-21T-P1.1 or equivalent
Remote Sense(CN3) : JST B2B-XH or equivalent
Pin No. 1 2 Assignment RS+ RSMating Housing JST XHP or equivalent Terminal JST SXH-001T-P0.6 or equivalent
Block Diagram
RECTIFIERS & FILTER RECTIFIERS & FILTER
3max.
31
fosc : 65KHz
+S
I/P
EMI FILTER
POWER SWITCHING
+V -V
-S
FG O.L.P. CONTROL
DETECTION CIRCUIT O.V.P.
Derating Curve
Output Derating VS Input Voltage
Ta=25
133
100
23.5CFM Forced air Cooling Others
100
90 80 70
Convection Cooling 3.3V,5V
80
LOAD (%)
LOAD (%)
0 10 20 30 40 50 60 70 (HORIZONTAL)
50
60 50 40
20
-20
90
95
100
115
120
140
160
180
200
220
240
264
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (VAC) 60Hz
File Name:RPS-75-SPEC 2008-03-25


▲Up To Search▲   

 
Price & Availability of RPS-75-24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X