Part Number Hot Search : 
550E009M 203DH3 LC74411N LH1485AT N7784B SD600NR 50N04 1SV246
Product Description
Full Text Search
 

To Download RM017A100JAN120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant SMPS Stacked MLC Capacitors
(RM Style) Technical Information on SMPS Capacitors
ELECTRICAL SPECIFICATIONS
Temperature Coefficient C0G: A Temperature Coefficient - 0 30 ppm/C, -55 to +125C X7R: C Temperature Coefficient - 15%, -55 to +125C Z5U: E Temperature Coefficient - +22, -56%, +10 to +85C Capacitance Test (MIL-STD-202 Method 305) C0G: 25C, 1.00.2 Vrms (open circuit voltage) at 1KHz X7R: 25C, 1.00.2 Vrms (open circuit voltage) at 1KHz Z5U: 25C, 0.5 Vrms max (open circuit voltage) at 1KHz Dissipation Factor 25C C0G: 0.15% Max @ 25C, 1.00.2 Vrms (open circuit voltage) at 1KHz X7R: 2.5% Max @ 25C, 1.00.2 Vrms (open circuit voltage) at 1KHz Z5U: 3.0% Max @ 25C, 0.5 Vrms max (open circuit voltage) at 1KHz Insulation Resistance 25C (MIL-STD-202 Method 302) C0G and X7R: 100K M or 1000 M-F, whichever is less. Z5U: 10K M or 1000 M-F, whichever is less. Insulation Resistance 125C (MIL-STD-202 Method 302) C0G and X7R: 10K M or 100 M-F, whichever is less. Z5U: 1K M or 100 M-F, whichever is less. Dielectric Withstanding Voltage 25C (Flash Test) C0G and X7R: 250% rated voltage for 5 seconds with 50 mA max charging current. (500 Volt units @ 750 VDC) Z5U: 200% rated voltage for 5 seconds with 50 mA max charging current. Life Test (1000 hrs) C0G and X7R: 200% rated voltage at +125C. (500 Volt units @ 600 VDC) Z5U: 150% rated voltage at +85C Moisture Resistance (MIL-STD-202 Method 106) C0G, X7R, Z5U: Ten cycles with no voltage applied. Thermal Shock (MIL-STD-202 Method 107, Condition A) Immersion Cycling (MIL-STD-202 Method 104, Condition B) Resistance To Solder Heat (MIL-STD-202, Method 210, Condition B, for 20 seconds)
Typical ESR Performance (m)
ESR @ 10KHz ESR @ 50KHz ESR @ 100KHz ESR @ 500KHz ESR @ 1MHz ESR @ 5MHz ESR @ 10MHz Aluminum Electrolytic 100F/50V 300 285 280 265 265 335 560 Low ESR Solid Tantalum 100F/10V 72 67 62 56 56 72 91 Solid Aluminum Electrolytic 100F/16V 29 22 20 18 17 17 22 MLCC SMPS 100F/50V 3 2 2.5 4 7 12.5 20 MLCC SMPS 4.7F/50V 66 23 15 8 7.5 8 14
HOW TO ORDER
RM0
AVX Style RM0 = Uncoated RM5 = Epoxy Coated
AVX Styles: RM-1, RM-2, RM-3, RM-4, RM-5, RM-6
7 C 106 M
Capacitance Tolerance C0G: J = 5% K = 10% M = 20%
1
A
Test Level A = Standard
N
Termination N = Straight Lead J = Leads formed in L = Leads formed out P = P Style Leads Z = Z Style Leads
650
Height Max Dimension "A" 120 = 0.120" 240 = 0.240" 360 = 0.360" 480 = 0.480" 650 = 0.650"
Size Voltage Temperature Capacitance See 50V = 5 Coefficient Code Dimensions 100V = 1 C0G = A (2 significant digits chart 200V = 2 X7R = C + number of zeros) 500V = 7 Z5U = E 10 pF = 100 100 pF = 101 1,000 pF = 102 22,000 pF = 223 220,000 pF = 224 1F = 105 10 F = 106 100 F = 107
X7R: K = 10% M = 20% Z = +80%, -20% Z5U: M = 20% Z = +80%, -20% P = GMV (+100, -0%)
Note: Capacitors with X7R and Z5U dielectrics are not intended for applications across AC supply mains or AC line filtering with polarity reversal. Contact plant for recommendations.
1
RoHS Compliant SMPS Stacked MLC Capacitors
(RM Style) Surface Mount and Thru-Hole Sytles (RM0, RM5)
CHIP SEPARATION 0.254 (0.010) TYP. CHIP SEPARATION 0.254 (0.010) TYP. E
CAPACITOR
D
E
1.651 0.254 (0.065 0.010)
B
A
1.397 (0.055) 0.254 (0.010) DETAIL A
B
R 0.508 (0.020) 3 PLACES
2.540 0.254 (0.100 0.010)
4.191 0.254 (0.165 0.010)
6.350 (0.250) MIN
6.35 (0.250) MIN.
0.508 (0.020) TYP. 2.54 (0.100) TYP. 2.54 (0.100) MAX. 0.635 (0.025) MIN.
C
0.254 (0.010) TYP. C
0.254 (0.010) TYP.
1.016 0.254 (0.040 0.010)
DETAIL A
"N" STYLE LEADS
"P" STYLE LEADS
CHIP SEPARATION 0.254 (0.010) TYP. CHIP SEPARATION 0.254 (0.010) TYP. E
D
0.254 (0.010) RAD. (TYP.)
E
B
A
1.397 (0.055) 0.254 (0.010)
0.254 (0.010) TYP. 1.905 (0.075) 0.635 (0.025) TYP.
0.254 (0.010) RAD. (TYP.)
0.508 (0.020) TYP. 2.54 (0.100) TYP. 2.54 (0.100) MAX. 0.635 (0.025) MIN.
0.254 (0.010)
1.778 (0.070)
C
0.254 (0.010)
1.778 (0.070)
C
0.254 (0.010) TYP. 1.905 (0.075) 0.635 (0.025) TYP.
"J" STYLE LEADS
"L" STYLE LEADS
B
A
1.397 (0.055) 0.254 (0.010)
RAD. 0.254 (0.010) (TYP)
0.254 (0.010) TYP.
D
E
1.778 0.254 (0.070 0.010)
0.508 (0.020) TYP. 2.54 (0.100) TYP. 2.54 (0.100) MAX. 0.635 (0.025) MIN.
C
DETAIL B
3.048 0.381 (0.120 0.015)
DETAIL B
"Z" STYLE LEADS millimeters (inches)
B (max.) C .635 (0.025) 11.4 20.3 11.4 10.2 6.35 31.8 (0.450) (0.800) (0.450) (0.400) (0.250) (1.250) D .635 (0.025) 52.1 38.4 26.7 10.2 6.35 52.1 (2.050) (1.510) (1.050) (0.400) (0.250) (2.050) E (max.) 12.7 22.1 12.7 11.2 7.62 34.3 (0.500) (0.870) (0.500) (0.440) (0.300) (1.350) No. of Leads per side 20 15 10 4 3 20
DIMENSIONS
Style RM-1 RM-2 RM-3 RM-4 RM-5 RM-6 A (max.)
For "N" Style Leads: "A" Dimension Plus 1.651 (0.065)
See page 10 for For "J" & "L" Style Leads: "A" Dimension Plus 2.032 (0.080) maximum "A" For "P" Style Leads: "A" Dimension Plus 4.445 (0.175) Dimension
For "Z" Style Leads: "A" Dimension Plus 3.048 (0.120)
Note: For RM5 add 0.127 (0.005) to max. and nominal dimensions A, B, D, & E
2
1.270 0.254 (0.050 0.010)
2.794 0.254 (0.110 0.010)
CHIP SEPARATION 0.254 (0.010) TYP.
RoHS Compliant SMPS Stacked MLC Capacitors
(RM Style)
Max Capacitance (F) Available Versus Style with Height (A) of 0.120" - 3.05mm
AVX STYLE RM01 _ _ _ _ _ _ AN120 50V 100V 200V 500V RM02 _ _ _ _ _ _ AN120 50V 100V 200V 500V RM03 _ _ _ _ _ _ AN120 50V 100V 200V 500V RM04 _ _ _ _ _ _ AN120 50V 100V 200V 500V RM05 _ _ _ _ _ _ AN120 50V 100V 200V 500V RM06 _ _ _ _ _ _ AN120 50V 100V 200V 500V
C0G X7R Z5U
1.0 27 84
.70 12 32
.40 7.0 12
.18 2.6
1.2 41
1.0 18 46
.60 11 34
.26 4.0 --
.47 .40 18 40 6.0 15
.20 3.6
.09 1.3
.16 7.5 12
.13 1.8 4.6
.07 1.1
.02 .40
.05 2.8
.04 .68 1.8
.02 .40
.01 .16
3.2 2.4 80 40
1.3 24 92
.50 9.4 --
- - 110
6.0 - -
3.0 - - 4.6
.72 - - 260 140
Max Capacitance (F) Available Versus Style with Height (A) of 0.240" - 6.10mm
AVX STYLE RM01 _ _ _ _ _ _ AN240 50V 100V 200V 500V RM02 _ _ _ _ _ _ AN240 50V 100V 200V 500V RM03 _ _ _ _ _ _ AN240 50V 100V 200V 500V RM04 _ _ _ _ _ _ AN240 50V 100V 200V 500V RM05 _ _ _ _ _ _ AN240 50V 100V 200V 500V RM06 _ _ _ _ _ _ AN240 50V 100V 200V 500V
C0G X7R Z5U
2.0 54 160
1.4 24 64
.80 14 24
.36 5.2
2.4 82
2.0 36 92
1.2 22 68
.52 8.0 --
1.0 .80 36 80 12 30
.40 7.2 12
.18 2.6 --
.32 15 24
.26 3.6 9.2
.14 2.2
.05 .80
.10 5.6
.08 1.3 3.6
.05 .80
.02 .32
6.4 4.8 160 80
2.6 48
1.0 18
- - 230
6.0 - - 9.2
1.4 - - 520 280 180 - -
Max Capacitance (F) Available Versus Style with Height (A) of 0.360" - 9.14mm
AVX STYLE RM01 _ _ _ _ _ _ AN360 50V 100V 200V 500V RM02 _ _ _ _ _ _ AN360 50V 100V 200V 500V RM03 _ _ _ _ _ _ AN360 50V 100V 200V 500V RM04 _ _ _ _ _ _ AN360 50V 100V 200V 500V RM05 _ _ _ _ _ _ AN360 50V 100V 200V 500V RM06 _ _ _ _ _ _ AN360 50V 100V 200V 500V
C0G X7R Z5U
3.0 82 250
2.1 36 96
1.2 21 36
.54
3.6
3.0 54
1.8 33
.78 12
1.5 1.2 54 18
.60 10 18
.27 3.9 --
.48 22 36
.39 5.4 13
.21 3.3
.07 1.2
.15 8.2 13
.12 2.0 5.4
.07 1.2
.03 .48
9.6 7.2 240 120
3.9 72
1.5 28
7.8 120
- - 350 130 100 - - 120 45
9.0 - -
2.1 - - 780 430 270 - -
Max Capacitance (F) Available Versus Style with Height (A) of 0.480" - 12.2mm
AVX STYLE RM01 _ _ _ _ _ _ AN480 50V 100V 200V 500V RM02 _ _ _ _ _ _ AN480 50V 100V 200V 500V RM03 _ _ _ _ _ _ AN480 50V 100V 200V 500V RM04 _ _ _ _ _ _ AN480 50V 100V 200V 500V RM05 _ _ _ _ _ _ AN480 50V 100V 200V 500V RM06 _ _ _ _ _ _ AN480 50V 100V 200V 500V
C0G X7R Z5U
4.0 110
2.8 48
1.6 28 48
.72 10
4.8 160
4.0 72
2.2 44
1.0 16
2.0 1.6 72 24
.80 14 24
.36 5.2 --
.64 30 48
.52 7.2 18
.28 4.4 12
.10 1.6 --
.20 10 18
.16 2.7 7.2
.10 1.6
.04 .64
12
9.6
5.2 96
2.0 37
320 160
330 120
- - 470 180 130 - - 160 60
2.8 - - 1000 570 360 - -
Max Capacitance (F) Available Versus Style with Height (A) of 0.650" - 16.5mm
AVX STYLE RM01 _ _ _ _ _ _ AN650 50V 100V 200V 500V RM02 _ _ _ _ _ _ AN650 50V 100V 200V 500V RM03 _ _ _ _ _ _ AN650 50V 100V 200V 500V RM04 _ _ _ _ _ _ AN650 50V 100V 200V 500V RM05 _ _ _ _ _ _ AN650 50V 100V 200V 500V RM06 _ _ _ _ _ _ AN650 50V 100V 200V 500V
C0G X7R Z5U
5.0 130
3.5 60
2.0 35 60
.90 13
6.0 200
5.0 90
3.0 55
1.3 20
2.5 2.0 90 30
1.0 18 30
.47 6.5 --
.80 36 60
.65 9.0 23
.35 5.5 15
.12 2.0 --
.25 12 23
.20 3.4 9.0
.12 2.0
.05 .80
16
12
6.5
2.5 47
400 200 120
420 160
- - 590 230 170 - - 200 75
3.6 - - 1300 720 460 - -
3


▲Up To Search▲   

 
Price & Availability of RM017A100JAN120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X