Part Number Hot Search : 
20501 G5P109LF MSM6688 NTE1368 HT46R2 SI4862DY 10GBE8P3 LAIC3
Product Description
Full Text Search
 

To Download PSE100C132 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PSE100 Series
60-100 WATTS DC/DC SINGLE OUTPUT
EURO CASSETTE
Features
* * * * * * Under voltage logic alarm. Conformally coating, tropic. Reverse input voltage protection. High efficiency. Fully encapsulated, meets IP30 standard. Convectional cooled.
Specifications
INPUT
Voltage Isolation See table Input - Output: 2kVdc (Input code A, B) Input - Output: 2.5kVac / 4kVdc (Input code C/ D) Input - Case: 2kVdc (Input code A, B) Input - Case: 2.5kVac / 4kVdc (Input - code C/ D) Output - Case: 2kVdc Yes.
GENERAL
Cooling Optional features Convectional cooling. -Overvoltage protection, option A. The output voltage is limited to 15% nominal output voltage. A thyristor short- circuit the output. -Undervoltage alarm with relay, option B. The logic alarm output is replaced with Relay with selectable alarm logic NO or NC. -Built in series diode, option C. A series diode on the output, when output is connected in parallel with other power supplies to achieve redundancy. Output power might be derated. -Remote sense, option S. The voltage sensing can be put at the load to compensate for voltage drop. This is standard feature on 5V output. -Inrush current limit with NTC, option H. Only for C -input code. Reduce the inrush current during the start up. The input voltage range will be affected. - 2.5kVac isolation input/case, option E1. On A and B inputs. The emission level increase to level A. - 2.5kVac isolation output/case, option E2. The emission level will increase to level A. -Train input, option T. Input voltage range according to train Standard EN50155 and IEC 60751. - Euro panel, option L 8TE for PSE 100, 10TE for 5V output with extra cooler. - Wall mounting panels, option N. Wall mounting panel with connector holder The female connector has to be chosen. - H15 screw type female, H15-S - H15 fast-on 6.3mm female, H15-T - Din rail TS35 clips, option Q.
Reverse voltage protection
OUTPUT
Voltage Current Source regulation Load regulation Output ripple (100kHz) Voltage adjustment Current limit protection Under voltage logic alarm Soft start Start-up time Hold-up time Efficiency See table. See table. 0.2%. 0.2% (0-100% load) 10mV p-p (typical) 90% - 110%. 105%. 90% of nominal output. Yes. 1s. 2-10ms 80-88%
ENVIRONMENTAL
Operating temperature Temperature coefficient Storage temperature Conformal coating -25C to +70C (100% load, O/P > 10V). -25C to +55C (100% load, O/P < 10V). 0.02% / C. -40C to 85C. Conformal coated to withstand non-condensing tropical environment RH 95%
STANDARDS
Safety EMI standards C-Tick IEC60950-1: 2001 EN55011/EN55022 class B, IEC/EN61000-6-2, AS/NZS CISPR11: 2002 Group1 Class A EN61000-6-2, EN/IEC61000-4-4, EN61000-4-5
MECHANICAL
Mechanical dimensions Weight 3U x 8TE x 167mm 0.85kg
EMC standards
Your dependable power partner - www.powerbox.com.au
411
EURO CASSETTE
PSE100 Series
60-100 WATTS DC/DC SINGLE OUTPUT
Selection Table
MODEL NUMBER
PSE100A5 PSE100A13.2 PSE100A15 PSE100A24 PSE100A48 PSE100B5 PSE100B13.2 PSE100B15 PSE100B24 PSE100B48 PSE100C5 PSE100C13.2 PSE100C15 PSE100C24 PSE100C48 PSE100D5 PSE100D13.2 PSE100D15 PSE100D24 PSE100D48
INPUT
10-30V 10-30V 10-30V 10-30V 10-30V 20-72V 20-72V 20-72V 20-72V 20-72V 50-150V 50-150V 50-150V 50-150V 50-150V 90-270V 90-270V 90-270V 90-270V 90-270V 5V 13.2V 15V 24V 48V 5V 13.2V 15V 24V 48V 5V 13.2V 15V 24V 48V 5V 13.2V 15V 24V 48V
OUTPUT
20A 7.6A 6.7A 4.2A 2.1A 20A 7.6A 6.7A 4.2A 2.1A 20A 7.6A 6.7A 4.2A 2.1A 20A 7.6A 6.7A 4.2A 2.1A
COOLING
Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection Convection
POWER
60W 100W 100W 100W 100W 100W 60W 100W 100W 100W 60W 100W 100W 100W 100W 60W 100W 100W 100W 100W
Technical Illustrations
412


▲Up To Search▲   

 
Price & Availability of PSE100C132

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X