Part Number Hot Search : 
1N5009 Z5250 OP177GSZ 9004K 33D00100 1750A EP9173 YBAMDA
Product Description
Full Text Search
 

To Download PPS-125-33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
125W Single Output with PFC Function
Features :
PPS-125
series
Universal AC input / Full range Built-in active PFC function Protections:Short circuit/Over load/Over voltage PWM control and regulated 3 High power density 6.117W/inch Built-in remote sense function LED indicator for power on 100% full load burn-in test 125W with 18CFM FAN 5"x3" compact size 3 years warranty
SPECIFICATION
MODEL DC VOLTAGE RATED CURRENT PPS-125-3.3 3.3V 20A PPS-125-5 5V 20A 0 ~ 20A 0 ~ 25A 100W 125W 100mVp-p 4.75 ~ 5.25V 2.0% 0.5% 1.0% PPS-125-12 12V 8.5A 0 ~ 8.5A 0 ~ 10.5A 102W 126W 100mVp-p PPS-125-13.5 PPS-125-15 13.5V 7.5A 0 ~ 7.5A 0 ~ 9.3A 101.25W 125.55W 100mVp-p 15V 6.7A 0 ~ 6.7A 0 ~ 8.4A 100.5W 126W 100mVp-p PPS-125-24 24V 4.2A 0 ~ 4.2A 0 ~ 5.2A 100.8W 124.8W 150mVp-p PPS-125-27 27V 3.8A 0 ~ 3.8A 0 ~ 4.6A 102.6W 124.2W 150mVp-p PPS-125-48 48V 2.1A 0 ~ 2.1A 0 ~ 2.6A 100.8W 124.8W 250mVp-p
CURRENT RANGE (convection) 0 ~ 20A CURRENT RANGE (18CFM FAN) 0 ~ 25A RATED POWER (convection) 66W RATED POWER (18CFM FAN) 82.5W OUTPUT RIPPLE & NOISE (max.) Note.2 100mVp-p VOLTAGE ADJ. RANGE LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY (Typ.) AC CURRENT (Typ.) 115VAC 230VAC INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVER LOAD PROTECTION OVER VOLTAGE WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & ISOLATION RESISTANCE EMC
(Note 4)
3.13 ~ 3.46V VOLTAGE TOLERANCE Note.3 2.0% 0.5% 1.0% 24ms/230VAC 90 ~ 264VAC 47~63Hz
11.40 ~ 12.60V 12.82 ~ 14.17V 14.25 ~ 15.75V 22.80 ~ 25.20V 25.65 ~ 28.35V 45.60 ~ 50.40V 2.0% 2.0% 2.0% 1.0% 1.0% 1.0% 0.5% 1.0% 0.5% 1.0% 0.5% 1.0% 0.5% 1.0% 0.5% 1.0% 0.5% 1.0%
1000ms, 30ms/230VAC
2000ms, 30ms/115VAC at full load
24ms/115VAC at full load 127 ~ 370VDC PF>0.98/115VAC at full load 80% 80% 80% 83% 83% 84%
PF>0.93/230VAC 70% 1.2A 79% 1.7A
0.75A 0.6A COLD START 24A/230VAC <2mA / 240VAC 130 ~ 160% rated output power Protection type : Fold back current limiting, recovers automatically after fault condition is removed 3.63 ~ 4.45V 5.5 ~ 6.75V 13.8 ~ 16.2V 15.5 ~ 20.25V 17.25 ~ 20.25V 27.6 ~ 32.4V 31.05 ~ 36.45V 57.6 ~ 67.2V Protection type : Hiccup mode, recovers automatically after fault condition is removed -20 ~ +70 (Refer to output load derating curve) 20 ~ 90% RH non-condensing -40 ~ +85 , 10 ~ 95% RH 0.05%/ (0 ~ 50 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL60950-1, TUV EN60950-1 Approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B HARMONIC CURRENT Compliance to EN61000-3-2,-3 EMS IMMUNITY MTBF Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, Light industry level, criteria A 111.7Khrs min. MIL-HDBK-217F (25 ) 127*76.2*34.6mm (L*W*H) 0.37Kg; 36pcs/14.3Kg/0.91CUFT
OTHERS
DIMENSION PACKING
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 5. HS1,HS2 & HS3 can not be shorted.
File Name:PPS-125-SPEC 2006-07-24
125W Single Output with PFC Function
Mechanical Specification
127 5 115.6
PPS-125
series
Unit:mm
6.4
SVR1 LED1 1 CN3 2 1 2 3 CN1 1 2 3 4 5 6 7 8 CN4
76.2
64.8
FS1 T2A 250VAC
43.
Air flow direction
5
AC Input Connector (CN1) : JST B3P-VH or equivalent
Pin No. 1 2 3 Assignment AC/L No Pin AC/N Mating Housing JST VHR or equivalent Terminal JST SVH-21T-P1.1 or equivalent
34.6
DC Output Connector (CN4) : JST B8P-VH or equivalent
Pin No. 1~4 5~8 Assignment -V +V Mating Housing JST VHR or equivalent Terminal JST SVH-21T-P1.1 or equivalent
HS1,HS2 & HS3 can not be shorted
Remote Sense(CN3) : Molex 5045-02 or equivalent
Pin No. 1 2 Assignment RS+ RSMating Housing Molex 5051 or equivalent Terminal Molex 4809 or equivalent
Derating Curve
Output Derating VS Input Voltage
125
100
Forced air 18CFM
100
90 80 70
Free air Convection
70
LOAD (%)
50
LOAD(%)
0 10 20 25 30 40 50 60 70 (HORIZONTAL)
60 50 40
20
-20
90
100
115
135
155
264
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
File Name:PPS-125-SPEC 2006-07-24
ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice


▲Up To Search▲   

 
Price & Availability of PPS-125-33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X