Part Number Hot Search : 
M368L 2SK2651 30402 TIS108 ACZ1610 XCXXX 74LS37 TC7WH1
Product Description
Full Text Search
 

To Download MOC3010M09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOC301XM, MOC302XM -- 6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
September 2009
MOC3010M, MOC3011M, MOC3012M, MOC3020M, MOC3021M, MOC3022M, MOC3023M 6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
Features
Excellent IFT stability--IR emitting diode has low
Description
The MOC301XM and MOC302XM series are optically isolated triac driver devices. These devices contain a GaAs infrared emitting diode and a light activated silicon bilateral switch, which functions like a triac. They are designed for interfacing between electronic controls and power triacs to control resistive and inductive loads for 115 VAC operations.
degradation High isolation voltage--minimum 5300 VAC RMS Underwriters Laboratory (UL) recognized-- File #E90700 Peak blocking voltage - 250V-MOC301XM - 400V-MOC302XM VDE recognized (File #94766) - Ordering option V (e.g. MOC3023VM)
Applications
Industrial controls Solenoid/valve controls Traffic lights Static AC power switch Vending machines Incandescent lamp dimmers Solid state relay Motor control Lamp ballasts
Schematic
Package Outlines
ANODE 1
6 MAIN TERM.
CATHODE 2
5 NC*
N/C 3
4 MAIN TERM.
*DO NOT CONNECT (TRIAC SUBSTRATE)
(c)2005 Fairchild Semiconductor Corporation MOC301XM, MOC302XM Rev. 1.0.2
www.fairchildsemi.com
MOC301XM, MOC302XM -- 6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
Absolute Maximum Ratings (TA = 25C unless otherwise noted) Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
TOTAL DEVICE TSTG TOPR TSOL TJ VISO PD EMITTER IF VR PD DETECTOR VDRM ITSM PD Off-State Output Terminal Voltage Peak Repetitive Surge Current (PW = 1ms, 120pps) Total Power Dissipation @ 25C Ambient Derate above 25C MOC3010M/1M/2M MOC3020M/1M/2M/3M All All 250 400 1 300 4 A mW mW/C V Continuous Forward Current Reverse Voltage Total Power Dissipation @ 25C Ambient Derate above 25C All All All 60 3 100 1.33 mA V mW mW/C Storage Temperature Operating Temperature Lead Solder Temperature Junction Temperature Range Isolation Surge Voltage(1) (peak AC voltage, 60Hz, 1 sec. duration) Total Device Power Dissipation @ 25C Ambient Derate above 25C All All All All All All -40 to +150 -40 to +85 260 for 10 sec -40 to +100 7500 330 4.4 C C C C Vac(pk) mW mW/C
Parameters
Device
Value
Units
Note: 1. Isolation surge voltage, VISO, is an internal device dielectric breakdown rating. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common.
(c)2005 Fairchild Semiconductor Corporation MOC301XM, MOC302XM Rev. 1.0.2
www.fairchildsemi.com 2
MOC301XM, MOC302XM -- 6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
Electrical Characteristics (TA = 25C Unless otherwise specified)
Individual Component Characteristics Symbol
EMITTER VF IR IDRM VTM Input Forward Voltage Reverse Leakage Current Peak Blocking Current, Either Direction Peak On-State Voltage, Either Direction IF = 10mA VR = 3V, TA = 25C All All 1.15 0.01 1.5 100 V A
Parameters
Test Conditions
Device
Min.
Typ.
Max.
Units
DETECTOR Rated VDRM, IF = 0(2) ITM = 100 mA peak, IF = 0 All All 10 1.8 100 3 nA V
Transfer Characteristics Symbol
IFT
DC Characteristics
LED Trigger Current
Test Conditions
Voltage = 3V(3)
Device
MOC3020M MOC3010M MOC3021M MOC3011M MOC3022M MOC3012M MOC3023M
Min.
Typ.
Max.
30 15 10 5
Units
mA
IH
Holding Current, Either Direction
All
100
A
Notes: 2. Test voltage must be applied within dv/dt rating. 3. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies between max IFT (30mA for MOC3020M, 15mA for MOC3010M and MOC3021M, 10mA for MOC3011M and MOC3022M, 5mA for MOC3012M and MOC3023M) and absolute max IF (60mA).
(c)2005 Fairchild Semiconductor Corporation MOC301XM, MOC302XM Rev. 1.0.2
www.fairchildsemi.com 3
MOC301XM, MOC302XM -- 6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
Safety and Insulation Ratings
As per IEC 60747-5-2, this optocoupler is suitable for "safe electrical insulation" only within the safety limit data. Compliance with the safety ratings shall be ensured by means of protective circuits.
Symbol
Parameter
Installation Classifications per DIN VDE 0110/1.89 Table 1 For Rated Main Voltage < 150Vrms For Rated Main voltage < 300Vrms Climatic Classification Pollution Degree (DIN VDE 0110/1.89)
Min.
Typ.
Max.
Unit
I-IV I-IV 55/100/21 2 175 1594 Vpeak
CTI VPR
Comparative Tracking Index Input to Output Test Voltage, Method b, VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec, Partial Discharge < 5pC Input to Output Test Voltage, Method a, VIORM x 1.5 = VPR, Type and Sample Test with tm = 60 sec, Partial Discharge < 5pC
1275
Vpeak
VIORM VIOTM
Max. Working Insulation Voltage Highest Allowable Over Voltage External Creepage External Clearance Insulation Thickness
850 6000 7 7 0.5 109
Vpeak Vpeak mm mm mm
RIO
Insulation Resistance at Ts, VIO = 500V
(c)2005 Fairchild Semiconductor Corporation MOC301XM, MOC302XM Rev. 1.0.2
www.fairchildsemi.com 4
MOC301XM, MOC302XM -- 6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
Typical Performance Curves
Figure 1. LED Forward Voltage vs. Forward Current
1.8
Figure 2. On-State Characteristics
800
1.7
600
ON-STATE CURRENT - I TM (mA)
VF - FORWARD VOLTAGE (V)
1.6
400
1.5
200
1.4
0
TA = -55oC
-200
1.3
TA = 25oC
-400
1.2
TA = 100oC
-600
1.1
-800
1.0 1 10 100
-3
-2
-1
0
1
2
3
ON-STATE VOLTAGE - VTM (V)
IF - LED FORWARD CURRENT (mA)
Fig ure 3. Trigger Current vs. Ambient Temperature
1.4
Figure 4. LED Current Required to Trigger vs. LED Pulse Width
25
1.3
TRIGGER CURRENT - I FT (NORMALIZED)
TRIGGER CURRENT - I FT (NORMALIZED)
20
NORMALIZED TO: PWin 100 s
1.2
15
1.1
1.0
10
0.9
5
0.8
0 0.7 NORMALIZED TO T A = 25C 0.6 -40 -20 0 20 40 60 80 100
1
2
5
10
20
50
100
LED TRIGGER WIDTH - PWin (s) AMBIENT TEMPERATURE - TA (oC)
Figure 6. Leakage Current, IDRM vs. Temperature
10000
Figure 5. dv/dt vs. Temperature
12
1000
8
IDRM, LEAKAGE CURRENT (nA)
100
10
STATIC dv/dt CIRCUIT IN FIGURE 5
STATIC - dv/dt (V/s)
100
6
4
10
2
1
0 25 30 40 50 60 70 80 90
Ambient Temperature - TA (oC)
0.1 -40 -20 0 20 40 60 80 100
TA, AMBIENT TEMPERATURE ( oC)
(c)2005 Fairchild Semiconductor Corporation MOC301XM, MOC302XM Rev. 1.0.2
www.fairchildsemi.com 5
MOC301XM, MOC302XM -- 6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
1. The mercury wetted relay provides a high speed repeated pulse to the D.U.T.
400V (MOC302X) 250V (MOC301X) Vdc RTEST
R = 10 k CTEST
2. 100x scope probes are used, to allow high speeds and voltages. 3. The worst-case condition for static dv/dt is established by triggering the D.U.T. with a normal LED input current, then removing the current. The variable RTEST allows the dv/dt to be gradually increased until the D.U.T. continues to trigger in response to the applied voltage pulse, even after the LED current has been removed. The dv/dt is then decreased until the D.U.T. stops triggering. RC is measured at this point and recorded.
PULSE INPUT
MERCURY WETTED RELAY
D.U.T.
X100 SCOPE PROBE
APPLIED VOLTAGE WAVEFORM
Vmax = 400 V (MOC302X) = 250 V (MOC301X) 252 V (MOC302X) 158 V (MOC301X) dv/dt =
RC
0.63 Vmax
RC
0 VOLTS
= =
252
RC
(MOC302X) (MOC301X)
158
RC
Figure 5. Static dv/dt Test Circuit
Note: This optoisolator should not be used to drive a load directly. It is intended to be a trigger device only.
RL Rin VCC 2 MOC3010M MOC3011M MOC3012M 5 1 6 180 120 V 60 Hz
3
4
Figure 6. Resistive Load
ZL Rin VCC 2 MOC3010M MOC3011M MOC3012M 5 0.1 F C1 1 6 180 2.4k 120 V 60 Hz
3
4
Figure 7. Inductive Load with Sensitive Gate Triac (IGT
15 mA)
(c)2005 Fairchild Semiconductor Corporation MOC301XM, MOC302XM Rev. 1.0.2
www.fairchildsemi.com 6
MOC301XM, MOC302XM -- 6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
ZL VCC Rin 1 2 MOC3010M MOC3011M MOC3012M 6 5 180 1.2 k 120 V 60 Hz C1
0.2 F
3
4
Figure 8. Inductive Load with Sensitive Gate Triac (IGT 15 mA)
Rin VCC
1 2 MOC3020M MOC3021M MOC3022M MOC3023M
6 5
360
470 HOT
0.05 F
39 240 VAC 0.01 F LOAD GROUND
3
4
In this circuit the "hot" side of the line is switched and the load connected to the cold or ground side. The 39 resistor and 0.01F capacitor are for snubbing of the triac, and the 470 resistor and 0.05F capacitor are for snubbing the coupler. These components may or may not be necessary depending upon the particular and load used.
Figure 9. Typical Application Circuit
(c)2005 Fairchild Semiconductor Corporation MOC301XM, MOC302XM Rev. 1.0.2
www.fairchildsemi.com 7
MOC301XM, MOC302XM -- 6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
Package Dimensions
Through Hole
8.13-8.89
6 4 6
0.4" Lead Spacing
8.13-8.89
4
6.10-6.60 6.10-6.60
Pin 1
1
3
Pin 1 5.08 (Max.) 3.28-3.53 0.25-0.36
1
3
7.62 (Typ.)
5.08 (Max.) 3.28-3.53
0.25-0.36
0.38 (Min.)
2.54-3.81 0.38 (Min.) 0.20-0.30 2.54-3.81
(0.86) 0.41-0.51 1.02-1.78 0.76-1.14
2.54 (Bsc)
15 (Typ.) (0.86) 0.41-0.51 1.02-1.78 0.76-1.14 10.16-10.80 2.54 (Bsc) 0.20-0.30
Surface Mount
8.13-8.89
6 4
(1.78) (1.52) (2.54)
6.10-6.60 8.43-9.90
(7.49) (10.54)
1
3
Pin 1
(0.76)
Rcommended Pad Layout
0.25-0.36
3.28-3.53 5.08 (Max.) 0.38 (Min.) 2.54 (Bsc) (0.86) 0.41-0.51 1.02-1.78 0.76-1.14 0.16-0.88 (8.13)
0.20-0.30
Note: All dimensions in mm.
(c)2005 Fairchild Semiconductor Corporation MOC301XM, MOC302XM Rev. 1.0.2
www.fairchildsemi.com 8
MOC301XM, MOC302XM -- 6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
Ordering Information
Option
No option S SR2 T V TV SV SR2V
Order Entry Identifier (Example)
MOC3010M MOC3010SM MOC3010SR2M MOC3010TM MOC3010VM MOC3010TVM MOC3010SVM MOC3010SR2VM
Description
Standard Through Hole Device Surface Mount Lead Bend Surface Mount; Tape and Reel 0.4" Lead Spacing VDE 0884 VDE 0884, 0.4" Lead Spacing VDE 0884, Surface Mount VDE 0884, Surface Mount, Tape and Reel
Marking Information
1
MOC3010 V
3 4
2 6
X YY Q
5
Definitions
1 2 3 4 5 6 Fairchild logo Device number VDE mark (Note: Only appears on parts ordered with VDE option - See order entry table) One digit year code, e.g., `3' Two digit work week ranging from `01' to `53' Assembly package code
*Note - Parts that do not have the `V' option (see definition 3 above) that are marked with date code `325' or earlier are marked in portrait format.
(c)2005 Fairchild Semiconductor Corporation MOC301XM, MOC302XM Rev. 1.0.2
www.fairchildsemi.com 9
MOC301XM, MOC302XM -- 6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
Carrier Tape Specification
12.0 0.1 4.5 0.20 2.0 0.05 0.30 0.05 4.0 0.1 O1.5 MIN 1.75 0.10
11.5 1.0 21.0 0.1 9.1 0.20 24.0 0.3
0.1 MAX
10.1 0.20
O1.5 0.1/-0
User Direction of Feed
Reflow Profile
300 280 260 240 220 200 180 Time above 183C = 90 Sec >245C = 42 Sec 260C
C
160 140 120 100 80 60 40 20 0 0 60 120 180 33 Sec 1.822C/Sec Ramp up rate
270
360
Time (s)
(c)2005 Fairchild Semiconductor Corporation MOC301XM, MOC302XM Rev. 1.0.2
www.fairchildsemi.com 10
MOC301XM, MOC302XM -- 6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
TRADEMARKS The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not intended to be an exhaustive list of all such trademarks. Auto-SPMTM Build it NowTM CorePLUSTM CorePOWERTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) EfficentMaxTM EZSWITCHTM* TM*
(R)
Fairchild Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FETBenchTM FlashWriter(R)* FPSTM
(R)
F-PFSTM FRFET(R) SM Global Power Resource Green FPSTM Green FPSTM e-SeriesTM GmaxTM GTOTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM MotionMaxTM Motion-SPMTM OPTOLOGIC(R) (R) OPTOPLANAR
(R)
PowerTrench(R) PowerXSTM Programmable Active DroopTM QFET(R) QSTM Quiet SeriesTM RapidConfigureTM TM Saving our world, 1mW/W/kW at a timeTM SmartMaxTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SupreMOSTM SyncFETTM Sync-LockTM (R) *
The Power Franchise(R)
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM TriFault DetectTM TRUECURRENTTM* SerDesTM UHC(R) Ultra FRFETTM UniFETTM VCXTM VisualMaxTM XSTM
PDP SPMTM Power-SPMTM
* Trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
ANTI-COUNTERFEITING POLICY Fairchild Semiconductor Corporation's Anti-Counterfeiting Policy. Fairchild's Anti-Counterfeiting Policy is also stated on our external website, www.fairchildsemi.com, under Sales Support. Counterfeiting of semiconductor parts is a growing problem in the industry. All manufacturers of semiconductor products are experiencing counterfeiting of their parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed applications, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. Fairchild strongly encourages customers to purchase Fairchild parts either directly from Fairchild or from Authorized Fairchild Distributors who are listed by country on our web page cited above. Products customers buy either from Fairchild directly or from Authorized Fairchild Distributors are genuine parts, have full traceability, meet Fairchild's quality standards for handling and storage and provide access to Fairchild's full range of up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address any warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Fairchild is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary No Identification Needed Obsolete Product Status Formative / In Design First Production Full Production Not In Production Definition Datasheet contains the design specifications for product development. Specifications may change in any manner without notice. Datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. Datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. Datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I40
(c)2005 Fairchild Semiconductor Corporation MOC301XM, MOC302XM Rev. 1.0.2
www.fairchildsemi.com 11


▲Up To Search▲   

 
Price & Availability of MOC3010M09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X