Part Number Hot Search : 
MMBZ5243 NK60ZFP 2MBI150 C1815 1ZB220Z M5228FP MDS721 74HC377D
Product Description
Full Text Search
 

To Download MBI5031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Macroblock
Features
16 constant-current output channels 12-bit grayscale PWM control
Preliminary Datasheet
MBI5031
Small Outline Package
16-Channel PWM-Embedded LED Driver
Backward compatible with MBI5026 in package
Scrambled-PWM technology to improve refresh rate Open-Circuit Detection to detect individual LED errors 8-bit programmable output current gain Constant output current range: 5 ~ 45mA at 3.3V supply voltage 5 ~ 60mA at 5.0V supply voltage Output current accuracy: between channels: <3% (max.), and between ICs: <6% (max.) Staggered output delay Maximum data clock frequency: 25MHz Schmitt trigger input 3.0V-5.5V supply voltage
GF: SOP24-300-1.00
Product Description
MBI5031 is designed for LED video applications using internal Pulse Width Modulation (PWM) control with 12-bit gray scales. MBI5031 features a 16-bit shift register which converts serial input data into each 12-bit pixel gray scale of output port. At MBI5031 output port, sixteen regulated current ports are designed to provide uniform and constant current sinks for driving LEDs with a wide range of Vf variations. The output current can be preset through an external resistor. Moreover, the preset current of MBI5031 can be further programmed up or down to 128 gain steps for LED global brightness adjustment. With Scrambled-PWM (S-PWMTM) technology, MBI5031 enhances Pulse Width Modulation by scrambling the "on" time into several "on" periods. The enhancement equivalently increases the visual refresh rate. When building a 12-bit gray scale video, S-PWMTM reduces the flickers and improves the fidelity. MBI5031 offloads the signal timing generation of the host controller which just needs to feed data into drivers. MBI5031 drives the corresponding LEDs to the brightness specified by image data. With MBI5031, all output channels can be built with 12-bit color depths (4,096 gray scales).
Macroblock, Inc. 2006 Floor 6-4, No.18, Pu-Ting Rd., Hsinchu, Taiwan 30077, ROC. TEL: +886-3-579-0068, FAX: +886-3-579-7534 E-mail: info@mblock.com.tw -1March 2006, V1.00
MBI5031
Block Diagram
16-channel PWM-Embedded LED Driver
OUT0
OUT1
OUT14 OUT15
R-EXT
IO Regulator and DAC
16-bit error status
VDD Comparators Comparators Comparators Comparators
GCLK
12-bit Counter
16 SYNC Gray Scale Pixel Gray Scale Pixel Control Configuration Register
16 Gray Scale Pixel
16
16 Gray Scale Pixel
LE
GND
16
Buffers
16 16
SDI DCLK
16-bit Shift Register (FIFO)
SDO
Figure 1
-2-
March 2006, V1.00
MBI5031
Terminal Description
Pin Name GND SDI DCLK LE Function
16-channel PWM-Embedded LED Driver
Pin Configuration
GND SDI DCLK LE OUT0 OUT1 OUT2 OUT3 OUT 4 OUT 5 OUT6 OUT7 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 VDD R-EXT SDO GCLK OUT15 OUT14 OUT13 OUT12 OUT11 OUT10 OUT9 OUT8
Ground terminal for control logic and current sink Serial-data input to the shift register Clock input terminal used to shift data on rising edge and carries command information when LE is asserted. Data strobe terminal and controlling command with DCLK
OUT0 ~ OUT15 Constant current output terminals
GCLK
Gray scale clock terminal Clock input for gray scale. The gray scale display is counted by gray scale clock comparing with input data. Serial-data output to the receiver-end SDI of next driver IC Input terminal used to connect an external resistor for setting up output current for all output channels 3.3V/5V supply voltage terminal
SDO R-EXT VDD
Maximum Ratings
Characteristic Supply Voltage Input Pin Voltage (SDI) Output Current Sustaining Voltage at OUT Port Data Clock Frequency* Gray Scale Clock Frequency GND Terminal Current Power Dissipation (On PCB, Ta=25C) Thermal Resistance (On PCB, Ta=25C) Operating Temperature Storage Temperature * Supply Voltage is 5V. GF Type GF Type Symbol VDD VIN IOUT VDS FDCLK FGCLK IGND PD Rth(j-a) Topr Tstg Rating 7 -0.4 ~ VDD + 0.4 +60 17 +25 +8 +1000 2.39 52.37 -40 ~ +85 -55 ~ +150 Unit V V mA V MHz MHz mA W C/W C C
-3-
March 2006, V1.00
MBI5031
16-channel PWM-Embedded LED Driver
Equivalent Circuits of Inputs and Outputs
GCLK, DCLK, SDI terminal
VDD
LE terminal
VDD
IN
IN
SDO terminal
VDD
OUT
-4-
March 2006, V1.00
MBI5031
Electrical Characteristics (VDD= 5.0V)
Characteristics Supply Voltage Sustaining Voltage at OUT Ports Symbol VDD VDS IOUT Output Current IOH IOL Input Voltage "H" level "L" level VIH VIL IOH VOL VOH dIOUT %/dVDS %/dVDD VDS,TH RIN(down) IDD(off) 1 Supply Current "On" "Off" IDD(off) 2 IDD(off) 3 IDD(on) 1 IDD(on) 2 Rext= Open, Rext= 920, Rext= 460, Rext= 920, Rext= 460, OUT0 ~ OUT15
16-channel PWM-Embedded LED Driver
Condition Min. 4.5 5 0.7*VDD GND 4.6 Rext= 920 LE
OUT0 ~ OUT15 OUT0 ~ OUT15 OUT0 ~ OUT15 OUT0 ~ OUT15 OUT0 ~ OUT15
Typ. 5.0 0.1 1.0 0.15 430 3.5 7.1 7.5 11.0 11.5
Max. 5.5 17.0 60 -1.0 1.0 VDD 0.3*VDD 0.5 0.4 3 0.20 700 5.3 10.7 11.3 16.5 17.3
Unit V V mA mA mA V V A V V % %/V %/V V K
Refer to "Test Circuit for Electrical Characteristics" SDO SDO Ta = -40~85C Ta = -40~85C VDS= 17.0V IOL= +1.0mA IOH= -1.0mA IOUT= 10.5mA VDS= 1.0V
Output Leakage Current Output Voltage Current Skew Output Current vs. Output Voltage Regulation Output Current vs. Supply Voltage Regulation LED Open Detection Threshold Pull-down Resistor
SDO
VDS within 1.0V and 3.0V, Rext=460@21mA VDD within 4.5V and 5.5V, Rext=460@21mA -
200 = Off = Off = Off = On = On -
mA
-5-
March 2006, V1.00
MBI5031
Characteristics Supply Voltage Sustaining Voltage at OUT Ports Symbol VDD VDS
16-channel PWM-Embedded LED Driver
Condition OUT0 ~ OUT15
Electrical Characteristics (VDD= 3.3V)
Min. 3.0 Typ. 3.3 Max. 3.6 Unit V
5 0.7*VDD GND 2.9 Rext= 920 -
0.1 1.0 0.15 430 2.2 4.4 6.3 6.7 7.1
17.0 45 -1.0 1.0 VDD 0.3*VDD 0.5 0.4 3 0.20 700 3.3 6.6 9.5 10.1 10.7
V mA mA mA V V A V V % %/V %/V V K
IOUT Output Current IOH IOL Input Voltage "H" level "L" level VIH VIL IOH VOL VOH dIOUT %/dVDS %/dVDD VDS,TH RIN(down) IDD(off) 1 Supply Current "On" "Off" IDD(off) 2 IDD(off) 3 IDD(on) 1 IDD(on) 2
Refer to "Test Circuit for Electrical Characteristics" SDO SDO Ta = -40~85C Ta = -40~85C VDS= 17.0V IOL= +1.0mA IOH= -1.0mA IOUT= 10.5mA VDS= 1.0V
Output Leakage Current Output Voltage
SDO
Current Skew Output Current vs. Output Voltage Regulation Output Current vs. Supply Voltage Regulation LED Open Detection Threshold Pull-down Resistor
VDS within 1.0V and 3.0V, Rext=460@21mA VDD within 3.0V and 3.6V, Rext=460@21mA LE Rext= Open, Rext= 920, Rext= 460, Rext= 920, Rext= 460,
OUT0 ~ OUT15 OUT0 ~ OUT15 OUT0 ~ OUT15 OUT0 ~ OUT15 OUT0 ~ OUT15
200 = Off = Off = Off = On = On -
mA
Test Circuit for Electrical Characteristics
IDD
VDD
IOUT
VIH,VIL
V DD SDI DCLK LE G CLK R - EXT G ND Logic input waveform VIH=VDD V IL=GND SDO O UT0
Function Generator
. . .
VDS IOL I OH
O UT15
R ext
Figure 2
-6-
March 2006, V1.00
MBI5031
Switching Characteristics (VDD= 5.0V)
Characteristics Symbol
16-channel PWM-Embedded LED Driver
Condition Min. Typ. Max. Unit
SDI - DCLK Setup Time LE - DCLK LE - DCLK Hold Time DCLK - SDI DCLK - LE DCLK - SDO
tSU0 tSU1 tSU2 tH0 tH1 tPD0 VDD=5.0V VIH=VDD VIL=GND Rext=460 VLED=4.5V RL=152 CL=10pF C1=100nF C2=10F
1 1 5 3 7.0 15.0 16.0 5.0 20.0 125.0 -
22.0 130 24.0 30.0 60.0 90.0 90.0 70.0 2.0
35.0 37.0 -
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
s
Propagation Delay Time GCLK - OUT 4n * tPD1 LE - SDO**
OUT 4n + 1 *
tPD2** tDL1 tDL2 tDL3 tw(L) tw(DCLK) tw(GCLK) tOR tOF tEDD***
Stagger Delay Time
OUT 4n + 2 * OUT 4n + 3 *
LE Pulse Width DCLK GCLK Output Rise Time of Output Ports Output Fall Time of Output Ports Error Detection Minimum Duration
*There will be one GCLK latency at the first PWM output data. Refer to the Timing Waveform, where n=0, 1, 2, 3. **In timing of "Read Configuration" and "Read Error Status Code", the next DCLK rising edge should be tPD2 after the falling edge of LE. ***Refer to Figure 6.
-7-
March 2006, V1.00
MBI5031
Switching Characteristics (VDD= 3.3V)
Characteristics SDI - DCLK Setup Time LE - DCLK LE - DCLK Hold Time DCLK - SDI DCLK - LE DCLK - SDO Symbol tSU0 tSU1 tSU2 tH0 tH1 tPD0
16-channel PWM-Embedded LED Driver
Condition Min. 1.0 1.0 5.0 3.0 7.0 VDD=3.3V VIH=VDD VIL=GND Rext=460 VLED=4.5V RL=152 CL=10pF C1=100nF C2=10F 5.0 25.0 125.0 Typ. 40.0 150 40.0 30.0 60.0 90.0 90.0 70.0 2.0 Max. Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
s
Propagation Delay Time GCLK - OUT 4n * tPD1 LE - SDO
OUT 4n + 1 *
tPD2** tDL1 tDL2 tDL3 tw(L) tw(DCLK) tw(GCLK) tOR tOF tEDD***
Stagger Delay Time
OUT 4n + 2 * OUT 4n + 3 *
LE Pulse Width DCLK GCLK Output Rise Time of Output Ports Output Fall Time of Output Ports Error Detection Minimum Duration
*There will be one GCLK latency at the first PWM output data. Refer to the Timing Waveform, where n=0, 1, 2, 3. **In timing of "Read Configuration" and "Read Error Status Code", the next DCLK rising edge should be tPD2 after the falling edge of LE. ***Refer to Figure 6.
Test Circuit for Switching Characteristics
IDD
V DD
C1
I OUT
V IH,VIL
VDD SDI DCLK LE G CLK R - EXT GND Logic input VIH=VDD VIL=G ND waveform SDO OUT0
Function Generator
. . .
RL CL RL CL VL ED C2
OUT 15
Rext
CL
Figure 3
-8-
March 2006, V1.00
MBI5031
Timing Waveform
(1)
tW(DCLK) DCLK tSU1 tH1 tw(LE) tSU2
16-channel PWM-Embedded LED Driver
LE
tSU0 tH0
SDI tPD0 tPD2
SDO
(2)
GCLK 1 clock latency OUT4n tDL1 tPD1
OUT4n+1 tDL2 OUT4n+2 tDL3 OUT4n+3
(3)
tW(GCLK) GCLK
Output Ports
90% 10%
90% 10%
tOF
tOR
-9-
March 2006, V1.00
MBI5031
Principle of Operation
Control Command
Command Name
16-channel PWM-Embedded LED Driver
Signals Combination Number of DCLK LE Rising Edge when LE is asserted High 0 or 1 Description The Action after a Falling Edge of LE
Data Latch Global Latch Read Configuration Enable "Error detection" Read "Error status code" Write Configuration
High High High High High
2 or 3 4 or 5 6 or 7 8 or 9 10 or 11
Serial data are transferred to the buffers Buffer data are transferred to the comparators Move out "configuration register" to the shift registers Enable "open circuit detection" of each output's LED Move out "error status code" of 16 outputs to the shift registers Serial data are transferred to the "configuration register"
Data Latch
DCLK LE SDI SDO
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 Next Data 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 N1 N2 N3
Previous Data
D0
D1
D2
Global Latch
DCLK LE SDI SDO
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 Next Data 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 N1 N2 N3
Previous Data
D0
D1
D2
Read Configuration
DCLK LE SDI SDO
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 Next Data 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 N1 N2 N3
Previous Data
D0
D1
D2
Write Configuration
DCLK LE SDI SDO
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 Next Data 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 N1 N2 N3
Previous Data
D0
D1
D2
- 10 -
March 2006, V1.00
MBI5031
Setting Gray Scales of Pixels
16-channel PWM-Embedded LED Driver
MBI5031 implements the gray level of each output port using the S-PWMTM control algorithm. With the 16-bit data, all output channels can be built with 4,096 gray scales. The 16-bit input shift register latches 15 times of the gray scale data into each data buffer with a "data latch" command sequentially. With a "global latch" command for the 16th gray scale data, the 256-bit data buffers will be clocked in with the MSB first, loading the data from port 15 to port 0.
Full Timing for Data Loading
Port 15 Port 14 Port 1 Port 0
DCLK LE SDI SDO
00
01
02
0E
0F
10
11
12
1E
1F
20
21
22
EE
EF
F0
F1
F2
FD
FE
FF
N0
N1
N2
D00
D01
D02
D0E
D0F
D10 D0F
D11 D10
D12 D11
D1E D1D
D1F D1E
D20 D1F
D21 D20
D22 D21
DEE DEF DED DEE
DF0 DEF
DF1 DF0
DF2 DF1
DFD DFE DFC DFD
DFF DFE
DN0 DFF
DN1 DN0
DN2 DN1
Previous Data
Previous Data
Data latch
Data latch
Data latch
Global latch
Figure 4
Open-Circuit Detection Principle
Iout Iout, target
Given Rext MBI5031 Output Characteristics Curve
Iout, effect
Loading Line VDS, effect Vknee VDS, Th ~ Vknee + 0.2Volt VDS
Figure 5 The principle of MBI5031 LED Open-Circuit Detection is based on the fact that the LED loading status is judged by comparing the effective current value (Iout, effect) of each output port with the target current (Iout, target) set by Rext. As shown in the above figure, the knee voltage (Vknee) is the one between triode region and saturation region. The cross point between the loading line and MBI5031 output characteristics curve is the effective output point (VDS, effect, Iout,
effect).Thus,
after the command of "enabling error detection", the output ports of MBI5031 will be turned on for a while.
It is required to obtain the stable error status result for 2 second. Then, the error status saved in the built-in register would be shifted out through SDO pin bit by bit by sending the command of "Read Error Status Code". Thus, to detect the status of LED correctly, the output ports of MBI5031 must be turned on. The relationship between the Error Status code and the effective output point is shown below:
State of Output Port Detected Open-Circuit Error Status Code "0" "1" "0"
Condition of Effective Output Point
Meaning
Iout, effect = 0 Iout, effect Iout, target and Vout, effect VDS, Th On Iout, effect Iout, target and Vout, effect VDS, Th Note: the threshold voltage VDS, Th is around Vknee + 0.2 Volt
Off
Open Circuit Normal
- 11 -
March 2006, V1.00
MBI5031
1. Enable error detection 2. Start error detection T5 T6
16-channel PWM-Embedded LED Driver
3. Read error status code T0 T1 T2 T7 T8 1 4. Shift out error data 2 3 15 16 T1 T2
DCLK LE SDO GCLK OUT0~15
T0
Previous Data
Previous Data
Previous Data
D0
D1
D2
D14
D15
Next Data
All the output ports are turned "ON" PWM current outputs At least 2 seconds PWM current outputs
Note : tEDD = 2 s is required to obtain the stable error status result.
Definition of Configuration Register
Bit Attribute Definition Value
Figure 6
Function
F E D
X X X
X X X
X X X 00 (Default)
Reserved bit Reserved bit Reserved bit 64 times of 6-bit PWM counting and once of PWM 6-bit counting 16 times of 6-bit PWM counting by 1/4 GCLK and once of 6-bit PWM counting 4 times of 6-bit PWM counting by 1/16 GCLK and once of 6-bit PWM counting 12-bit PWM counting Auto-synchronization Self-synchronization 8'b10101011 (Default)
C Write B PWM counting mode selection
01 10 11
PWM data A Write synchronization mode 9~2 1 0 Write X Write Current gain adjustment X Time-out alert of GCLK disconnection
0 1 (Default) 00000000 ~ 11111111 X 0 (Default) 1
Reserved bit Enable Disable
- 12 -
March 2006, V1.00
MBI5031
16-channel PWM-Embedded LED Driver
Setting the PWM Gray Scale Counter
MBI5031 provides a 12-bit color depth. The value of each 16-bit serial data input will be valid only for 12 bits and implemented according 12-bit PWM counter.
Setting the PWM Counting Mode
MBI5031 defines the different counting algorithms that support S-PWMTM, scrambled PWM, technology. With S-PWMTM , the total PWM cycles can be broken down into MSB ( Most Significant Bits) and LSB (Least Significant Bits) of gray scale cycles, and the MSB information can be dithered across many refresh cycles to achieve overall same high bit resolution. MBI5031 also allows changing different counting algorithms and provides the better output linearity when there are fewer transitions of output.
Mode 00 6 6-bit x 2 + 6-bit counting 6 6 6 # of GCLKs=(2 -1)x2 +2 6-bit PWM Counting, 31 GCLKs 6-bit PWM counting
Total 64 times 6-bit PWM Counting, 252 GCLKs Mode 01 2 4 6-bit x 2 x2 + 6-bit counting 6 2 4 6 # of GCLKs=(2 -1)x2 x2 +2 6-bit PWM counting
Total 16 times Mode 10 4 2 6-bit x 2 x2 + 6-bit counting 6 4 2 6 # of GCLKs=(2 -1)x2 x2 +2 6-bit PWM Counting, 1008 GCLKs 6-bit PWM Counting
Total 4 times Mode 10 12 direct counting 12 # of GCLKs=2 12-bit PWM Counting, 4096 GCLKs
Total 1 time
- 13 -
March 2006, V1.00
MBI5031
Synchronization for PWM Counting
16-channel PWM-Embedded LED Driver
Between the data frame and the video frame, when the bit "A" is set to "0", MBI5031 will automatically handle the synchronization of previous data and next data for PWM counting. The next image data will be updated to output buffers and start PWM counting when the previous data has finished one internal PWM cycle. It will prevent the lost count of image data resolution and guarantee the data accuracy. In this mode, system controller only needs to provide a continuous running GCLK for PWM counter. The output will be renewed after finishing one of MSB PWM cycles.
Load data from SDI Update data in buffers Move data form buffers to outputs
DCLK LE SDI GCLK OUT0~15
Outputs are switching according to previous data value Outputs are switching to finish one MSB PWM cycle One GCLK latency Outputs are switching according to next data value D0 0 D1 D2 1 D3 D12 D13 D14 D15 Next Data Next Data N N +1 N +2 N +3
`global latch' command
Figure 7 When the bit "A" is set to "1" (Default), MBI5031 will update the next image data into output buffer immediately, no matter the counting status of previous image data is. In this mode, system controller will synchronize the GCLK according image data outside MBI5031 by itself. Otherwise, the conflict of previous image data and next image data will cause the data lost.
DCLK LE SDI GCLK OUT0~15
Load data from SDI One GCLK latency `global latch' command Outputs are ON/OFF according to NEW data D0 0 D1 D2 1 D3 D12 D13 D14 N D15 Next Data N+ 1 N+ 2 N+ 3 N+ 4
Figure 8
Time-Out Alert of GCLK Disconnection
When signal of GCLK is disconnected for around 1 second period, the all output ports will be turned off automatically. This function will protect the LED display system to stay on always and prevent a big current to damage the power system. The default is set to `enable" when bit "0" is 0. When the GCLK is active again, the driver resumes to work after resetting the internal counters and comparators.
- 14 -
March 2006, V1.00
MBI5031
Setting Output Current
the following figure.
IOUT(mA) 70 60 50 40 30 20 10 0 100 300 500 700 900
16-channel PWM-Embedded LED Driver
The output current (IOUT) is set by an external resistor, Rext. The default relationship between IOUT and Rext is shown in
MBI5031 Rext vs. IOUT
1100 Rext()
1300
1500
1700
1900
Figure 9 Also, the output current can be calculated from the equation: VR-EXT=0.625Volt x G; IOUT= (VR-EXT/Rext) x15.5 Whereas Rext is the resistance of the external resistor connected to R-EXT terminal and VR-EXT is its voltage. G is the digital current gain, which is set by the bit9 - bit2 of the configuration register. The default value of G is 1. For your information, the output current is about 21mA when Rext=460 and 10.5mA when Rext=920 if G is set to default value 1. The formula and setting for G are described in next section. Current Gain Adjustment Gain =1.9882
...
128 steps
...
Gain =1 128 steps
...
...
(0,0,0,0,0,0,0,0)
...
Gain = 1/8
(1,0,1,0,1,0,1,1) (0,0,0,0,0,0,1,0) (1,1,1,1,1,1,1,1) March 2006, V1.00
(0,0,0,0,0,0,0,1
- 15 -
MBI5031
16-channel PWM-Embedded LED Driver
The bit 9 to bit 2 of the configuration register set the gain of output current, i.e., G. As totally 8-bit in number, i.e., ranged from 8'b00000000 to 8'b11111111, these bits allow the user to set the output current gain up to 256 levels. These bits can be further defined inside Configuration Register as follows: F E D C B A 9 HC 8 DA6 7 DA5 6 DA4 5 DA3 4 DA2 3 DA1 2 DA0 1 0 -
1. Bit 9 is HC bit. The setting is in low current band when HC=0, and in high current band when HC=1. 2. Bit 8 to bit 2 are DA6 ~ DA0. The relationship between these bits and current gain G is: G= [(1+3xHC)/4]x[(1+3xD/128)/2] Whereas HC is 1 or 0 and D=DA6x26+DA5x25+DA4x24+DA3x23+DA2x22+DA1x21+DA0x20 In other words, these bits can be looked as a floating number with 1-bit exponent HC and 7-bit mantissa DA6~DA0. For example, 1. When the bit9 to bit2 of configuration register are set to 8'b11111111, the current gain G becomes [(1+3x1)/4]x[(1+3x127/128)/2]=1.9882 2. When the bit9 to bit2 of configuration register are set to 8'b10000000, the current gain G becomes [(1+3x1)/4]x[(1+3x0/128)/2]=0.5 3. when the bit9 to bit2 of configuration register are set to 8'b00000000, the current gain G becomes [(1+3x0)/4]x[(1+3x0/128)/2]=1/8
Delay Time of Staggered Output
MBI5031 has a built-in staggered circuit to perform delay mechanism. Among output ports exist a graduated 30ns delay time among OUT 4n , OUT 4n + 1 , OUT 4n + 2 , and OUT 4n + 3 , by which the output ports will be divided to four groups at a different time so that the instant current from the power line will be lowered.
- 16 -
March 2006, V1.00
MBI5031
16-channel PWM-Embedded LED Driver
Package Power Dissipation (PD)
The maximum allowable package power dissipation is determined as PD (max) = (Tj - Ta) / Rth(j-a). When 16 output channels are turned on simultaneously, the actual package power dissipation is PD (act) = (IDD x VDD) + (IOUT x Duty x VDS x 16). Therefore, to keep PD (act) PD (max), the allowable maximum output current as a function of duty cycle is: IOUT = { [ (Tj - Ta) / Rth(j-a) ] - (IDD x VDD) } / VDS / Duty / 16, where Tj = 150C.
IOUT vs. Duty Cycle@ Rth(j-a)=52.37/W
Max. IOUT(mA) 70 60 50 40 30 20 10
VDS=1V@Ta=25 VDS=1V@Ta=85 VDS=2V@Ta=25 VDS=2V@Ta=85
0 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% Duty Cycle
Figure 10 Condition: IOUT=60mA, 16 output channels Device Type Rth(j-a) (C /W) GF 52.37 The maximum power dissipation, PD (max) = (Tj - Ta) / Rth(j-a), decreases as the ambient temperature increases.
MBI5031 Maximum Power Dissipation at Various Ambient Temperatures
Power Dissipation (W) 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 25 35 45 55 65 75 Ambient Temperature () 85 95 105
GF Type: Rth=52.37/W
Safe Operation Area
Figure 11
- 17 -
March 2006, V1.00
MBI5031
LED Supply Voltage (VLED)
16-channel PWM-Embedded LED Driver
MBI5031 are designed to operate with VDS ranging from 0.4V to 0.8V (depending on IOUT=5~60mA) considering the package power dissipating limits. VDS may be higher enough to make PD (act) > PD (max) when VLED = 5V and VDS = VLED - VF, in which VLED is the load supply voltage. In this case, it is recommended to use the lowest possible supply voltage or to set an external voltage reducer, VDROP. A voltage reducer lets VDS = (VLED -VF) - VDROP. Resistors or Zener diode can be used in the applications as shown in the following figures.
VLED
Voltage Supply
Voltage Supply (VLED)
VDrop VF VDS
VDrop VF VDS
MBI5031 Figure 12
MBI5031
Switching Noise Reduction
LED drivers are frequently used in switch-mode applications which always behave with switching noise due to the parasitic inductance on PCB. To eliminate switching noise, refer to "Application Note for 8-bit and 16-bit LED DriversOvershoot".
- 18 -
March 2006, V1.00
MBI5031
Package Outline
16-channel PWM-Embedded LED Driver
MBI5031GF Outline Drawing Note: The unit for the outline drawing is mm.
- 19 -
March 2006, V1.00
MBI5031
16-channel PWM-Embedded LED Driver
Product Top Mark Information
The first row of printing MBIXXXX
or
Part number ID number
The second row of printing XXXXXXXX
MBIXXXX
Package Code Manufacture Code Device Version Code
Product No.
Process Code
G: Green and Pb-free
Product Revision History
Datasheet version V1.00 Device Version Code A
Product Ordering Information
Part Number "Pb-free & Green" Package Type SOP24-300-1.00 Weight (g)
MBI5031GF
0.30
- 20 -
March 2006, V1.00


▲Up To Search▲   

 
Price & Availability of MBI5031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X