Part Number Hot Search : 
T114037 M5256 25160LI AT54A DG411DJ SK372 B1S07 FSQ0765R
Product Description
Full Text Search
 

To Download MAX19192ETI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-5098; Rev 0; 1/10
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC
General Description
The MAX19192 is an ultra-low-power, dual, 8-bit, 10Msps analog-to-digital converter (ADC). The device features two fully differential wideband track-and-hold (T/H) inputs. These inputs have a 440MHz bandwidth and accept fully differential or single-ended signals. The MAX19192 delivers a typical signal-to-noise and distortion (SINAD) of 48.6dB at an input frequency of 1.875MHz and a sampling rate of 10Msps while consuming only 15.3mW. This ADC operates from a 2.7V to 3.6V analog power supply. A separate 1.8V to 3.6V supply powers the digital output driver. In addition to ultra-low operating power, the MAX19192 features three powerdown modes to conserve power during idle periods. Excellent dynamic performance, ultra-low power, and small size make the MAX19192 ideal for applications in imaging, instrumentation, and digital communications. An internal 1.024V precision bandgap reference sets the full-scale range of the ADC to 0.512V. A flexible reference structure allows the MAX19192 to use its internal reference or accept an externally applied reference for applications requiring increased accuracy. The MAX19192 features parallel, multiplexed, CMOScompatible three-state outputs. The digital output format is offset binary. A separate digital power input accepts a voltage from 1.8V to 3.6V for flexible interfacing to different logic levels. The MAX19192 is available in a 5mm x 5mm, 28-pin thin QFN package, and is specified for the extended industrial (-40C to +85C) temperature range. For higher sampling frequency applications, refer to the MAX1195-MAX1198 dual 8-bit ADCs. Pin-compatible versions of the MAX19192 are also available. Refer to the MAX1191 data sheet for 7.5Msps, the MAX1192 data sheet for 22Msps, and the MAX1193 data sheet for 45Msps.
Features
o Ultra-Low Power 15.3mW (Normal Operation: 10Msps) 2W (Shutdown Mode) o Excellent Dynamic Performance 48.6dB SNR at fIN = 1.875MHz 70dBc SFDR at fIN = 1.875MHz o 2.7V to 3.6V Single Analog Supply o 1.8V to 3.6V TTL/CMOS-Compatible Digital Outputs o Fully Differential or Single-Ended Analog Inputs o Internal/External Reference Option o Multiplexed CMOS-Compatible Three-State Outputs o 28-Pin Thin QFN Package o Evaluation Kit Available (Order MAX19192EVKIT+)
MAX19192
Ordering Information
PART MAX19192ETI+ MAX19192ETI/V+** TEMP RANGE -40C to +85C -40C to +85C PIN-PACKAGE 28 Thin QFN-EP* 28 Thin QFN-EP*
+Denotes a lead(Pb)-free/RoHS-compliant package. *EP = Exposed pad. /V denotes an automotive qualified part. **Future product--contact factory for availability.
Pin Configuration
TOP VIEW
REFIN REFN REFP COM PD0 PD1 VDD
28
27
26
25
24
23
22
INAINA+ GND CLK GND INB+ INB-
1 2 3 4 5 6 7
Applications
Ultrasound and Medical Imaging IQ Baseband Sampling Battery-Powered Portable Instruments Low-Power Video WLAN, Mobile DSL, WLL Receiver Digital Audio Receiver Front-End
+
21 20 19
D0 D1 D2 D3 A/B D4 D5
MAX19192
18 17 16
EXPOSED PAD
15 11 12 13
D7
10
GND
OGND
VDD
VDD
5mm x 5mm THIN QFN ________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
OVDD
D6
14
8
9
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC MAX19192
ABSOLUTE MAXIMUM RATINGS
VDD, OVDD to GND ...............................................-0.3V to +3.9V OGND to GND.......................................................-0.3V to +0.3V INA+, INA-, INB+, INB- to GND.............-0.3V to the lesser of (VDD + 0.3V or + 3.9V) CLK, REFIN, REFP, REFN, COM to GND ....-0.3V to the lesser of (VDD + 0.3V or + 3.9V) PD0, PD1 to OGND ...........-0.3V to the lesser of (OVDD + 0.3V or + 3.9V) Digital Outputs to OGND.............................-0.3V to the lesser of (OVDD + 0.3V or + 3.9V) Continuous Power Dissipation (TA = +70C) 28-Pin Thin QFN (derated 20.8mW/C above +70C) ...1667mW Operating Temperature Range ...........................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range .............................-65C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VDD = 3.0V, OVDD = 1.8V, VREFIN = VDD (internal reference), CL 10pF at digital outputs, fCLK = 10MHz, CREFP = CREFN = CCOM = 0.33F, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER DC ACCURACY Resolution Integral Nonlinearity Differential Nonlinearity Offset Error Gain Error DC Gain Matching Gain Temperature Coefficient Power-Supply Rejection ANALOG INPUT Differential Input Voltage Range Common-Mode Input Voltage Range Input Resistance Input Capacitance CONVERSION RATE Maximum Clock Frequency Data Latency fCLK Channel A Channel B fIN = 1.875MHz fIN = 3.0MHz fIN = 1.875MHz fIN = 3.0MHz 47 47 10 5.0 5.5 48.6 48.6 48.6 48.5 MHz Clock cycles VDIFF VCOM RIN CIN Switched capacitor load Differential or single-ended inputs 0.512 VDD/2 540 5 V V k pF Offset (VDD 5%) Gain (VDD 5%) INL DNL No missing codes over temperature +25C < +25C Excludes REFP - REFN error 0.01 30 0.2 0.05 8 0.14 0.12 1.00 1.00 4 6 2 0.2 Bits LSB LSB %FS %FS dB ppm/C LSB SYMBOL CONDITIONS MIN TYP MAX UNITS
DYNAMIC CHARACTERISTICS (Differential Inputs, 4096-Point FFT) Signal-to-Noise Ratio (Note 2) Signal-to-Noise and Distortion (Note 2) SNR SINAD dB dB
2
_______________________________________________________________________________________
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.0V, OVDD = 1.8V, VREFIN = VDD (internal reference), CL 10pF at digital outputs, fCLK = 10MHz, CREFP = CREFN = CCOM = 0.33F, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER Spurious-Free Dynamic Range (Note 2) Third-Harmonic Distortion (Note 2) Intermodulation Distortion Third-Order Intermodulation Total Harmonic Distortion (Note 2) Small-Signal Bandwidth Full-Power Bandwidth Aperture Delay Aperture Jitter Overdrive Recovery Time REFP Output Voltage REFN Output Voltage COM Output Voltage Differential Reference Output Differential Reference Output Temperature Coefficient Maximum REFP/REFN/COM Source Current Maximum REFP/REFN/COM Sink Current VCOM VREF VREFTC ISOURCE ISINK VREFP - VREFN SYMBOL SFDR HD3 IMD IM3 THD SSBW FPBW tAD tAJ 1.5 x full-scale input VREFP - VCOM VREFN - VCOM VDD/2 - 0.15 fIN = 3.0MHz fIN = 1.875MHz fIN = 3.0MHz fIN1 = 1.8MHz at -7dBFS, fIN2 = 3.0MHz at -7dBFS fIN1 = 1.8MHz at -7dBFS, fIN2 = 3.0MHz at -7dBFS fIN = 1.875MHz fIN = 3.0MHz Input at -20dBFS Input at -0.5dBFS CONDITIONS fIN = 1.875MHz MIN 59 TYP 70 70 -71 -71 -64 -64 -69 -67.0 440 440 1.5 2 2 0.256 -0.256 VDD/2 0.512 30 2 2 VDD/2 + 0.15 -57.0 MAX UNITS dBc dBc dBc dBc dBc MHz MHz ns psRMS ns V V V V ppm/C mA mA
MAX19192
INTERNAL REFERENCE (REFIN = VDD; VREFP, VREFN, and VCOM are Generated Internally)
BUFFERED EXTERNAL REFERENCE (VREFIN = 1.024V, VREFP, VREFN, and VCOM are Generated Internally) REFIN Input Voltage COM Output Voltage Differential Reference Output Maximum REFP/REFN/COM Source Current Maximum REFP/REFN/COM Sink Current VREFIN VCOM VREF ISOURCE ISINK VREFP - VREFN VDD/2 - 0.15 1.024 VDD/2 0.512 2 2 VDD/2 + 0.15 V V V mA mA
_______________________________________________________________________________________
3
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC MAX19192
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.0V, OVDD = 1.8V, VREFIN = VDD (internal reference), CL 10pF at digital outputs, fCLK = 10MHz, CREFP = CREFN = CCOM = 0.33F, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER REFIN Input Resistance REFIN Input Current REFP Input Voltage REFN Input Voltage COM Input Voltage Differential Reference Input Voltage REFP Input Resistance REFN Input Resistance DIGITAL INPUTS (CLK, PD0, PD1) Input High Threshold Input Low Threshold Input Hysteresis Digital Input Leakage Current Digital Input Capacitance Output-Voltage Low Output-Voltage High Three-State Leakage Current Three-State Output Capacitance POWER REQUIREMENTS Analog Supply Voltage Digital Output Supply Voltage VDD OVDD Normal operating mode, fIN = 1.875MHz at -0.5dBFS, CLK input from GND to VDD Idle mode (three-state), fIN = 1.875MHz at -0.5dBFS, CLK input from GND to VDD Standby mode, CLK input from GND to VDD, PD0 = OGND, PD1 = OVDD Shutdown mode, CLK = GND or VDD, PD0 = PD1 = OGND 2.7 1.8 5.1 5.1 2.9 0.6 5.0 A 3.0 3.6 VDD 5.8 mA V V VIH VIL VHYST DIIN DCIN VOL VOH ILEAK COUT 5 ISINK = 200A ISOURCE = 200A 0.8 x OVDD 5 CLK at GND or VDD PD0 and PD1 at OGND or OVDD 5 0.2 x OVDD CLK PD0, PD1 CLK PD0, PD1 0.1 5 5 0.7 x VDD 0.7 x OVDD 0.3 x VDD 0.3 x OVDD V V V A pF V V A pF VCOM VREF RREFP RREFN VREFP - VREFN Measured between REFP and COM Measured between REFN and COM VREFP - VCOM VREFN - VCOM SYMBOL CONDITIONS MIN TYP > 500 -0.7 0.256 -0.256 VDD/2 0.512 4 4 MAX UNITS k A V V V V k k
UNBUFFERED EXTERNAL REFERENCE (REFIN = GND, VREFP, VREFN, and VCOM are Applied Externally)
DIGITAL OUTPUTS (D7-D0, A/B)
Analog Supply Current
IDD
4
_______________________________________________________________________________________
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.0V, OVDD = 1.8V, VREFIN = VDD (internal reference), CL 10pF at digital outputs, fCLK = 10MHz, CREFP = CREFN = CCOM = 0.33F, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = +25C.) (Note 1)
PARAMETER SYMBOL CONDITIONS Normal operating mode, fIN = 1.875MHz at -0.5dBFS, CL 10pF Digital Output Supply Current (Note 3) Idle mode (three-state), DC input, CLK = GND or VDD, PD0 = OVDD, PD1 = OGND Standby mode, DC input, CLK = GND or VDD, PD0 = OGND, PD1 = OVDD Shutdown mode, CLK = GND or VDD, PD0 = PD1 = OGND TIMING CHARACTERISTICS CLK Rise to CHA Output Data Valid CLK Fall to CHB Output Data Valid CLK Rise/Fall to A/B Rise/Fall Time PD1 Rise to Output Enable PD1 Fall to Output Disable CLK Duty Cycle CLK Duty-Cycle Variation Wake-Up Time from Shutdown Mode Wake-Up Time from Standby Mode Digital Output Rise/Fall Time INTERCHANNEL CHARACTERISTICS Crosstalk Rejection Amplitude Matching Phase Matching fIN,X = 1.875MHz at -0.5dBFS, fIN,Y = 3.0MHz at -0.5dBFS fIN = 1.875MHz at -0.5dBFS (Note 6) fIN = 1.875MHz at -0.5dBFS (Note 6) -75 0.03 0.03 dB dB Degrees tWAKE, SD (Note 5) tWAKE, ST (Note 5) 20% to 80% tDOA tDOB tDA/B tEN tDIS 50% of CLK to 50% of data, Figure 5 (Note 4) 50% of CLK to 50% of data, Figure 5 (Note 4) 50% of CLK to 50% of A/B, Figure 5 (Note 4) PD0 = OVDD PD0 = OVDD 1 1 1 6 6 6 5 5 50 10 20 5.5 2 8.5 8.5 8.5 ns ns ns ns ns % % s s ns MIN TYP 1.6 0.1 0.1 0.1 5.0 5.0 A MAX UNITS mA
MAX19192
IODD
Note 1: Specifications +25C guaranteed by production test, < +25C guaranteed by design and characterization. Note 2: SNR, SINAD, SFDR, HD3, and THD are based on a differential analog input voltage of -0.5dBFS referenced to the amplitude of the digital output. SNR and THD are calculated using HD2 through HD6. Note 3: The power consumption of the output driver is proportional to the load capacitance (CL). Note 4: Guaranteed by design and characterization. Not production tested. Note 5: SINAD settles to within 0.5dB of its typical value. Note 6: Amplitude/phase matching is measured by applying the same signal to each channel, and comparing the magnitude and phase of the fundamental bin on the calculated FFT.
_______________________________________________________________________________________
5
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC MAX19192
Typical Operating Characteristics
(VDD = 3.0V, OVDD = 2.5V, VREFIN = VDD (internal reference), CL 10pF at digital outputs, differential input at -0.5dBFS, fCLK = 10MHz at 50% duty cycle, TA = +25C, unless otherwise noted.) FFT PLOT CHANNEL A (DIFFERENTIAL FFT PLOT CHANNEL A (DIFFERENTIAL FFT PLOT CHANNEL B (DIFFERENTIAL INPUTS, 8192-POINT DATA RECORD) INPUTS, 8192-POINT DATA RECORD) INPUTS, 8192-POINT DATA RECORD) FFT PLOT (8192 SAMPLES) FFT PLOT (8192 SAMPLES) FFT PLOT (8192 SAMPLES)
MAX19192 toc01 MAX19192 toc02
-10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80 -90 0
AMPLITUDE (dBFS)
AMPLITUDE (dBFS)
fCLK = 10.000000MHz fINA = 1.7956543MHz fINB = 2.9870605MHz AINA = AINB = -0.5dBFS
-10 -20 -30 -40 -50 -60 -70 -80
fCLK = 10.000000MHz fINA = 1.7956543MHz fINB = 2.9870605MHz AINA = AINB = -0.5dBFS
-10 -20 -30 -40 -50 -60 -70 -80
fCLK = 10.000000MHz fINA = 2.9870605MHz fINB = 1.7956543MHz AINA = AINB = -0.5dBFS
HD3 fINB HD2
HD3
fINA
HD2
HD3
fINB
HD2
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 FREQUENCY (MHz)
-90
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 FREQUENCY (MHz)
-90
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 FREQUENCY (MHz)
FFT PLOT CHANNEL B (DIFFERENTIAL INPUTS, 8192-POINT DATA RECORD) FFT PLOT (8192 SAMPLES)
MAX19192 toc04
TWO-TONE IMD PLOT (DIFFERENTIAL INPUTS, 8192-POINT DATA RECORD)
-10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80 fIN1 fIN2
fCLK = 10.000000MHz fIN1 = 1.7956543MHz fIN2 = 3.001709MHz AIN1 = AIN2 = -7dBFS
MAX19192 toc05
FFT PLOT CHANNEL A (SINGLE-ENDED INPUTS, 8192-POINT DATA RECORD) FFT PLOT (8192 SAMPLES)
-10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80 fINB HD2 HD3 fCLK = 10.000000MHz fINA = 1.7956543MHz fINB = 2.9870605MHz AINA = AINB = -0.5dBFS
MAX19192 toc06 MAX19192 toc09
0 -10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80 -90 0
fCLK = 10.000000MHz fINA = 2.9870605MHz fINB = 1.7956543MHz AINA = AINB = -0.5dBFS
0
0
HD3 fINA HD2
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 FREQUENCY (MHz)
-90
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 ANALOG INPUT FREQUENCY (MHz)
-90
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 FREQUENCY (MHz)
FFT PLOT CHANNEL B (SINGLE-ENDED INPUTS, 8192-POINT DATA RECORD) FFT PLOT (8192 SAMPLES)
MAX19192 toc07
FFT PLOT CHANNEL A (SINGLE-ENDED INPUTS, 8192-POINT DATA RECORD) FFT PLOT (8192 SAMPLES)
MAX19192 toc08
FFT PLOT CHANNEL B (SINGLE-ENDED INPUTS, 8192-POINT DATA RECORD) FFT PLOT (8192 SAMPLES)
0 -10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80 fINA HD2 HD3 fCLK = 10.000000MHz fINA = 2.9870605MHz fINB = 1.7956543MHz AINA = AINB = -0.5dBFS
0 -10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80 -90 0
AMPLITUDE (dBFS)
fCLK = 10.000000MHz fINA = 1.7956543MHz fINB = 2.9870605MHz AINA = AINB = -0.5dBFS
0 -10 -20 -30 -40 -50 -60 -70 -80
fCLK = 10.000000MHz fINA = 2.9870605MHz fINB = 1.7956543MHz AINA = AINB = -0.5dBFS
HD3
fINA
HD2
HD3
fINB
HD2
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 FREQUENCY (MHz)
-90
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 FREQUENCY (MHz)
-90
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 FREQUENCY (MHz)
6
_______________________________________________________________________________________
MAX19192 toc03
0
0
0
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC
Typical Operating Characteristics (continued)
(VDD = 3.0V, OVDD = 2.5V, VREFIN = VDD (internal reference), CL 10pF at digital outputs, differential input at -0.5dBFS, fCLK = 10MHz at 50% duty cycle, TA = +25C, unless otherwise noted.)
SIGNAL-TO-NOISE RATIO vs. ANALOG INPUT FREQUENCY
MAX19192 toc10
MAX19192
SIGNAL-TO-NOISE AND DISTORTION vs. ANALOG INPUT FREQUENCY
MAX19192 toc11
TOTAL HARMONIC DISTORTION vs. ANALOG INPUT FREQUENCY
MAX19192 toc12
50 49 48 SNR (dB) 47 46 45 44 CHANNEL A CHANNEL B 0 20 40 60
fIN (MHz)
50 49 48 47 46
-55
-60 SINAD (dB) THD (dBc) CHANNEL A CHANNEL B 0 20 40 60
fIN (MHz)
-65
-70 45 44 CHANNEL A CHANNEL B 120 -75 0 20 40 60
fIN (MHz)
80
100
120
80
100
80
100
120
SPURIOUS-FREE DYNAMIC RANGE vs. ANALOG INPUT FREQUENCY
MAX19192 toc13
SIGNAL-TO-NOISE RATIO vs. ANALOG INPUT POWER
MAX19192 toc14
SIGNAL-TO-NOISE AND DISTORTION vs. ANALOG INPUT POWER
fIN = 2.9902649MHz 50 SINAD (dB) 40 30 20 10
MAX19192 toc15
80 75 SFDR (dBc) 70 65 60 55
60 fIN = 2.9902649MHz 50 40 30 20 10
60
CHANNEL A CHANNEL B 0 20 40 60
fIN (MHz)
80
100
120
SNR (dB)
-30
-25
-20
-15
-10
-5
0
-30
-25
-20
-15
-10
-5
0
ANALOG INPUT POWER (dBFS)
ANALOG INPUT POWER (dBFS)
TOTAL HARMONIC DISTORTION vs. ANALOG INPUT POWER
MAX19192 toc16
SPURIOUS-FREE DYNAMIC RANGE vs. ANALOG INPUT POWER
MAX19192 toc17
SIGNAL-TO-NOISE RATIO vs. SAMPLING RATE
fIN = 2.9902649MHz 50 SNR (dB)
MAX19192 toc18
-30 fIN = 2.9902649MHz -40
80 fIN = 2.9902649MHz 70 SFDR (dBc) 60 50 40 30
52
THD (dBc)
-50
48
-60
46
-70
44 -30 -25 -20 -15 -10 -5 0 ANALOG INPUT POWER (dBFS)
-30
-25
-20
-15
-10
-5
0
6
8
10
12
14
16
18
20
ANALOG INPUT POWER (dBFS)
fCLK (MHz)
_______________________________________________________________________________________
7
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC MAX19192
Typical Operating Characteristics (continued)
(VDD = 3.0V, OVDD = 2.5V, VREFIN = VDD (internal reference), CL 10pF at digital outputs, differential input at -0.5dBFS, fCLK = 10MHz at 50% duty cycle, TA = +25C, unless otherwise noted.)
SIGNAL-TO-NOISE AND DISTORTION vs. SAMPLING RATE
MAX19192 toc19
TOTAL HARMONIC DISTORTION vs. SAMPLING RATE
MAX19192 toc20
SPURIOUS-FREE DYNAMIC RANGE vs. SAMPLING RATE
fIN = 2.9902649MHz 75 SFDR (dBc)
MAX19192 toc21
52 fIN = 2.9902649MHz 50 SINAD (dB)
-55 fIN = 2.9902649MHz -60 THD (dBc)
80
48
-65
70
46
-70
65
44
6
8
10
12
14
16
18
20
-75
6
8
10
12
14
16
18
20
60
6
8
10
12
14
16
18
20
fCLK (MHz)
fCLK (MHz)
fCLK (MHz)
SIGNAL-TO-NOISE RATIO vs. DUTY CYCLE
MAX19192 toc22
SIGNAL-TO-NOISE AND DISTORTION vs. DUTY CYCLE
MAX19192 toc23
TOTAL HARMONIC DISTORTION vs. DUTY CYCLE
fIN = 2.9902649MHz -60 -65 -70 -75 -80
MAX19192 toc24
51 fIN = 2.9902649MHz 50 49 48 47 46
51 fIN = 2.9902649MHz 50 SINAD (dB) 49 48 47 46
-55
THD (dBc)
SNR (dB)
40
45
50 DUTY CYCLE (%)
55
60
40
45
50 DUTY CYCLE (%)
55
60
40
45
50 DUTY CYCLE (%)
55
60
SPURIOUS-FREE DYNAMIC RANGE vs. DUTY CYCLE
fIN = 2.9902649MHz 80 SFDR (dBc) 75 70 65 60
MAX19192 toc25
INTEGRAL NONLINEARITY vs. DIGITAL OUTPUT CODE
MAX19192 toc26
DIFFERENTIAL NONLINEARITY vs. DIGITAL OUTPUT CODE
MAX19192 toc27
85
0.3 0.2 0.1
0.3 0.2 0.1 DNL (LSB) 0 -0.1 -0.2 -0.3
INL (LSB)
0 -0.1 -0.2 -0.3
40
45
50 DUTY CYCLE (%)
55
60
0
32
64
96
128 160 192
224 256
0
32
64
96
128 160 192
224 256
DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
8
_______________________________________________________________________________________
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC
Typical Operating Characteristics (continued)
(VDD = 3.0V, OVDD = 2.5V, VREFIN = VDD (internal reference), CL 10pF at digital outputs, differential input at -0.5dBFS, fCLK = 10MHz at 50% duty cycle, TA = +25C, unless otherwise noted.)
OFFSET ERROR vs. TEMPERATURE
MAX19192 toc28
MAX19192
GAIN ERROR vs. TEMPERATURE
MAX19192 toc29
INPUT BANDWIDTH vs. ANALOG INPUT FREQUENCY
4 2 SMALL-SIGNAL BANDWIDTH -20dBFS
MAX19192 toc30
0.60 0.50 OFFSET ERROR (%FS) 0.40 0.30 0.20 0.10 0 -0.10 CHANNEL A CHANNEL B -40 -15 10 35 60
0.3 0.2 GAIN ERROR (%FS) 0.1
6
GAIN (dB)
0 -2 -4 -6 FULL-POWER BANDWIDTH -0.5dBFS
0 -0.1 -0.2 -0.3 CHANNEL A CHANNEL B -40 -15 10 35 60 85
-8 -10 1 10 100 1000
85
TEMPERATURE (C)
TEMPERATURE (C)
ANALOG INPUT FREQUENCY (MHz)
REFERENCE VOLTAGE vs. ANALOG SUPPLY VOLTAGE
MAX19192 toc31
REFERENCE VOLTAGE vs. TEMPERATURE
MAX19192 toc32
0.5130 0.5120 VREFP - VREFN (V) 0.5110 0.5100 0.5090 0.5080
0.5160 0.5140 VREFP - VREFN (V) 0.5120 0.5100 0.5080 0.5060 0.5040
2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 ANALOG SUPPLY VOLTAGE (V)
-40
-15
10
35
60
85
TEMPERATURE (C)
SUPPLY CURRENT vs. SAMPLING RATE
fIN = 2.9902649MHz 8 SUPPLY CURRENT (mA) 6 4 C 2 0
MAX19192 toc33
10
A
B
0
5
10 fCLK (MHz)
15
20
A: ANALOG SUPPLY CURRENT (IVDD) - INTERNAL AND BUFFERED EXTERNAL REFERENCE MODES B: ANALOG SUPPLY CURRENT (IVDD) - UNBUFFERED EXTERNAL REFERENCE MODE C: DIGITAL SUPPLY CURRENT (IOVDD) - OVDD = 2.5V, ALL REFERENCE MODES
_______________________________________________________________________________________
9
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC MAX19192
Pin Description
PIN 1 2 3, 5, 10 4 6 7 8, 9, 28 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 -- NAME INAINA+ GND CLK INB+ INBVDD OGND OVDD D7 D6 D5 D4 A/B D3 D2 D1 D0 PD1 PD0 REFIN COM REFN REFP EP FUNCTION Channel A Negative Analog Input. For single-ended operation, connect INA- to COM. Channel A Positive Analog Input. For single-ended operation, connect signal source to INA+. Analog Ground. Connect all GND pins together. Converter Clock Input Channel B Positive Analog Input. For single-ended operation, connect signal source to INB+. Channel B Negative Analog Input. For single-ended operation, connect INB- to COM. Converter Power Input. Connect to a 2.7V to 3.6V power supply. Bypass VDD to GND with a combination of a 2.2F capacitor in parallel with a 0.1F capacitor. Output Driver Ground Output Driver Power Input. Connect to a 1.8V to VDD power supply. Bypass OVDD to GND with a combination of a 2.2F capacitor in parallel with a 0.1F capacitor. Three-State Digital Output. D7 is the most significant bit (MSB). Three-State Digital Output Three-State Digital Output Three-State Digital Output Channel Data Indicator. This digital output indicates channel A data (A/B = 1) or channel B data (A/B = 0) is present on the output. Three-State Digital Output Three-State Digital Output Three-State Digital Output Three-State Digital Output. D0 is the least significant bit (LSB). Power-Down Digital Input 1. See Table 3. Power-Down Digital Input 0. See Table 3. Reference Input. Internally pulled up to VDD. Common-Mode Voltage I/O. Bypass COM to GND with a 0.33F capacitor. Negative Reference I/O. Conversion range is (VREFP - VREFN). Bypass REFN to GND with a 0.33F capacitor. Positive Reference I/O. Conversion range is (VREFP - VREFN). Bypass REFP to GND with a 0.33F capacitor. Exposed Pad. Internally connected to pin 3. Externally connect EP to GND.
10
______________________________________________________________________________________
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC
Detailed Description
+ T/H FLASH ADC DAC x2
MAX19192
1.5 BITS INA+ T/H INASTAGE 1 STAGE 2 STAGE 7
DIGITAL ERROR CORRECTION D0-D7
Figure 1. Pipeline Architecture--Stage Blocks
The MAX19192 uses a seven-stage, fully differential, pipelined architecture (Figure 1) that allows for highspeed conversion while minimizing power consumption. Samples taken at the inputs move progressively through the pipeline stages every half-clock cycle. Including the delay through the output latch, the total clock-cycle latency is 5 clock cycles for channel A and 5.5 clock cycles for channel B. At each stage, flash ADCs convert the held input voltages into a digital code. The following digital-to-analog converter (DAC) converts the digitized result back into an analog voltage, which is then subtracted from the original held input signal. The resulting error signal is then multiplied by two, and the product is passed along to the next pipeline stage where the process is repeated until the signal has been processed by all stages. Digital error correction compensates for ADC comparator offsets in each pipeline stage and ensures no missing codes. Figure 2 shows the MAX19192 functional diagram.
INA+ T/H INA-
/
DEC
COM REFN INB+ T/H INB-
MULTIPLEXER
/
DEC
Figure 2. MAX19192 Functional Diagram
______________________________________________________________________________________
/
PIPELINE ADC B
/
REFIN REFP
REFERENCE SYSTEM AND BIAS CIRCUITS
/
PIPELINE ADC A
VDD GND
MAX19192
POWER CONTROL
PD0 PD1 OVDD D0-D7
OUTPUT DRIVERS
A/B OGND
TIMING
CLK
11
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC MAX19192
INTERNAL BIAS S2a C1a S4a INA+ C2a S4c S1 OUT S4b C2b C1b S3b S2b INTERNAL BIAS INTERNAL BIAS S2a C1a S4a INB+ C2a S4c S1 OUT S4b C2b C1b S3b S2b INTERNAL BIAS S5b COM OUT S5b COM HOLD TRACK HOLD TRACK CLK INTERNAL NONOVERLAPPING CLOCK SIGNALS OUT COM S5a S3a
INA-
COM S5a S3a
MAX19192
INB-
Figure 3. Internal T/H Circuits
Input Track-and-Hold (T/H) Circuits
Figure 3 displays a simplified functional diagram of the input T/H circuits. In track mode, switches S1, S2a, S2b, S4a, S4b, S5a, and S5b are closed. The fully differential circuits sample the input signals onto the two capacitors (C2a and C2b) through switches S4a and S4b. S2a and S2b set the common mode for the ampli12
fier input, and open simultaneously with S1, sampling the input waveform. Switches S4a, S4b, S5a, and S5b are then opened before switches S3a and S3b connect capacitors C1a and C1b to the output of the amplifier and switch S4c is closed. The resulting differential voltages are held on capacitors C2a and C2b. The amplifiers charge capacitors C1a and C1b to the same
______________________________________________________________________________________
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC MAX19192
Table 1. Reference Modes
VREFIN > 0.8 x VDD REFERENCE MODE Internal reference mode. VREF is internally generated to be 0.512V. Bypass REFP, REFN, and COM each with a 0.33F capacitor. Buffered external reference mode. An external 1.024V 10% reference voltage is applied to REFIN. VREF is internally generated to be VREFIN/2. Bypass REFP, REFN, and COM each with a 0.33F capacitor. Bypass REFIN to GND with a 0.1F capacitor. Unbuffered external reference mode. REFP, REFN, and COM are driven by external reference sources. VREF is the difference between the externally applied VREFP and VREFN. Bypass REFP, REFN, and COM each with a 0.33F capacitor.
1.024V 10%
< 0.3V
values originally held on C2a and C2b. These values are then presented to the first stage quantizers and isolate the pipelines from the fast-changing inputs. The wide input bandwidth T/H amplifiers allow the MAX19192 to track and sample/hold analog inputs of high frequencies (> Nyquist). Both ADC inputs (INA+, INB+, INA-, and INB-) can be driven either differentially or single ended. Match the impedance of INA+ and INA-, as well as INB+ and INB-, and set the commonmode voltage to midsupply (VDD/2) for optimum performance.
62.5A
MAX19192
4k
REFP
1.75V
0A COM
Analog Inputs and Reference Configurations
The MAX19192 full-scale analog input range is VREF with a common-mode input range of VDD/2 0.2V. VREF is the difference between V REFP and V REFN . The MAX19192 provides three modes of reference operation. The voltage at REFIN (VREFIN) sets the reference operation mode (Table 1). In internal reference mode, connect REFIN to VDD or leave REFIN unconnected. VREF is internally generated to be 0.512V 3%. COM, REFP, and REFN are lowimpedance outputs with VCOM = VDD/2, VREFP = VDD/2 + VREF/2, and VREFN = VDD/2 - VREF/2. Bypass REFP, REFN, and COM each with a 0.33F capacitor. In buffered external reference mode, apply a 1.024V 10% at REFIN. In this mode, COM, REFP, and REFN are low-impedance outputs with VCOM = VDD/2, VREFP = V DD /2 + V REFIN /4, and V REFN = V DD /2 - V REFIN /4. Bypass REFP, REFN, and COM each with a 0.33F capacitor. Bypass REFIN to GND with a 0.1F capacitor. In unbuffered external reference mode, connect REFIN to GND. This deactivates the on-chip reference buffers for COM, REFP, and REFN. With their buffers shut down, these nodes become high-impedance inputs (Figure 4) and can be driven through separate, external
1.5V 4k 62.5A REFN
1.25V
Figure 4. Unbuffered External Reference Mode Impedance
reference sources. Drive VCOM to VDD/2 10%, drive VREFP to (VDD/2 +0.256V) 10%, and drive VREFN to (VDD/2 - 0.256V) 10%. Bypass REFP, REFN, and COM each with a 0.33F capacitor. For detailed circuit suggestions and how to drive this dual ADC in buffered/unbuffered external reference mode, see the Applications Information section.
Clock Input (CLK)
CLK accepts a CMOS-compatible signal level. Since the interstage conversion of the device depends on the repeatability of the rising and falling edges of the external clock, use a clock with low jitter and fast rise and fall times (< 2ns). In particular, sampling occurs on the
______________________________________________________________________________________
13
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC MAX19192
5 CLOCK-CYCLE LATENCY (CHA), 5.5 CLOCK-CYCLE LATENCY (CHB)
CHA
CHB tCLK tCL CLK tCH
tDOB A/B tDA/B D0-D7 D0B D1A CHB CHA
tDOA CHB CHA CHB CHA CHB CHA CHB CHA CHB CHA CHB
D1B
D2A
D2B
D3A
D3B
D4A
D4B
D5A
D5B
D6A
D6B
Figure 5. System Timing Diagram
rising edge of the clock signal, requiring this edge to provide lowest possible jitter. Any significant aperture jitter would limit the SNR performance of the on-chip ADCs as follows:
OFFSET BINARY OUTPUT CODE (LSB)
1LSB =
2 x VREF 256 VREF
VREF = VREFP - VREFN VREF
1 SNR = 20 x log 2 x x f IN x t AJ where fIN represents the analog input frequency and tAJ is the time of the aperture jitter. Clock jitter is especially critical for undersampling applications. The clock input should always be considered as an analog input and routed away from any analog input or other digital signal lines. The MAX19192 clock input operates with a VDD/2 voltage threshold and accepts a 50% 10% duty cycle (see the Typical Operating Characteristics).
1000 0001 1000 0000 0111 1111
0000 0011 0000 0010 0000 0001 0000 0000
-128 -127 -126 -125 -1 0 +1
+125 +126 +127 +128
(COM) INPUT VOLTAGE (LSB)
System Timing Requirements
Figure 5 shows the relationship between the clock, analog inputs, A/B indicator, and the resulting output data. Channel A (CHA) and channel B (CHB) are simultaneously sampled on the rising edge of the clock signal (CLK) and the resulting data is multiplexed at the output. CHA data is updated on the rising edge and CHB data is updated on the falling edge of the CLK. The A/B indicator follows CLK with a typical delay time of 6ns and remains high when CHA data is updated and low when CHB data is updated. Including the delay through the output latch, the total clock-cycle latency is 5 clock cycles for CHA and 5.5 clock cycles for CHB.
14
Figure 6. Transfer Function
Digital Output Data (D0-D7), B Channel Data Indicator (A/B)
D0-D7 and A/B are TTL/CMOS-logic compatible. The digital output coding is offset binary (Table 2, Figure 6). The capacitive load on the digital outputs D0-D7 should be kept as low as possible (< 15pF) to avoid large digital currents feeding back into the analog portion of the MAX19192 and degrading its dynamic performance. Buffers on the digital outputs isolate them
______________________________________________________________________________________
VREF
VREF (COM)
1111 1111 1111 1110 1111 1101
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC MAX19192
Table 2. Output Codes vs. Input Voltage
DIFFERENTIAL INPUT VOLTAGE (IN+ - IN-) DIFFERENTIAL INPUT (LSB) +127 (+ full scale - 1 LSB) +126 (+ full scale - 2 LSB) +1 0 (bipolar zero) -1 -127 (- full scale + 1 LSB) -128 (- full scale) OFFSET BINARY (D7-D0) 1111 1111 1111 1110 1000 0001 1000 0000 0111 1111 0000 0001 0000 0000 OUTPUT DECIMAL CODE 255 254 129 128 127 1 0
VREF x VREF x VREF x VREF x
127 128 126 128 1 128 0 128 1 128 127 128 128 128
- VREF x - VREF x - VREF x
Table 3. Power Logic
PD0 0 0 1 1 PD1 0 1 0 1 POWER MODE Shutdown Standby Idle Normal operating ADC Off Off On On INTERNAL REFERENCE Off On On On CLOCK DISTRIBUTION Off On On On OUTPUTS Three-state Three-state Three-state On
from heavy capacitive loads. To improve the dynamic performance of the MAX19192, add 100 resistors in series with the digital outputs close to the MAX19192. Refer to the MAX19192 evaluation kit schematic for an example of the digital outputs driving a digital buffer through 100 series resistors.
Power Modes (PD0, PD1)
The MAX19192 has four power modes that are controlled with PD0 and PD1. Four power modes allow the MAX19192 to efficiently use power by transitioning to a low-power state when conversions are not required (Table 3). Shutdown mode offers the most dramatic power savings by shutting down all the analog sections of the MAX19192 and placing the outputs in three-state. The
wake-up time from shutdown mode is dominated by the time required to charge the capacitors at REFP, REFN, and COM. In internal reference mode and buffered external reference mode, the wake-up time is typically 20s. When operating in the unbuffered external reference mode, the wake-up time is dependent on the external reference drivers. When the outputs transition from three-state to on, the last converted word is placed on the digital outputs. In standby mode, the reference and clock distribution circuits are powered up, but the pipeline ADCs are unpowered and the outputs are in three-state. The wake-up time from standby mode is dominated by the 5.5s required to activate the pipeline ADCs. When the outputs transition from three-state to on, the last converted word is placed on the digital outputs.
______________________________________________________________________________________
15
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC MAX19192
R4 600 R5 600
RISO 22 R1 600 VCOM = 0.5V TO 1.5V VSIG = 85mVP-P R2 300 INACIN 5pF
MAX19192
R3 600
R6 600
R7 600
COM AV = 6V/V VCOM = VDD/2
R8 600
R9 600
RISO 22 CIN 5pF INA+
R10 600
R11 600
OPERATIONAL AMPLIFIERS CHOOSE EITHER OF THE MAX4452/MAX4453/MAX4454 SINGLE/ DUAL/QUAD 3V, 200MHz OP AMPS FOR USE WITH THIS CIRCUIT. CONNECT THE POSITIVE SUPPLY RAIL (VCC) TO 3V. CONNECT THE NEGATIVE SUPPLY RAIL (VEE) TO GROUND. DECOUPLE VCC WITH A 0.1F CAPACITOR TO GROUND.
RESISTOR NETWORKS RESISTOR NETWORKS ENSURE PROPER THERMAL AND TOLERANCE MATCHING. FOR R1, R2, AND R3 USE A NETWORK SUCH AS VISHAY'S 3R MODEL NUMBER 300192. FOR R4-R11, USE A NETWORK SUCH AS VISHAY'S 4R MODEL NUMBER 300197.
Figure 7. DC-Coupled Differential Input Driver
In idle mode, the pipeline ADCs, reference, and clock distribution circuits are powered, but the outputs are forced to three-state. The wake-up time from idle mode is dominated by the 5ns required for the output drivers to start from three-state. When the outputs transition from three-state to on, the last converted word is placed on the digital outputs. In the normal operating mode, all sections of the MAX19192 are powered.
Applications Information
The circuit of Figure 7 operates from a single 3V supply and accommodates a wide 0.5V to 1.5V input commonmode voltage range for the analog interface between an RF quadrature demodulator (differential, DC-coupled signal source) and a high-speed ADC. Furthermore, the circuit provides required SINAD and SFDR to demodulate a wideband (BW = 3.84MHz), QAM-16 communication link. RISO isolates the op amp output from the ADC capacitive input to prevent ringing and oscillation. CIN filters high-frequency noise.
16
______________________________________________________________________________________
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC MAX19192
25 INA+ 22pF 0.1F VIN N.C. 1 2 3 T1 6 VIN 1k 0.1F RISO 50 INA+ 100 COM 2.2F 0.1F REFN 0.1F RISO 50 25 INA22pF 100 INACIN 22pF REFP INB+ 22pF 0.1F VIN N.C. 1 2 3 T1 6 VIN 0.1F 1k RISO 50 INB+ 100 2.2F 0.1F REFN 25 INB22pF 100 0.1F RISO 50 INBCIN 22pF 1k CIN 22pF 1k CIN 22pF REFP
MAX4108
5 4
COM
MINICIRCUITS TT1-6-KK81
MAX19192
25
MAX19192
MAX4108
5 4
MINICIRCUITS TT1-6-KK81
Figure 8. Transformer-Coupled Input Drive
Figure 9. Using an Op Amp for Single-Ended, AC-Coupled Input Drive
Using Transformer Coupling
An RF transformer (Figure 8) provides an excellent solution to convert a single-ended source signal to a fully differential signal, required by the MAX19192 for optimum performance. Connecting the center tap of the transformer to COM provides a VDD/2 DC level shift to the input. Although a 1:1 transformer is shown, a stepup transformer can be selected to reduce the drive requirements. A reduced signal swing from the input driver, such as an op amp, can also improve the overall distortion. In general, the MAX19192 provides better SFDR and THD with fully differential input signals than singleended drive, especially for high input frequencies. In differential input mode, even-order harmonics are lower as both inputs (INA+, INA- and/or INB+, INB-) are bal-
anced, and each of the ADC inputs only requires half the signal swing compared to single-ended mode.
Single-Ended AC-Coupled Input Signal
Figure 9 shows an AC-coupled, single-ended application. Amplifiers such as the MAX4108 provide high speed, high bandwidth, low noise, and low distortion to maintain the input signal integrity.
Buffered External Reference Drives Multiple ADCs
The buffered external reference mode allows for more control over the MAX19192 reference voltage and allows multiple converters to use a common reference. To drive one MAX19192 in buffered external reference mode, the external circuit must sink 0.7A, allowing one reference circuit to easily drive the REFIN of multiple converters to 1.024V 10%.
17
______________________________________________________________________________________
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC MAX19192
3V VDD REFIN
24 0.1F 1.248V 1 2 27 MAX6061 10Hz LOWPASS FILTER 1% 20k 0.33F 0.1F
REFP
N=1 MAX19192
3
26 0.33F
REFN
1F
1% 90.9k 3V 0.33F 0.1F 1 15
25
COM GND
5 3 NOTE: ONE FRONT-END REFERENCE CIRCUIT PROVIDES 15mA OF OUTPUT DRIVE AND SUPPORTS OVER 1000 MAX19192s. MAX4250 4 2
1.023V 24 0.1F 27 0.33F REFP N = 1000 VDD REFIN 0.1F 2.2F
MAX19192
26 0.33F 25 0.33F REFN
COM GND
Figure 10. External Buffered (MAX4250) Reference Drive Using a MAX6061 Bandgap Reference
Figure 10 shows the MAX6061 precision bandgap reference used as a common reference for multiple converters. The 1.248V output of the MAX6061 is divided down to 1.023V as it passes through a one-pole, 10Hz, lowpass filter to the MAX4250. The MAX4250 buffers the 1.023V reference before its output is applied to the MAX19192. The MAX4250 provides a low offset voltage (for high gain accuracy) and a low noise level.
Unbuffered External Reference Drives Multiple ADCs
The unbuffered external reference mode allows for precise control over the MAX19192 reference and allows multiple converters to use a common reference. Connecting REFIN to GND disables the internal reference, allowing REFP, REFN, and COM to be driven directly by a set of external reference sources.
18
______________________________________________________________________________________
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC MAX19192
3V
2.500V 0.1F 1 2 27 MAX6066 1% 30.1k 3 1/4 2 1F NOTE: ONE FRONT-END REFERENCE CIRCUIT SUPPORTS UP TO 160 MAX19192s. 1% 10.0k 5 1/4 6 3V UNCOMMITTED 1M 12 1/4 1M 13 MAX4254 11 1% 49.9k 0.33F 0.1F 4 14 9 1% 10.0k 10 1/4 MAX4254 10F 6V 8 47 330F 6V 1.47k MAX4254 10F 6V 7 47 330F 6V 1.47k 1.248V 0.33F 26 0.33F 25 COM GND REFN 27 VDD REFP MAX4254 10F 6V 1 47 0.33F 330F 6V 1.47k 1.498V 0.33F 25 COM GND 0.33F 1.748V 26 REFN REFP VDD
N=1 MAX19192
REFIN 24
3
0.1F
2.2F
N = 160 MAX19192
REFIN 24
Figure 11. External Unbuffered Reference Driving 160 ADCs with the MAX4254 and MAX6066
Figure 11 shows the MAX6066 precision bandgap reference used as a common reference for multiple converters. The 2.500V output of the MAX6066 is followed by a 10Hz lowpass filter and precision voltage-divider. The MAX4254 buffers the taps of this divider to provide the 1.75V, 1.5V, and 1.25V sources to drive REFP, REFN, and COM. The MAX4254 provides a low offset voltage and low noise level. The individual voltage followers are connected to 10Hz lowpass filters, which filter both the reference-voltage and amplifier noise to a level of 3nV/Hz. The 1.75V and 1.25V reference volt-
ages set the differential full-scale range of the associated ADCs at 0.5V. The common power supply for all active components removes any concern regarding power-supply sequencing when powering up or down. With the outputs of the MAX4252 matching better than 0.1%, the buffers and subsequent lowpass filters support as many as 160 MAX19192s.
______________________________________________________________________________________
19
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC MAX19192
A/B
MAX2451
INA+ INA0 90
MAX19192
INB+ INB-
DSP POSTPROCESSING
DOWNCONVERTER /8
Figure 12. Typical QAM Receiver Application
Typical QAM Demodulation Application
Quadrature amplitude modulation (QAM) is frequently used in digital communications. Typically found in spread-spectrum-based systems, a QAM signal represents a carrier frequency modulated in both amplitude and phase. At the transmitter, modulating the baseband signal with quadrature outputs, a local oscillator followed by subsequent upconversion can generate the QAM signal. The result is an in-phase (I) and a quadrature (Q) carrier component, where the Q component is 90 phase shifted with respect to the in-phase component. At the receiver, the QAM signal is demodulated into analog I and Q components. Figure 12 displays the demodulation process performed in the analog domain using the MAX19192 dual-matched, 3V, 8-bit ADC and the MAX2451 quadrature demodulator to recover and digitize the I and Q baseband signals. Before being digitized by the MAX19192, the mixed-down signal components can be filtered by matched analog filters, such as Nyquist or pulse-shaping filters. The filters remove unwanted images from the mixing process, thereby enhancing the overall signal-to-noise (SNR) performance and minimizing intersymbol interference.
preferably on the same side as the ADC, using surfacemount devices for minimum inductance. Bypass VDD to GND with a 0.1F ceramic capacitor in parallel with a 2.2F bipolar capacitor. Bypass OVDD to OGND with a 0.1F ceramic capacitor in parallel with a 2.2F bipolar capacitor. Bypass REFP, REFN, and COM each to GND with a 0.33F ceramic capacitor. Multilayer boards with separated ground and power planes produce the highest level of signal integrity. Use a split ground plane arranged to match the physical location of the analog ground (GND) and the digital output driver ground (OGND) on the ADC's package. Connect the MAX19192 exposed backside pad to GND. Join the two ground planes at a single point so that the noisy digital ground currents do not interfere with the analog ground plane. The ideal location of this connection can be determined experimentally at a point along the gap between the two ground planes, which produces optimum results. Make this connection with a low-value, surface-mount resistor (1 to 5), a ferrite bead, or a direct short. Alternatively, all ground pins could share the same ground plane, if the ground plane is sufficiently isolated from any noisy, digital systems ground plane (e.g., downstream output buffer or DSP ground plane). Route high-speed digital signal traces away from the sensitive analog traces of either channel. Make sure to isolate the analog input lines to each respective converter to minimize channel-to-channel crosstalk. Keep all signal lines short and free of 90 turns.
Grounding, Bypassing, and Board Layout
The MAX19192 requires high-speed board layout design techniques. Refer to the MAX19192 evaluation kit data sheet for a board layout reference. Locate all bypass capacitors as close as possible to the device,
20
______________________________________________________________________________________
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC
Signal-to-Noise Ratio (SNR)
CLK
MAX19192
ANALOG INPUT tAD tAJ SAMPLED DATA (T/H)
T/H
TRACK
HOLD
TRACK
Figure 13. T/H Aperture Timing
For a waveform perfectly reconstructed from digital samples, the theoretical maximum SNR is the ratio of the full-scale analog input (RMS value) to the RMS quantization error (residual error). The ideal, theoretical minimum analog-to-digital noise is caused by quantization error only and results directly from the ADC's resolution (N bits): SNRdB[max] = 6.02 x N + 1.76 In reality, there are other noise sources besides quantization noise: thermal noise, reference noise, clock jitter, etc. SNR is computed by taking the ratio of the RMS signal to the RMS noise. RMS noise includes all spectral components to the Nyquist frequency excluding the fundamental, the first five harmonics, and the DC offset.
Signal-to-Noise Plus Distortion (SINAD)
Static Parameter Definitions
Integral Nonlinearity (INL)
Integral nonlinearity is the deviation of the values on an actual transfer function from a straight line. This straight line can be either a best-straight-line fit or a line drawn between the end points of the transfer function, once offset and gain errors have been nullified. The static linearity parameters for the MAX19192 are measured using the end-point method.
SINAD is computed by taking the ratio of the RMS signal to the RMS noise. RMS noise includes all spectral components to the Nyquist frequency excluding the the fundamental and the DC offset.
Effective Number of Bits (ENOB)
ENOB specifies the dynamic performance of an ADC at a specific input frequency and sampling rate. An ideal ADC's error consists of quantization noise only. ENOB for a full-scale sinusoidal input waveform is computed from: ENOB = SINAD - 1.76 6.02
Differential Nonlinearity (DNL)
Differential nonlinearity is the difference between an actual step width and the ideal value of 1LSB. A DNL error specification of less than 1LSB guarantees no missing codes and a monotonic transfer function.
Offset Error
Ideally, the midscale MAX19192 transition occurs at 0.5 LSB above midscale. The offset error is the amount of deviation between the measured transition point and the ideal transition point.
Total Harmonic Distortion (THD)
THD is typically the ratio of the RMS sum of the first five harmonics of the input signal to the fundamental itself. This is expressed as:
2 2 2 2 2 V2 + V3 + V4 + V5 + V6 THD = 20 x log V1
Gain Error
Ideally, the full-scale MAX19192 transition occurs at 1.5 LSB below full-scale. The gain error is the amount of deviation between the measured transition point and the ideal transition point with the offset error removed.
where V1 is the fundamental amplitude, and V2-V6 are the amplitudes of the 2nd- through 6th-order harmonics.
Dynamic Parameter Definitions
Aperture Jitter
Figure 13 depicts the aperture jitter (tAJ), which is the sample-to-sample variation in the aperture delay.
Third Harmonic Distortion (HD3)
HD3 is defined as the ratio of the RMS value of the third harmonic component to the fundamental input signal.
Spurious-Free Dynamic Range (SFDR)
SFDR is the ratio expressed in decibels of the RMS amplitude of the fundamental (maximum signal component) to the RMS value of the next-largest spurious component, excluding DC offset.
Aperture Delay
Aperture delay (tAD) is the time defined between the rising edge of the sampling clock and the instant when an actual sample is taken (Figure 13).
______________________________________________________________________________________
21
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC MAX19192
Intermodulation Distortion (IMD)
IMD is the total power of the intermodulation products relative to the total input power when two tones, f1 and f2, are present at the inputs. The intermodulation products are (f1 f2), (2 x f1), (2 x f2), (2 x f1 f2), (2 x f2 f1). The individual input tone levels are at -7dBFS.
Small-Signal Bandwidth
A small -20dBFS analog input signal is applied to an ADC in such a way that the signal's slew rate does not limit the ADC's performance. The input frequency is then swept up to the point where the amplitude of the digitized conversion result has decreased by -3dB. Note that the track/hold (T/H) performance is usually the limiting factor for the small-signal input bandwidth.
Third-Order Intermodulation (IM3)
IM3 is the power of the worst third-order intermodulation product relative to the input power of either input tone when two tones, f1 and f2, are present at the inputs. The third-order intermodulation products are (2 x f1 f2), (2 x f2 f1). The individual input tone levels are at -7dBFS.
Full-Power Bandwidth
A large -0.5dBFS analog input signal is applied to an ADC, and the input frequency is swept up to the point where the amplitude of the digitized conversion result has decreased by -3dB. This point is defined as fullpower input bandwidth frequency.
Power-Supply Rejection
Power-supply rejection is defined as the shift in offset and gain error when the power supplies are moved 5%.
Chip Information
PROCESS: CMOS
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a "+", "#", or "-" in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the package regardless of RoHS status. PACKAGE TYPE 28 TQFN-EP PACKAGE CODE T2855+8 DOCUMENT NO. 21-0140
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
22 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2010 Maxim Integrated Products Maxim is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX19192ETI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X