Part Number Hot Search : 
2SK37 LD471450 MMSZ52 NJM2065 44764 1N3001 TXXNC1 B2099
Product Description
Full Text Search
 

To Download LA38W-130-HRF9UG-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
LED ARRAY
Pb
Lead-Free Parts
LA38W-130/HRF9UG-PF
DATA SHEET
DOC. NO : REV. DATE : :
QW0905-LA38W-130/HRF9UG-PF A 24 - Mar. - 2009
DCC
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LA38W-130/HRF9UG-PF Page 1/6
Package Dimensions
5 3.0 4.0
4.2
5.2
14.20.5 9
9UG
HRF
123
1
2.0MIN
2
3
1/4 0.5
TYP 2.0MIN
1.ANODE GREEN 2.COMMON CATHODE 3.ANODE RED
2.54TYP
2.54TYP
LHRF9UG2093
3.0 4.0
4.2 1.5 MAX
5.2
6.7O 0.5
9UG
1/4 0.5
TYP 18.0MIN
HRF
123
1.ANODE GREEN 2.COMMON CATHODE 3.ANODE RED
1
2.0MIN
2
3
2.0MIN 2.54TYP 2.54TYP
Note : 1.All dimension are in millimeter tolerance is O 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LA38W-130/HRF9UG-PF Page 2/6
Absolute Maximum Ratings at Ta=25 J
Ratings Parameter Symbol HRF Forward Current Peak Forward Current Duty 1/10@10KHz Power Dissipation Electrostatic Discharge( * ) Reverse Current @5V Operating Temperature Storage Temperature IF IFP PD ESD Ir Topr Tstg 30 90 75 2000 10 -40 ~ +85 -40 ~ +100 9UG 30 60 75 mA mA mW V UNIT
g A J
Static Electricity or power surge will the Use of anti-electrosatic * glove is recommended when handingdamageLED.LED.devices, a conductive wrist band or must be properly these All equipment and machinery grounded.
Typical Electrical & Optical Characteristics (Ta=25 J)
PART NO
MATERIAL Emitted AlGaInP Red
COLOR Lens
Forward Luminous Viewing Dominant Spectral voltage intensity angle wave halfwidth @20mA(V) @20mA(mcd) 2c 1/2 length f nm (deg) f Dnm Min. Max. Min. Typ. 630 20 20 1.5 1.7 2.4 2.6 450 220 700 350 30 30
LA38W-130/HRF9UG-PF
Water Clear AlGaInP Green 574
Note : 1.The forward voltage data did not including O 0.1V testing tolerance. 2. The luminous intensity data did not including O 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LA38W-130/HRF9UG-PF Page 3/6
Typical Electro-Optical Characteristics Curve
HRF CHIP
Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current
1000
3.5
Forward Current(mA)
100
Relative Intensity Normalize @20mA
1.0 1.5 2.0
3.0 2.5 2.0 1.5 1.0 0.5 0
10 1.0
0.1 2.5 3.0
1.0
10
100
1000
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
1.2
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
3.0
Forward Voltage@20mA Normalize @25J
Relative Intensity@20mA Normalize@25J
-40 -20 -0 20 40 60 80 100
2.5 2.0 1.5 1.0 0.5 0 -40
1.1
1.0
0.9 0.8
-20
0
20
40
60
80
100
Ambient Temperature(J)
Ambient Temperature(J)
Fig.5 Relative Intensity vs. Wavelength
Relative Intensity@20mA
1.0
0.5
0 550 600 650 700
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LA38W-130/HRF9UG-PF Page 4/6
Typical Electro-Optical Characteristics Curve
9UG CHIP
Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current
1000
3.0
Forward Current(mA)
Relative Intensity Normalize @20mA
2.0 3.0 4.0 5.0
100
2.5 2.0 1.5 1.0 0.5 0
10
1.0
0.1 1.0
1.0
10
100
1000
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
Relative Intensity @20mA Normalize @25J
Forward Voltage@20mA Normaliz @25J
1.2
3.0 2.5 2.0 1.5 1.0 0.5 0 -40
1.1 1.0 0.9
0.8 -40 -20 0 20 40 60 80 100
-20
0
20
40
60
80
100
Ambient Temperature(J)
Ambient Temperature(J)
Fig.5 Relative Intensity vs. Wavelength
Relative Intensity @20mA
1.0
0.5
0 500 550 600 650
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LA38W-130/HRF9UG-PF Page 5/6
Soldering Condition(Pb-Free) 1.Iron: Soldering Iron:30W Max Temperature 350C Max Soldering Time:3 Seconds Max(One time only) Distance:2mm Min(From solder joint to body)
2.Wave Soldering Profile Dip Soldering Preheat: 120 C Max Preheat time: 60seconds Max Ramp-up 2 C/sec(max) Ramp-Down:-5 C/sec(max) Solder Bath:260 C Max Dipping Time:3 seconds Max Distance:2mm Min(From solder joint to body)
Temp(C) 260C3sec Max
260X
5 /sec max
120X
2/sec max Preheat 60 Seconds Max
25X 0X 0
50
100
150
Time(sec)
Note: 1.Wave solder should not be made more than one time. 2.You can just only select one of the soldering conditions as above.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LA38W-130/HRF9UG-PF Page 6/6
Reliability Test:
Test Item
Test Condition
1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs)
Description
This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed.
Reference Standard
MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test
1.Ta=105 JO 5J 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of high temperature for hours.
MIL-STD-883:1008 JIS C 7021: B-10
Low Temperature Storage Test
1.Ta=-40 JO 5J 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of low temperature for hours.
JIS C 7021: B-12
High Temperature High Humidity Test
1.Ta=65JO 5J 2.RH=90 %~95% 3.t=240hrs O 2hrs
The purpose of this test is the resistance of the device under tropical for hours.
MIL-STD-202:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 JO 5J&-40JO 5J (10min) (10min) 2.total 10 cycles
The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire.
MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011
Solder Resistance Test
5J 1.T.Sol=260 JO 2.Dwell time= 10 O 1sec.
MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1
Solderability Test
1.T.Sol=230 JO 5J 2.Dwell time=5 O 1sec
This test intended to see soldering well performed or not.
MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2


▲Up To Search▲   

 
Price & Availability of LA38W-130-HRF9UG-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X