Part Number Hot Search : 
CMPD4150 FQP4N60 3502UF TA8155F 1N3296A 84225 RFX250 RLZ22B
Product Description
Full Text Search
 

To Download KDT3312AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ambient Light Photo transistor
KDT3312AL
The KDT3312AL is phototransistor daylight sensor, which peak sensitivity is designed at P=560nm. It's compact and easy to mount.
Dimensions
[Unit : mm]
Features
Lineat output conforming to illuminance 3mm(T1) clear mold type. Adapted to human eye responsivity. Compact package RoHs Compliance.
1
2
Applications
Switching for home lighting equipments Control of brightness for LCD monitor, CRT monitor Replacement of cds cell
1
2
Absolute Maximum Ratings
Parameter Collector-Emitter Voltage Emitter-Collector Voltage Collector Current Collector Power Dissipation Operating Temperature Storage Temperature
Soldering Temperature*
1
[TA = 25 Symbol VCEO VECO IC PC Topr. Tstg. Tsol Rating 7 4 20 75 -20~+85 -30~+85 260 Unit mA V mA mW
]
Notes : *1. For MAX.5 seconds at the position of 2mm from the package
-1-
Ambient Light Photo transistor
KDT3312AL
ELECTRO- OPTICAL CHARACTERISTICS
Description
Collector dark Current Photo Current Spectral Sensitivity Peak wavelength Switching time Viewing Angle Collector-Emitter Saturation Voltage Rise time Fall time p tr tf VCE(SAT) IC=500, Ev=2000lx
Symbol
ICEO IPCE
Condition
VCE=10V, EV=0 VCE=5V, Ev=100lx VCE=10V, IC=1mA, RL=100
Min.
-
Typ.
75 400~700 560 6 6 15 0.1
Max.
100 0.4
Unit nA nm nm deg. V
-
DYNAMIC CHARACTERISTICS Radiant Pattern
Angle(deg.)
0 +4
(%) Spectral Sensitivity 100 80 60 40 20 0 400 500 600 700 800 900 1000 1100() Wavelength( )
KDR3T03AL Human Eye
Relative sensitivity Vs. Wavelength
+20
0
-20
-4 0
0 -6
+60
50
-80 -100
+80
+100
0
100
50
50
100
Relative intensity(%)
-2-


▲Up To Search▲   

 
Price & Availability of KDT3312AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X