Part Number Hot Search : 
93LC56B 1N20C PS1004 UPA826TC BGU8010 13001 TP200G CS5343
Product Description
Full Text Search
 

To Download J8502CS3VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
E197851
14.0 x 9.0 x 4.9 mm
J850
Features
* * * * Monostable Passes FCC part 68 Ultra low profile, 4.90mm height UL/CUL certified
Contact Data
Contact Arrangement Contact Rating
Specifications and availability subject to change without notice.
2C = DPDT, bifurcated contact 1A @ 30VDC .5A @ 125VAC
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
< 50 milliohms initial AgPd, Au plated 30W 250VAC, 220VDC 1A
Coil Data
Coil Voltage VDC Coil Resistance +/- 10% Pick Up Voltage Release Voltage VDC (max) VDC (min) 75% of rated voltage 64.3 145 178 257 579 1028 2880 2.25 3.38 3.75 4.50 6.75 9.00 18.00 10% of rated voltage 0.30 0.45 0.50 0.60 0.90 1.20 2.40 .20 .14 2 1 Coil Power W Operate Time ms Release Time ms
Rated 3 4.5 5 6 9 12 24
Max 3.9 5.7 6.5 7.8 11.7 15.6 31.2
Dimensions shown in mm. Dimensions are shown for reference purposes only.
General Data
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 200K cycles, typical 100M cycles, typical 100M min. @ 500VDC 1000V rms min. @ sea level 1000V rms min. @ sea level 500m/s2 for 11 ms 3mm double amplitude 10~40Hz 5N -40oC to +85oC -40oC to +155oC 260oC for 5 s 1.5g
Caution 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
page 1
phone - 763.535.2339
www.citrelay.com
fax - 763.535.2194
J850
Ordering Information
1. Series J850 2. Contact Arrangement 2C = DPDT 3. Sealing Option S = Sealed 4. Operating Function Blank = Monostable 5. Coil Voltage 3VDC 4.5VDC 5VDC 6VDC 9VDC 12VDC 24VDC J850 2c S 6VDC
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Dimensions
Units = mm
Schematics & PC Layouts
Bottom Views
Specifications and availability subject to change without notice.
www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194


▲Up To Search▲   

 
Price & Availability of J8502CS3VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X