Part Number Hot Search : 
PC123Y1 SG4953S AD558S 0100P LTM4620 R3610 L7809CV TOLD9231
Product Description
Full Text Search
 

To Download ISNA-0239-D202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pulse Transformers www.schurter.com/pg85 Pulse transformers for SMD mounting
IS
-Highinsulationrating(>3.2kVAC)betweentheprimaryandthesecondarywindings -Highinsulationratingupto500Vbetweenthesecondarywindings -Smallcouplingcapacitancesbetweenprimaryandsecondarywindings limittransientfeedbackfromthepowersupplysidetothecontrolelectronics -Thedefinedpartialdischargevoltageguaranteesaneffecivelyunlimited serviceablelive
Description
Applications
-Galvanicseparationofdrive-andpower-circuit -MainlyusedinignitioncircuitswithThyristors,Triacs,powertransistors andIGBT's -DC/DCconverters -Linecouplingtransformersinhighspeeddatatransmission
References Weblinks
GeneralProductInformation Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check
Standards
-VDE110b
Technical Data
Ratedvoltage VoltageTimeIntegral PulseRiseTime TurnsRatio Terminaltechnic Weight Material:Housing SealingCompound upto600VAC 150-400Vs 0.05-1.5s 1:1,2:1,1:1:1 SMD 3-10g UL94V-0 UL94V-0 ClimaticCategory AllowableOperationTemp. 25/100/21acc.toIEC60068-1 -25Cto100C
Dimensions Case 35-3S
Case 35-4S
max. 13 0.45
max. 11
5.1 4 5
max. 13 0.45
max. 11
3
5.1 45
6
max. 15.2
max. 15.2
max. 19
max. 19
2 0 5 0.66
1) 10.2
1
2 0 5 0.66
1) 10.2
1
EMC Products
IS
www.schurter.com/pg85 Case 39-3S Case 39-4S
Pulse Transformers
max. 22.3 0.6
max. 14 4
5 5
max. 22.3 0.6
max. 14 3
5 45 6
max. 28.5
max. 22.7
max. 28.5
max. 22.7
2 0 5 0.88
1) 15
1 0 5 0.88
2
1) 15
1
Case 49-3S
Case 49-4S
max. 17.8 0.6
max. 13.5 4
5 5
max. 17.8 0.6
max. 13.5 3
5 45 6
max. 23.5
max. 23.5
max. 18.2
max. 18.2
2 0 5 0.88
1) 10
1
2 0 5 0.88
1) 10
1
1) Prim.
1) Prim.
Possible solder land pattern for SMD mounting Case 35S
Possible solder land pattern for SMD mounting Case 49S
5.1
5
20
1.3 6
24.5
1.3
10.2
10
EMC Products
7
Pulse Transformers www.schurter.com/pg85
IS
Possible solder land pattern for SMD mounting Case 39S
5
29.5
1.3
15
Variants
Turns Ratio 1:1 1:1 1:1 Tr [s] 0.9 1 1 Iign [A] 0.1 0.17 0.1 Uisol [kV] 3.5 3.5 3.5 Us x Tw [Vs] 200 400 300 Ls [mH] 2.8 2.2 3.5 RP [] 1 0.4 0.7 RS [] 1 0.4 0.7 CC [pF] 20 20 20 Weight [g] 3 10 6 Packing unit [pcs.] 480 28 45 Housing 35-3S 39-3S 49-3S Order Number ISNA-0235-D103 ISNA-0239-D202 ISNA-0249-D104
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon EMC Products currentinformation.Allcontentissubjecttomodificationsandamendments.
7


▲Up To Search▲   

 
Price & Availability of ISNA-0239-D202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X