Part Number Hot Search : 
M2025 S8430 00208 100CS APE8913N 1C226K 5962F07 VPA18
Product Description
Full Text Search
 

To Download IRLML0040TRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 96309
IRLML0040TRPBF
VDSS VGS Max RDS(on) max
(@VGS = 10V)
40 16 56 78
V V m m
6 *
HEXFET(R) Power MOSFET
'
Micro3TM (SOT-23) IRLML0040TRPBF
RDS(on) max
(@VGS = 4.5V)
Application(s)
* Load/ System Switch * DC Motor Drive
Features and Benefits
Features
Low RDS(on) ( 56m) Industry-standard pinout Compatible with existing Surface Mount Techniques RoHS compliant containing no lead, no bromide and no halogen MSL1, Consumer qualification
Benefits
Lower switching losses Multi-vendor compatibility results in Easier manufacturing Environmentally friendly Increased reliability
Absolute Maximum Ratings
Symbol
VDS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C VGS TJ, TSTG
Parameter
Drain-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
40 3.6 2.9 15 1.3 0.8 0.01 16 -55 to + 150
Units
V A
W W/C V C
Thermal Resistance
Symbol
RJA RJA
Parameter
Junction-to-Ambient
e
Typ.
--- ---
Max.
100 99
Units
C/W
Junction-to-Ambient (t<10s)
f
ORDERING INFORMATION: See detailed ordering and shipping information on the last page of this data sheet.
www.irf.com
Notes through are on page 10
1
05/26/10
IRLML0040TRPBF
Electric Characteristics @ TJ = 25C (unless otherwise specified)
Symbol
V(BR)DSS
Parameter
Min. Typ. Max. Units
40 --- --- --- 1.0 --- --- --- --- --- 6.2 --- --- --- --- --- --- --- --- --- --- --- 0.04 44 62 1.8 --- --- --- --- 1.1 --- 2.6 0.7 1.4 5.1 5.4 6.4 4.3 266 49 29 --- --- 56 78 2.5 20 250 100 -100 --- --- 3.9 --- --- --- --- --- --- --- --- --- pF ns nC V
Conditions
VGS = 0V, ID = 250A VGS = 10V, ID = 3.6A VDS = VGS, ID = 25A VDS = 40V, VGS = 0V VDS = 40V, VGS = 0V, TJ = 125C VGS = 16V VGS = -16V VDS = 10V, ID = 3.6A ID = 3.6A VDS = 20V VGS = 4.5V VDD = 20V ID = 1.0A RG = 6.8 VGS = 4.5V VGS = 0V VDS = 25V = 1.0MHz
Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) VGS(th) IDSS Static Drain-to-Source On-Resistance Gate Threshold Voltage Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage RG gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Internal Gate Resistance Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
V/C Reference to 25C, ID = 1mA m V A nA S VGS = 4.5V, ID = 2.9A
d d
IGSS
d
Source - Drain Ratings and Characteristics
Symbol
IS ISM VSD trr Qrr
Parameter
Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units
--- --- --- --- --- --- --- --- 10 9.3 1.3 A 15 1.2 --- --- V ns nC
Conditions
MOSFET symbol showing the integral reverse
G S D
p-n junction diode. TJ = 25C, IS = 1.3A, VGS = 0V TJ = 25C, VR = 32V, IF = 1.3 A di/dt = 100A/s
d
d
2
www.irf.com
IRLML0040TRPBF
100
TOP VGS 10V 7.0V 6.0V 4.5V 4.0V 3.5V 3.0V 2.5V
100
TOP VGS 10V 7.0V 6.0V 4.5V 4.0V 3.5V 3.0V 2.5V
ID, Drain-to-Source Current (A)
ID, Drain-to-Source Current (A)
10
10
1
BOTTOM
BOTTOM
0.1 2.5V 60s PULSE WIDTH Tj = 25C
1 2.5V
0.01
60s PULSE WIDTH
0.1 Tj = 150C 0.1 1 100 10 100
0.001 0.1 1 10 V DS, Drain-to-Source Voltage (V)
V DS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100 VDS = 25V 60s PULSE WIDTH 10
2.0
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID, Drain-to-Source Current (A)
ID = 3.6A VGS = 10V
1.5
TJ = 150C 1 T J = 25C
1.0
0.1 2.0 3.0 4.0 5.0
0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 T J , Junction Temperature (C)
VGS, Gate-to-Source Voltage (V)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRLML0040TRPBF
10000
VGS = 0V, f = 1 MHZ C iss = C gs + C gd, C ds SHORTED C rss = C gd C oss = C ds + C gd
14 ID= 3.6A
VGS, Gate-to-Source Voltage (V)
12 10 8 6 4 2 0
C, Capacitance (pF)
VDS= 32V VDS= 20V VDS= 8V
1000 Ciss 100 Coss Crss
10 1 10 VDS, Drain-to-Source Voltage (V) 100
0
1
2
3
4
5
6
7
QG, Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100 OPERATION IN THIS AREA LIMITED BY R DS(on) 10
100sec
10 T J = 150C 1 T J = 25C
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
1
1msec 10msec
0.1
T A = 25C
VGS = 0V 0.1 0.3 0.5 0.7 0.9 1.1 VSD, Source-to-Drain Voltage (V) 0.01 0
Tj = 150C Single Pulse 1 10 100
VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRLML0040TRPBF
4.2
V DS
3.6
ID, Drain Current (A)
RD
VGS RG VGS
Pulse Width 1 s Duty Factor 0.1 %
D.U.T.
+
3 2.4 1.8 1.2 0.6 0 25 50 75 100 125 150 T A , Ambient Temperature (C)
- VDD
Fig 10a. Switching Time Test Circuit
VDS 90%
Fig 9. Maximum Drain Current Vs. Ambient Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
1000
Thermal Response ( Z thJA ) C/W
100 10 1 0.1 0.01 0.001 1E-006
D = 0.50 0.20 0.10 0.05 0.02 0.01
SINGLE PULSE ( THERMAL RESPONSE ) 1E-005 0.0001 0.001 0.01 0.1
Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthja + T A 1 10 100
t1 , Rectangular Pulse Duration (sec)
Fig 11. Typical Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRLML0040TRPBF
ID = 3.6A 140 120 100 80 60 40 20 2 4 6 8 10 12 14 16 T J = 125C
RDS(on), Drain-to -Source On Resistance ( m)
RDS(on), Drain-to -Source On Resistance (m )
160
250
200
150
100
Vgs = 4.5V Vgs = 10V
50
T J = 25C
0 0 5 10 15 20 25 30 35 ID, Drain Current (A)
VGS, Gate -to -Source Voltage (V)
Fig 12. Typical On-Resistance Vs. Gate Voltage
Fig 13. Typical On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
QG
50K 12V .2F .3F
VGS
VG
QGS
QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 14a. Basic Gate Charge Waveform
Fig 14b. Gate Charge Test Circuit
6
www.irf.com
IRLML0040TRPBF
2.5
VGS(th) , Gate threshold Voltage (V)
100
2.0
Power (W)
80
60
1.5 ID = 25uA 1.0
40
ID = 250uA
20
0.5 -75 -50 -25 0 25 50 75 100 125 150 T J , Temperature ( C )
0 1E-005 0.0001 0.001
0.01
0.1
1
10
Time (sec)
Fig 15. Typical Threshold Voltage Vs. Junction Temperature
Fig 16. Typical Power Vs. Time
www.irf.com
7
IRLML0040TRPBF
Micro3 (SOT-23) Package Outline
Dimensions are shown in millimeters (inches)
6 D
A A2 C
DIMENSIONS
A 5
SYMBOL
MILLIMETERS MIN MAX
INCHES MIN MAX
3 6 E1 1 2
E
0.15 [0.006] M C B A
0.10 [0.004] C
A1
3X b
0.20 [0.008] M C B A
5
B
e e1
NOTES:
H4
L1
Recommended Footprint
c
A A1 A2 b c D E E1 e e1 L L1 L2
0.972
0.950
0.89 0.01 0.88 0.30 0.08 2.80 2.10 1.20 0.95 1.90 0.40 0.54 0.25 0
1.12 0.10 1.02 0.50 0.20 3.04 2.64 1.40 BSC BSC 0.60 REF BSC 8
## 0.0004 # "$ # ! ! " ' ! '" # #& $$ "& 7T8 &$ 7T8A % !# ! REF BSC
0 8
"$
L2 3X L 7
0.802
2.742
1. DIMENSIONING & TOLERANCING PER ANSI Y14.5M-1994 2. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES]. 3. CONTROLLING DIMENSION: MILLIMETER. 4. DATUM PLANE H IS LOCATED AT THE MOLD PARTING LINE. 5. DATUM A AND B TO BE DETERMINED AT DATUM PLANE H. 6. DIMENSIONS D AND E1 ARE MEASURED AT DATUM PLANE H. DIMENSIONS DOES NOT INCLUDE MOLD PROTRUSIONS OR INTERLEAD FLASH. MOLD PROTRUSIONS OR INTERLEAD FLASH SHALL NOT EXCEED 0.25 MM [0.010 INCH] PER SIDE. 7. DIMENSION L IS THE LEAD LENGTH FOR SOLDERING TO A SUBSTRATE. 8. OUTLINE CONFORMS TO JEDEC OUTLINE TO-236 AB.
1.900
Micro3 (SOT-23/TO-236AB) Part Marking Information
Ir)AUuvAhAhxvtAvshvAhyvrAAqrvprAqprqAhsrA!!%!
96U@A8P9@ Q6SUAIVH7@S XA2A !%ADAAQS@8@9@9A7AG6TUA9DBDUAPAA86G@I96SA@6S G@69AAS@@ @6S ! !! !" !# !$ !% !& !' !( ! ! " # $ % & ' ( XPSF X@@F ! " # X 6 7 8 9
8AXDS@ GPUA8P9@ C6GPB@IAAS@@ YA2AQ6SUAIVH7@SA8P9@AS@A@S@I8@) 6A2ADSGHG!#! 7A2ADSGHG!'" 8A2ADSGHG%"! 9A2ADSGHG$ " @A2ADSGHG%#! AA2ADSGHG%# BA2ADSGHG!$! CA2ADSGHG$!" DAA2ADSGHG" EA2ADSGHG!" FA2ADSGHG GA2ADSGHG% HA2ADSGHG# IA2ADSGHG!% QA2ADSGHG(" SA2ADSGHG(""
!# !$ !% XPSF X@@F !& !' !( "
Y a
XA2A!&$!ADAAQS@8@9@9A7A6AG@UU@S @6S ! !! !" !# !$ !% !& !' !( ! 6 7 8 9 @ A B C E F X 6 7 8 9
$
Y
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
8
www.irf.com
IRLML0040TRPBF
Micro3TM Tape & Reel Information
Dimensions are shown in millimeters (inches)
2.05 ( .080 ) 1.95 ( .077 ) 4.1 ( .161 ) 3.9 ( .154 )
1.6 ( .062 ) 1.5 ( .060 )
1.85 ( .072 ) 1.65 ( .065 )
1.32 ( .051 ) 1.12 ( .045 )
TR
3.55 ( .139 ) 3.45 ( .136 )
8.3 ( .326 ) 7.9 ( .312 )
FEED DIRECTION
4.1 ( .161 ) 3.9 ( .154 )
1.1 ( .043 ) 0.9 ( .036 )
0.35 ( .013 ) 0.25 ( .010 )
178.00 ( 7.008 ) MAX.
9.90 ( .390 ) 8.40 ( .331 ) NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
www.irf.com
9
IRLML0040TRPBF
Orderable part number IRLML0040TRPBF Package Type Micro3 Standard Pack Form Quantity Tape and Reel 3000 Note
Qualification information Qualification level Moisture Sensitivity Level RoHS compliant
Cons umer (per JE DE C JE S D47F

guidelines ) MS L1
Micro3
(per IPC/JE DE C J-S T D-020D Yes
)
Qualification standards can be found at International Rectifier's web site http://www.irf.com/product-info/reliability Higher qualification ratings may be available should the user have such requirements. Please contact your International Rectifier sales representative for further information: http://www.irf.com/whoto-call/salesrep/ Applicable version of JEDEC standard at the time of product release.
Notes: Repetitive rating; pulse width limited by max. junction temperature. Pulse width 400s; duty cycle 2%. Surface mounted on 1 in square Cu board Refer to application note #AN-994.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.05/2010
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRLML0040TRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X