Part Number Hot Search : 
05001 AAR121 EDI2043C FUJITSU 4066D E008287 H30D40PT SMBJ100
Product Description
Full Text Search
 

To Download H100NA20X4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ROHS Compliant
Model H100NA20X4
Flange Attenuator 100 Watts, 20 dB
Description
The H100NA20X4 is high performance Aluminum Nitride (AlN) high power flange mount attenuator intended as a cost competitive alternative to Beryllium Oxide (BeO). The termination is well suited to all cellular frequency bands such as; AMPS, GSM, DCS, PCS, PHS and UMTS. The high power handling makes the part ideal for terminating circulators, and for use in power monitoring. The termination is also RoHS compliant!
General Specifications Features:
* RoHS Compliant * 100 Watts * DC - 2.7 GHz * AlN Ceramic * Non-Nichrome Resistive Element * Low VSWR
* 100% Tested * Small Size Resistive Element Substrate Cover Mounting Flange Operating Temperature Thick film AlN Ceramic Alumina Ceramic Nickel Plated Copper -55 to +150C (see de rating chart)
Tolerance is 0.010", unless otherwise specified. Designed to meet of exceed applicable portions of MIL-E-5400. All dimensions in inches.
Electrical Specifications
Attenuation Value: Power: Frequency Range: Return Loss 20 dB, 1.0 dB, DC - 4.0GHz 100 Watts DC - 4.0 GHz > 24 dB to 2.7 GHz > 20 dB to 4.0 GHz
Specification based on unit properly installed using suggested mounting instructions and a 50 ohm nominal impedance. Specifications subject to change.
Outline Drawing
H100NA20X4 (097) rev.B pg. 1 of 2
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 544-2414 +44 2392-232392
Model H100NA20X4
Typical Performance:
Power De-rating:
Mounting Footprint and Procedure:
H100NA20X4 (097) rev.B pg. 2 of 2
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 544-2414 +44 2392-232392


▲Up To Search▲   

 
Price & Availability of H100NA20X4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X