Part Number Hot Search : 
00200 B11961 B4041 3DU15L L1040 F883APMC TDA2506 E005256
Product Description
Full Text Search
 

To Download GBPC35A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBPC 15A/25A/35A SERIES
HIGH CURRENT 15/25/35 AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
Voltage Range 50 to 1000 Volts Current 15.0/25.0/35.0 Amperes
GBPC
Features
*The plastic material used carries
1.14(29.0) 1.12(28.5)
.692(17.6) .612(15.5)
AC
GBPC-W
1.14(29.0) 1.12(28.5)
.752(19.1) .672(17.1)
Underwriters Laboratory Flammanility Recongnition 94V-0 *Integrally molded heatsink provide very low thermal resistance for maximun heat dissipation *Surge overload ratings from 300 amperes to 400 amperes *Terminals solderable per mil-std-202, Method 208(For wire type) *Typical IR less than 0.2uA *High temperature soldering guaranteed: 2600C/ 10 seconds/ .375",(9.5mm) lead lengths(For wire type) *Isolated voltage from case to lead over 2500 volts
HOLE FOR #10 SCREW
HOLE FOR #10 SCREW
.22(5.59) .20(5.08) DIA
.22(5.59) .20(5.08) DIA
1.14(29.0) .692(17.6) 1.12(28.5) .612(15.5)
.602(15.3) 1.14(29.0) .522(13.3) 1.12(28.5)
.752(19.1) .672(17.1)
.752(19.1) .672(17.1) .25(6.35) .042(1.07) .038(0.97) .96(24.5) .85(21.5) .442(11.23) .432(10.97)
.490(12.4) .410(10.4)
.442(11.23) .432(10.97)
1.2(30.5) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20% GBPC GBPC GBPC GBPC GBPC GBPC GBPC 15/25/35 15/25/35 15/25/35 15/25/35 15/25/35 15/25/35 15/25/35 UNITS 005 01 02 04 06 08 10 V VRRM 100 200 400 600 800 1000 50 VRMS VDC GBPC15 IF(AV) GBPC25 GBPC35 GBPC15 GBPC25 IFSM GBPC35 GBPC15 7.5A VF GBPC25 12.5A GBPC35 17.5A IR R*JC TJ,TSTG 35 50 70 100 140 200 280 400 15.0 25.0 35.0 300 300 400 1.1 5 1.5 -50 to +150
o o
Type Number
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current o @TC = 55 C Peak Forward Surge Current, Single Sine-wave Superimposed on Rated Load(JEDEC method) Maximum Instantaneous Forward Voltage Drop Per Leg at Specified Current Maximun DC Reverse Current at Rated DC Blocking Voltage Per Leg Typical Thermal Resistance(Note 1) Operating and Storage Temperature Range
420 600
560 800
700 1000
V V A A V uA C/W
o
C
NOTES: 1. Therml Resistance from Junction to Case. 2.Suffix"W"-Wire Lead Structure/"M"-Terminal Location Face to Face.


▲Up To Search▲   

 
Price & Availability of GBPC35A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X