Part Number Hot Search : 
TC9332 XXCFAM BFX48 3296Y501 G6R3ESS1 SMBJ150C AS5DC3 500797
Product Description
Full Text Search
 

To Download D215ERU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D200ERU Series
Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
Electrical Specifications
Specifications typical @ +25C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
* 2W Output Power * 4:1 Input Voltage Range * 1,500 VDC Isolation * Short Circuit Protected * Miniature SIP Case * Single & Dual Outputs * 1.0 MH MTBF * Industry Standard Pin-Out * Low Low Cost!!
Input
Parameter Input Voltage Range Reverse Polarity Input Current Short Circuit Input Power Conditions 24 VDC Input 48 VDC Input Min. 9.0 18.0 Typ. 24.0 48.0 Max. 36.0 72.0 1.0 1,500 Conditions Min. Typ. 1.0 1.0 Vin = Min to Max Iout = 10% to 100% See Note 1 120 0.03 Continuous (Autorecovery) Conditions 60 Seconds 500 VDC 100 kHz, 1V Iout = 100% Iout = 100% Conditions Ambient 100 200 Min. -40 -55 Free Air Convection RH, Non-condensing 95 % Typ. +25 Min. 1,500 1,000 65 650 400 Max. +85 +125 Typ. Max. Units VDC M pF kHz kHz Units C C 0.2 0.5 15 50 Max. 3.0 2.0 0.75 1.5 30 150 Units VDC A mW Units % % % % mV P - P mV P - P % %/C
Output
Parameter Output Voltage Accuracy Output Voltage Balance Line Regulation Load Regulation Ripple (20 MHz) Noise (20 MHz) Output Power Protection Temperature Coefficient Output Short Circuit
RoHS Compliant
General
Parameter Isolation Voltage Isolation Resistance Isolation Capacitance Switching Frequency , Single Output Switching Frequency , Dual Output
Environmental
Parameter Operating Temperature Range Storage Temperature Range Cooling
MicroPower Direct
292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com
Humidity
Physical
Case Size Case Material Weight 1.02 x 0.37 x 0.49 Inches (26.0 x 9.50 x 12.50 mm) Non-Conductive Black Plastic (UL94-V0) 0.24 Oz (7.0g) Conditions MIL HDBK 217F, 25C, Gnd Benign Conditions 24 VDC Input 48 VDC Input 1.5 mm From Case For 10 Sec All Models Min. 1.0 Min. -0.7 -0.7 Typ. Max. 40.0 80.0 300 1,800 Typ. Max. Units MHours Units VDC C mW
Reliability Specifications
Parameter MTBF
Absolute Maximum Ratings
Parameter Input Voltage Surge (1 Sec) Lead Temperature Internal Power Dissipation
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Model Selection Guide
Model Number D201ERU D202ERU D203ERU D204ERU D205ERU D206ERU D207ERU D208ERU D209ERU D211ERU D212ERU D213ERU D214ERU D215ERU D216ERU D217ERU D218ERU D219ERU Input Output Efficiency Voltage Current Current Voltage (VDC) Current (mA) Nominal Range Full-Load No-Load (VDC) (mA, Max) (mA, Min) (%, Typ) 24 9.0 - 36.0 114 35 3.3 500.0 50.0 73 24 9.0 - 36.0 111 35 5.0 400.0 40.0 75 24 9.0 - 36.0 107 35 9.0 222.0 22.0 78 24 9.0 - 36.0 102 35 12.0 167.0 16.0 82 24 9.0 - 36.0 103 35 15.0 133.0 13.0 81 24 9.0 - 36.0 110 35 5.0 200.0 20.0 76 24 9.0 - 36.0 107 35 9.0 111.0 11.0 78 24 9.0 - 36.0 102 35 12.0 83.0 8.0 82 24 9.0 - 36.0 103 35 15.0 67.0 7.0 81 48 18.0 - 72.0 58 15 3.3 500.0 50.0 72 48 18.0 - 72.0 55 15 5.0 400.0 40.0 76 48 18.0 - 72.0 53 15 9.0 222.0 22.0 78 48 18.0 - 72.0 51 15 12.0 167.0 16.0 81 48 18.0 - 72.0 52 15 15.0 133.0 13.0 80 48 18.0 - 72.0 55 15 5.0 200.0 20.0 75 48 18.0 - 72.0 54 15 9.0 111.0 11.0 77 48 18.0 - 72.0 51 15 12.0 83.0 8.0 81 48 18.0 - 72.0 52 15 15.0 67.0 7.0 80 Fuse Rating Slow-Blow (mA) 500 500 500 500 500 500 500 500 500 200 200 200 200 200 200 200 200 200
Notes: 1. When measuring output ripple, it is recommended that an external ceramic capacitor (approx. 1 F to 10 F) be placed from the +Vout pin to the -Vout pin for single output units and from each output to common for dual output units. 2. These units should not be operated with a load under 10% of full load. Operation at no-load may cause damage to the unit. 3. These converters are specified for operation without external compoInput Output nents. However, in some applicaVin Capacitor Vout Capacitor tions the addition of input/output capacitors will enhance stability and reduce output ripple. Recommended 12 VDC 100 F 5 VDC 47 F capacitor values are given at right. 100 F 9 VDC 47 F Output ripple on single output units 15 VDC may be further enhanced by using 24 VDC 10 F 12 VDC 47 F the CS terminal (single output units 48 VDC 10 F 15 VDC 47 F operated at 50% load or below should use this function). A low ESR capacitor is connected between the CS pin and the -Vout pin (the capcitor anode connected to the -Vout pin). Recommended capacitor values are given in the table at right. If not used, the CS pin should be left open. 4. Dual output units may be connected to provide a 10V, 24V or 30 VDC output. To do this, connect the load across the +Vout and -Vout outputs and float the output common. 5. The remote on/off control pin is referenced to Min Max the -Vin pin. Input current to the pin should <0.6 VDC to Open Circuit be between 5 - 10 mA with a maximum of 20 On mA. Off 2.7 VDC 15.0 VDC 6. It is recommended that a fuse be used on the input of a power supply for protection. See the Model Selection table above for the correct rating.
Derating Curve
Mechanical Dimensions
Max. Capacitive Load
Output Voltage 3.3 5 9 12 15 220 F 820 F 660 F 470 F 330 F 5 9 12 15 330 F 220 F 150 F 120 F
Pin Connections
Pin Single Dual 1 -Vin -Vin 2 +Vin +Vin 3 Remote ON/OFF 6 +Vout +Vout NC = No Connection Pin 7 8 9 Single NC NC -Vout Dual Common NC -Vout
MicroPower Direct
www.micropowerdirect.com
*
Mechanic Mechanical Notes:
* All dime dimensions are typical in inches (mm) * Toleranc x.xx = 0.01 (0.25) Tolerance
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
*
FAX: (781) 344-8481
*
E-Mail: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of D215ERU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X