Part Number Hot Search : 
91100 SE5534NG 00110 TS324CD T1010 SMB75 HD66732 0040C
Product Description
Full Text Search
 

To Download CSH-E5-1S-14P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ferroxcube
E cores and accessories
COIL FORMER General data PARAMETER Coil former material Pin material Maximum operating temperature Resistance to soldering heat Solderability
Winding data NUMBER OF SECTIONS 1 WINDING AREA (mm 2) 22 MINIMUM WINDING WIDTH (mm) 10 AVERAGE LENGTH OF TURN (mm) 33
E16/8/5
SPECIFICATION phenolformaldehyde (PF), glass reinforced, flame retardant in accordance with "UL 94V-0"; UL file number E41429 copper-clad steel, tin-lead alloy (SnPb) plated 180 C, "IEC 60085", class H "IEC 60068-2-20", Part 2, Test Tb, method 1B, 350 C, 3.5 s "IEC 60068-2-20", Part 2, Test Ta, method 1, 235 C, 2 s
TYPE NUMBER CSH-E16/8/5-1S-14P


▲Up To Search▲   

 
Price & Availability of CSH-E5-1S-14P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X