Part Number Hot Search : 
BSV27 13156 GS9020A 3401A LM134 000X14 M98VL SGT06U13
Product Description
Full Text Search
 

To Download CPC1230N1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CPC1230N
4 Pin SOP OptoMOS(R) Relay
Parameter Blocking Voltage Load Current Max On-resistance
Rating 350 120 30
Units VP mA
Features * Small 4 Pin SOP Package * Low Drive Power Requirements (TTL/CMOS Compatible) * No Moving Parts * High Reliability * Arc-Free With No Snubbing Circuits * 1500Vrms Input/Output Isolation * 0.4mm Distance Through Insulation (Supplementary Isolation Requirement of EN60950) * No EMI/RFI Generation * Machine Insertable, Wave Solderable * Tape & Reel Version Available
Description The CPC1230N is a miniature 1-Form-A solid state relay in a 4 pin SOP package that employs optically coupled MOSFET technology to provide 1500Vrms of input to output isolation and is compliant with supplementary isolation in accordance with EN/IEC 60950-1. The efficient MOSFET switches and photovoltaic die use Clare's patented OptoMOS(R) architecture. The optically coupled output is controlled by a highly efficient GaAIAs infrared LED. The CPC1230N uses Clare's state of the art double molded vertical construction packaging to produce the world's smallest 4 pin relay. The CPC1230N offers board space savings of at least 20% over the competitor's larger 4 pin SOP relay. Approvals * UL Recognized Component File #: E76270 * EN/IEC 60950-1 Supplementary Isolation compliant * CSA Certified Component: Certificate # 1172007
Applications * Telecommunications * Telecom Switching * Tip/Ring Circuits * Modem Switching (Laptop, Notebook, Pocket Size) * Hook Switch * Dial Pulsing * Ground Start * Ringing Injection * Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment Patient/Equipment Isolation * Security * Aerospace * Industrial Controls
Ordering Information
Part # CPC1230N CPC1230NTR Description 4 Pin SOP (100/tube) 4 Pin SOP (2000/reel)
Pin Configuration
CPC1230N Pinout
1
+ Control
4
Load
- Control
2
3
Load
Switching Characteristics of Normally Open (Form A) Devices
Control
ILOAD
+ 90% 10%+
Pb
RoHS
2002/95/EC
e3
www.clare.com
tOFF tON
DS-CPC1230N-R07
1
CPC1230N
Absolute Maximum Ratings (@ 25C)
Parameter Blocking Voltage (Peak) Reverse Input Voltage Input Control Current Peak (10ms) Input Power Dissipation Total Power Dissipation 1 Capacitance Input to Output Isolation Voltage, Input to Output Operational Temperature Storage Temperature
1
Ratings 350 5 50 1 70 400 1 1500 -40 to +85 -40 to +125
Units VP V mA A mW mW pF Vrms C C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied.
Derate Linearly 3.33 mw / C
Electrical Characteristics
Parameter Output Characteristics @ 25C Load Current Continuous 1 Peak On-Resistance 2 Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Input Characteristics @ 25C Input Control Current 3 Input Dropout Current Input Voltage Drop Reverse Input Current
1 2 3
Conditions
Symbol
Min
Typ
Max
Units
t=10ms IL=120mA VL=350V IF=5mA, VL=10V 50V; f=1MHz IL=120mA IF=5mA VR=5V
IL ILPK RON ILEAK tON tOFF COUT IF IF VF IR
0.3 0.9 -
25 25 0.8 0.7 1.2 -
120 350 30 1 2 1 2 1.4 10
mA A
ms pF mA mA V A
Load current derates linearly from 120mA @ 25oC to 80mA @ 85oC. Measurement taken within 1 second of on time. For applications requiring high temperature operation (greater than 60C) an LED drive current of 4mA is recomended.
2
www.clare.com
R07
CPC1230N
PERFORMANCE DATA*
CPC1230N Typical LED Forward Voltage Drop (TA=25C, IF=5mA) CPC1230N Typical On-Resistance Distribution (TA=25C, IL=120mA, IF=2mA)
35 30 Device Count (N) 23.5 24 24.5 25 25.5 26 26.5 25 20 15 10 5 0 370 375 380 385 390 395 Blocking Voltage (VP) 400
35 30 Device Count (N)
35 30 Device Count (N) 25 20 15 10 5 0
CPC1230N Typical Blocking Voltage Distribution (TA=25C)
25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25 LED Forward Voltage Drop (V)
On-Resistance ()
25 20 15 10 5 0
CPC1230N Typical IF for Switch Operation (TA=25C, IL=120mA)
25 20 15 10 5 0
CPC1230N Typical IF for Switch Dropout (TA=25C, IL=120mA)
25 20 15 10 5 0
CPC1230N Typical Turn-On Time (TA=25C, IL=120mA, IF=5mA)
Device Count (N)
Device Count (N)
0.65
0.70
0.75
0.80
0.85
0.90
0.95
0.60
0.65
0.70
0.75
0.80
0.85
0.90
Device Count (N)
0.85
0.90
1.00
1.10
1.15
1.20
1.25
LED Current (mA)
LED Current (mA)
Turn-On (ms)
25 20 15 10 5 0
CPC1230N Typical Turn-Off Time (TA=25C, IL=120mA, IF=5mA)
Load Current (mA)
CPC1230N Typical Load Current vs. Temperature
180 160 140 120 100 80 60 40 20 0 IF=10mA IF=5mA Leakage (A) 0.016 0.014 0.012 0.010 0.008 0.006 0.004 0.002 -40 -20 0 20 40 60 80 100 120 0 -40
CPC1230N Typical Leakage vs. Temperature Measured Across Pins 3 & 4 (VL=350V)
Device Count (N)
0.21
0.22
0.23
0.24
0.25
0.26
0.27
-20
0
20
40
60
80
100
Turn-Off (ms)
Temperature (C)
Temperature (C)
CPC1230N Typical Blocking Voltage vs. Temperature
400 Blocking Voltage (VP) 395 Turn-On (ms) 390 385 380 375 370 365 -40 -20 0 20 40 60 80 100 Temperature (C) 5.0 4.5 4.0 3.0 3.0 2.5 2.0 1.0 1.0 0.5 0 -40
CPC1230N Typical Turn-On vs. Temperature (IL=80mA)
IF=5mA
IF=10mA -20 0 20 40 60 80 100 Temperature (C)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -40
CPC1230N Typical Turn-Off vs. Temperature (IL=80mA)
Turn-Off (ms)
IF=10mA IF=5mA -20 0 20 40 60 80 100 Temperature (C)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
R07
www.clare.com
3
CPC1230N
PERFORMANCE DATA*
CPC1230N Typical LED Forward Voltage Drop vs. Temperature
LED Forward Voltage Drop (V) 1.8 1.6 Turn-On (ms) 1.4 1.2 1.0 0.8 -40 -20 0 20 40 60 80 Temperature (C) 100 120
I F =50mA I F =30mA I F =20mA I F =10mA I F =5mA
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
CPC1230N Typical Turn-On vs. LED Forward Current (IL=120mA)
0.7 0.6 Turn-Off (ms) 0.5 0.4 0.3 0.2 0.1 0
CPC1230N Typical Turn-Off vs. LED Forward Current (IL=120mA)
0
5
10
15
20
25
30
35
40
45
50
0
5
LED Forward Current (mA)
10 15 20 25 30 35 40 LED Forward Current (mA)
45
50
60 On-Resistance () 50
CPC1230N Typical On-Resistance vs. Temperature (IL=80mA, IF=10mA)
3.0 2.5 LED Current (mA) 2.0 1.5 1.0 0.5 0
CPC1230N Typical IF for Switch Operation vs. Temperature (IL=80mA)
3.0 2.5 LED Current (mA) 2.0 1.5 1.0 0.5 0
CPC1230N Typical IF for Switch Dropout vs. Temperature (IL=80mA)
40 30 20 10 0 -40 -20 0 20 40 60 80 100 Temperature (C)
-40
-20
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
150 Load Current (mA) 100 50 0 -50 -100 -150
CPC1230N Typical Load Current vs. Load Voltage (TA=25C, IF=5mA)
CPC1230N Energy Rating Curve
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 10s 100s 1ms 10ms 100ms Time
-3
-2
-1
0
1
2
3
Load Current (A)
1s
10s
100s
Load Voltage (V)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
4
www.clare.com
R07
MANUFACTURING INFORMATION Moisture Sensitivity Clare has characterized the moisture reflow sensitivity of this package, and has determined that this component must be handled in accordance with IPC/JEDEC standard J-STD-033 moisture sensitivity level (MSL), level 3 classification. Soldering Reflow Profile For proper assembly, the component must be processed in accordance with the current revision of IPC/JEDEC standard J-STD-020. Failure to follow the recommended guidelines may cause permanent damage to the device resulting in impaired performance and/or a reduced lifetime expectancy. Washing Clare does not recommend ultrasonic cleaning or the use of chlorinated solvents. MECHANICAL DIMENSIONS
4-Pin SOP Package
4.089 0.203 (0.161 0.008) 0.200 0.025 (0.008 0.001)
Pb
RoHS
2002/95/EC
e3
Recommended PCB Land Pattern
0.60 (0.0217)
3.810 0.076 (0.150 0.003) Pin 1 2.54 Typ (0.100 Typ) 2.184 Max (0.086 Max)
6.096 0.102 (0.240 0.004) 1.02 0.025 (0.040 0.001)
0.432 0.127 (0.017 0.005) 1.30 (0.0512) 2.54 (0.10)
5.60 (0.2205)
0.0254 - 0.102 (0.001 - 0.004) 0.381 TYP. (0.015 TYP.)
Dimensions mm (inches)
Tape and Reel Packaging for 4-Pin SOP Package
330.2 Dia (13.00 Dia) Top Cover Tape Thickness 0.102 Max (0.004 Max) W=12.00 Max (0.472 Max) B0=4.70 (0.185)
Pin 1
K0=2.70 (0.106) K1=2.30 (0.091)
Embossed Carrier
P=8.00 (0.315)
A0=6.50 (0.256) User Direction of Feed Dimensions mm (inches)
Embossment
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
For additional information please visit our website at: www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare's Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of Clare's product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1230N-R07 (c)Copyright 2008, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 9/16/08
5


▲Up To Search▲   

 
Price & Availability of CPC1230N1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X