Part Number Hot Search : 
1000S 85150 BPC5010 50000 FAN7310G A6818SEP 30PA60C 2N4924
Product Description
Full Text Search
 

To Download CHL-A7-2225792TS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LVDS Oscillator
* LVDS Output * Fast Delivery * Industry Standard Packaging
CARDINAL COMPONENTS CARDINAL COMPONENTS
Applications
* Serial Communications * Routers * Switches * WAN Interfaces * Test Equipment
Platinum Series CHL
Part Numbering Example: CHL Z - A5 BP - 222.5792 TS
CHL
SERIES CHL
Z
PACKAGING OPTIONS Blank = Bulk Z = Tape and Reel
A5
OPERATING TEMP. Blank = 0C ~ +70C A5 = -20C ~ +70C A7 = -40C ~ +85C
BP
222.5792
TS
STABILITY FREQUENCY TRI-STATE Blank = 100 ppm TS = Tri-State BP = 50 ppm
Specifications:
Frequency Range: Stability:
Supply Voltage: Vdd Rise Time:
Min
200
Typ
Max
800
+ 50
Unit
MHz ppm
V
CHL
Dimensions are in mm
-50
6
5
4
3.135
100
3.3
3.465
S
+ 70
Operating Temperature: Storage Temperature: Duty Cycle: Start-Up Time: Aging: (ppm/1st Year) Ta=25C, Vdd=3.3V Supply Current: Short Circuit Current:
RMS Period Jitter: RMS Integrated Jitter: 12kHz to 20MHz Phase Noise @ 10kHz:
Output Voltage: Voh Vol
Output Differential Voltage:
-20
C C % mS
1
2
3
-55 45 3
+ 125 55 10 5
140
1
2
3
ppm mA mA
pS pS
6 5 4
PIN Function 1 OE (CMOS) 2 Do Not Connect 3 Ground 4 LVDS + 5 LVDS 6 Vdd
50
15 20
-90
dBc/Hz
1.6 0.9
240 350 0.4 460 0.8
V V
mV
Rise/Fall Time: Output Level: Packaging:
nS
Solder Pad Layout
LVDS Tape and Reel 1000 pcs per Reel
LVDS Levels Test Circuit
OUT 50 Vo 50 ___ OUT
Cardinal Components, Inc., 155 Rt. 46 W, Wayne, NJ. 07470 TEL: (973)785-1333 FAX: (973)785-0053 E-Mail: sales@cardinalxtal.com http://www.cardinalxtal.com
Rev.1-11/3/05
7


▲Up To Search▲   

 
Price & Availability of CHL-A7-2225792TS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X