Part Number Hot Search : 
B1010 SLE4436C HIROSE E35018 2108A 7972SSM SBL3045C AMS302T
Product Description
Full Text Search
 

To Download CGB-38-70050M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Catalog 1308242 Issued 3-03
P&B
CG series
CMOS IC Time Delay Relay
* Repeatability to .05% * Choice of timing modes
- Delay on operate - Delay on release - Interval on * Knob adjustable * 10A output relay with DPDT contacts * Various models time from 0.5 sec. to 100 min.
File E22575 File LR15734
Users should thoroughly review the technical data before selecting a product part number. It is recommended that user also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application.
Timing Modes
Delay on operate - Delay period begins when input voltage is applied. At the end of the delay period, the relay will operate and will not release until input voltage is removed. Reset occurs when input voltage is reapplied.
INPUT VOLTAGE N.O. RELAY CONTACTS ON OFF
Contact Data @ 25C
Arrangements: 2 Form C (DPDT). Material: Silver-cadmium oxide alloy. Rating: 10A @ 30VDC or 277VAC, resistive; 1/2 HP @ 250VAC; 1/3 HP @ 120VAC. Expected Mechanical Life: 10 million operations. Expected Electrical Life: 100,000 operations, min., at rated load.
Delay on release - Input voltage must be applied continuously to operate the internal relay. When the control switch is closed, the relay energizes. When the control switch is opened, timing begins. When timing is complete, the relay will de-energize. Time may be reset to zero during timing by closing the control switch.
CONTROL SWITCH ON OFF TIME
Interval on - The relay energizes and timing begins when input voltage is applied. At the end of the time delay period the relay will de-energize. Reset is accomplished by removing, then reapplying, the input voltage.
INPUT VOLTAGE
ON OFF
Timing Specifications
Timing Ranges: From 0.5 to 5.0 sec. through 10 to 100 min. Timing Adjustment: Knob adjustable. Tolerance (for AC units add 1/2 cycle 60 Hz.): Knob Adj. Types:-0, +10% of max. specified at high end of timing range; +0, -10% of min. specified at low end. Delta Time (for AC units add 1 cycle 60 Hz.): 2%, typ.; 5%, max. Repeatability (including first cycle of operation): AC: 0.1%, typ.; 0.5%, max.; but not less than 16 ms. DC: 0.05% typ.; 0.1% max.; but not less than 3 ms. Release Time: 30 ms, typ.; 45 ms, max. Recycle Time: AC: 40 ms, typ.; 60 ms, max. DC: 30 ms, typ.; 45 ms, max.
Dimensions are shown for
1220 reference purposes only.
N.O. RELAY ON CONTACTS OFF
TIME
N.O. RELAY ON CONTACTS OFF
ON OFF
TIME
Initial Dielectric Strength
Between Open Contacts: 500V rms, 60 Hz. Between All Other Conductors: 500V rms, 60 Hz.
Input Data @ 25C
Voltage: 120VAC and 24VDC. Power Requirement: AC Types: Typically less than 3 VA. DC Types: Typically less than 3 W. Transient Protection: Yes. Reverse Voltage Protection: Yes.
Input Voltages & Limits @25C
Voltage Type AC DC Nominal Voltage 120 24 Minimum Voltage 105 20 Maximum Voltage 130 32
Note: DC voltage must be filtered (5% p-p ripple max. at nom. voltage). AC models will operate on 50 or 60 Hz.
Environmental Data
Temperature Range: Storage: -40C to +85C. Operating: -10C to +55C.
Mechanical Data
Termination: 8- or 11-pin octal style plug. Enclosure: Yellow plastic case. Knob adjustable types have dial scale for reference only. Sockets: Models with 8-pin base fit either 27E122 or 27E891 (snap-on) screw terminal sockets. 11-pin types fit either 27E123 or 27E892 (snap-on) screw terminal sockets. Weight: 8 oz. (227g) approximately.
Specifications and availability subject to change. www.tycoelectronics.com Technical support: Refer to inside back cover.
Dimensions are in inches over (millimeters) unless otherwise specified.
Catalog 1308242 Issued 3-03
P&B
Ordering Information - Authorized distributors are more likely to stock boldface items listed below.
Delay on Operate Models
Voltage 120VAC Time 0.5 to 5 Min. 1 to 10 Min. 5 to 50 Min. 10 to 100 Min. 5 to 50 Min. Adjustment Knob Wiring Dia. 1 Part Number CGB-38-70005M CGB-38-70010M CGB-38-70050M CGB-38-70100M CGD-38-30050M
Delay on Release Models
Voltage 120VAC Time 1 to 10 Min. 5 to 50 Min. Adjustment Knob Wiring Dia. 2 Part Number CGB-38-78010M CGB-38-78050M
Interval on Models
Voltage 120VAC 24VDC Time 0.5 to 5 Sec. 1 to 10 Min. 1 to 10 Min. Adjustment Knob Knob Wiring Dia. 1 1 Part Number CGB-38-79005S CGB-38-79010M CGD-38-39010M
24VDC
Knob
1
Outline Dimensions
2.406 MAX. (61.1)

1.781 MAX. (45.2)
Wiring Diagrams - Bottom Views (pins numbered clockwise from keyway)
+ INPUT _ (DC POLARITY INDICATED)
EXT. CONT. SW*
_ + INPUT (DC POLARITY INDICATED)
Fig.1 8 Pin
Fig.2 11 Pin
* If control switch is closed when power is applied, relay will immediately energize. A 50 millisecond minimum switch closure is required. IMPORTANT: a dry circuit switch is recommemded. A "dry circuit" switch is one rated to reliably switch currents of less than 50mA. Use of a switch rated for other than dry circuit may result in failure of the time delay relay to function properly. ** Note: input polarity for DC operation. For most reliable operation on AC, connect high side to "+" and low side to "-".
Dimensions are shown for reference purposes only.
Dimensions are in inches over (millimeters) unless otherwise specified.

.60 (15.2)
2.937 MAX. (74.6)
.56 (14.2)

Specifications and availability subject to change.
www.tycoelectronics.com Technical support: 1221 Refer to inside back cover.


▲Up To Search▲   

 
Price & Availability of CGB-38-70050M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X