Part Number Hot Search : 
TEA5711 1A175 K50N60 PC1002 CPD93V S3C8478 74LVC16 T700N
Product Description
Full Text Search
 

To Download BZX85 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
SEMICONDUCTOR
1W SILICON PLANAR ZENER DIODES DO-41(GLASS)
FEATURES
For use in stabilizing and clipping circuits with high power rating. The Zener voltage are graded according to the international E24 standard. Other voltage tolerance and higher Zener voltage on request.
0.102(2.6) MAX DIA
1.102(28) MIN
0.161(4.1) MAX
MECHANICAL DATA
Case: DO-41 glass case Weight: Approx. 0.35 gram
0.034(0.86) MAX DIA 1.102(28) MIN
Dimensions in inches and (millimeters)
ABSOLUTE MAXIMUM RATINGS(LIMITING VALUES) (TA=25 C)
Zener current see table "Characteristics" Power dissipation at TA=25 C Junction temperature Storage temperature range
Ptot TJ TSTG
11) 200 -65 to+200
W
C C
1) Valid provided that a distance of 8mm from case are kept at ambient temperature
ELECTRICAL CHARACTERISTICS (TA=25 C)
Thermal resistance junction to ambient air Forward voltage at IF=200mA
RthA VF
1701) 1.2
K/W V
1) Valid provided that a distance of 8mm from case are kept at ambient temperature
Zener Voltage range 1)
VZNOM
V BZV 85/C 2 V 7 BZX 85/C 3 V 0 BZX 85/C 3 V 3 BZX 85/C 3 V 6 BZX 85/C 3 V 9 BZX 85/C 4 V 3 BZX 85/C 4 V 7 BZX 85/C 5 V 1 BZX 85/C 5 V 6 BZX 85/C 6 V 2 BZX 85/C 6 V 8 BZX 85/C 7 V 5 BZX 85/C 8 V 2 BZX 85/C 9 V 1 BZX 85/C 10 BZX 85/C 11 BZX 85/C 12 BZX 85/C 13 BZX 85/C 15 BZX 85/C 16 BZX 85/C 18 BZX 85/C 20 BZX 85/C 22 BZX 85/C 24 BZX 85/C 27 BZX 85/C 30 BZX 85/C 33 BZX 85/C 36 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 8 10 15 20 25 35 45 5.2...6.0 5.8...6.6 6.4...7.2 7.0...7.9 7.7...8.7 8.5...9.6 9.4...10.6 10.4...11.6 11.4...12.7 12.4...14.1 13.8...15.6 15.3...17.1 16.8...19.1 18.8...21.2 20.8...23.3 22.8...25.6 25.1...28.9 28...32 31...35 34...38 <7 <8 <9 <10 <15 <20 <24 <25 <600 <300 <350 <400 <500 <0.5 0.5 mA 80 70 60 50
IZT for VZT
2)
IR at VR
V mA <20 <400 A <150 <100 <40 <20 <15 <13 <10 <7 <4 <3.5 <3 <5 <200 <500 <600 <500 <400 <300 <1 1 <10 <3 1.5 2 3 4 4.5 6.2 6.8 7 8.2 9.1 10 11 12 13 15 16 18 <750 <1000 0.25 20 22 24 27 1 V
2)
TK VZ %/K
2.5...2.9 2.8...3.2 3.1...3.5 3.4...3.8 3.7...4.1 4.0...4.6 4.4...5.0
-0.08...-0.05
-0.07...-0.02 -0.07...+0.01 -0.03...+0.04 -0.01...+0.04 0...0.045 0.01...0.055 0.015...0.06 0.02...0.065 0.03...0.07 0.035...0.075 0.04...0.08 0.045...0.08 0.045...0.085 0.05...0.85 0.055...0.09 0.06...0.09
<30 <35 <40
0.06...0.095
Zener Voltage range 1)
VZNOM
V BZV 85/C 39 BZX 85/C 43 BZX 85/C 47 BZX 85/C 51 BZX 85/C 56 BZX 85/C 62 BZX 85/C 68 BZX 85/C 75 BZX 85/C 82 BZX 85/C 91 BZX 85/C 100 BZX 85/C 110 BZX 85/C 120 BZX 85/C 130 BZX 85/C 150 BZX 85/C 160 BZX 85/C 180 BZX 85/C 200 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 1.5 2 2.7 77...87 85...96 94...106 104...116 114...127 124...141 138...156 153...171 168...191 188...212 4 mA 6
IZT for VZT
2)
IR at VR
V mA <50 <90 <115 <120 <125 <135 <135 <200 <250 <350 <450 <550 <700 <1000 <1100 <1200 <1500 <4000 <4500 <5000 <6000 <6500 <7000 <8000 <3000 <2000 <1000 A V 30 33 <1500 36 39 43 47 51 <0.5 56 62 68 75 82 91 100 110 120 130 150
2)
TK VZ %/K
37...41 40...46 44...50 48...54 52...60 58...66 64...72
0.06...0.095
0.07...0.10
0.07...0.11
Note 1) Tested with pulse tp=20ms 2) Valid provided that leads are kept at ambient temperature at a distance of 8mm from case
Admissible power dissipation versus ambient temperature (Valid provided that leads at a distance of 10mm from case are kept at ambient temperature)
W 1.0
BZV85...
Ptot
0.8
0.6
0.4
0.2
0 0 100 Tamb 200 C


▲Up To Search▲   

 
Price & Availability of BZX85

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X