Part Number Hot Search : 
536KFKE V1210 EVALZ AP1075 F06F150S S22A1 MMBZ5237 HYB25
Product Description
Full Text Search
 

To Download BC4002A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BO LYMIN
BC4002A
Feature
1. COB with metal frame 2. 5x7 dots with cursor 3. Built-in controller KS0066 or equivalent 4. + 5V single power supply 5. 1/16 duty cycle 6. LED B/L pins: 15/16, or A/K, or 1/2 7. Option: LED arrayB/L, EL B/L 8. Option: +3V single power supply
Mechanical Data Item Standard Value Module Dimension 182.0 x 33.5 Viewing Area 154.4 x 16.5 Dot Size 0.6 x 0.65 Character Size 3.2 x 5.55 Pin Assignment Pin Symbol 1 Vss 2 Vdd 3 Vo 4 RS 5 R/W 6 E 7~14 DB0~7 15 A K 16
Unit mm mm mm mm Electronic Characteristics
Function GND +5V(+3V option) Contrast adjustment H/L register select signal H/L read/write signal H --> L enable signal H/L data bus line Power supply for B/L (+)/ Power supply for B/L (GND)
Symbol Condition Typical Unit Value Input Voltage Vdd Vdd = +5V 5.0 V Supply Current Idd Vdd = +5V 2.5 mA LCD Driving 4.5 Vdd-Vo V 25 oC Voltage LED Forward 4.2 Vf V 25 oC Voltage LED Forward If 280 mA 25 oC Current EL Power Vel Vel=110Vac/400Hz V Voltage Item
Dimension
182.0 0.5 161.4 154.4(VA) 147.5(AA) A 1.5 3.55 25
12 16 19
8.8 EL or No B/L 13.1 LED B/L 9.0 LED B/L 4.7 EL or No B/L
3.2 0.65 06
0.5
3 5 .0
16.5(VA 11.5(AA A
93.5 3.5
4 O 3.5 PTH 4-O 5.5 PTH 175.0
1.6 0.4
5.55 0. 0.6 3.5 D S


▲Up To Search▲   

 
Price & Availability of BC4002A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X