Part Number Hot Search : 
VSC7126 RB151 045PB KIA7810A TEA1204 SY89202U STK03Y60 1N5352B
Product Description
Full Text Search
 

To Download BC352R110T060VM-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM ArrayTM BC352R110T060VM-00
Features
* 352 V to 11 V VI BRICKTM BCM Array * 600 Watt (850 Watt for 1 ms) * Vertical mount package reduces footprint * Integrated heat sink simplifies thermal management * High density - up to 268 W/in3 * Small footprint - 303 W/in2 * Low weight - 3.2 oz (92 g) * ZVS / ZCS isolated sine amplitude converter * Typical efficiency 95% * <1 s transient response * >3.5 million hours MTBF * Internal fuse and filter * No output filtering required
Vin = 330 - 365 V Vout = 10.3 - 11.4 V Iout = 54.6 A K = 1/32 Rout = 7.6 m max
Size: 3.54 x 0.56 x 1.13 in 89,9 x 14,2 x 28,7 mm
Product Description
The BC352R110T060VM-00 contains two high efficiency (>95%), narrow input range Sine Amplitude Converter (SAC) converters operating from a 330 to 365 Vdc primary bus to deliver an isolated low voltage secondary. The module provides an isolated 10.3 -11.4 V distribution bus and is packaged in a thermally efficient VI BRICK BCM Array package. Due to the fast response time and low noise, the need for limited life aluminum electrolytic or tantalum capacitors at the input of POL converters is reduced--or eliminated--resulting in savings of board area, materials and total system cost. The BC352R110T060VM-00 achieves a power density of 268 W/in3 in a VI BRICK BCM Array package utilizing an integrated heat sink. Owing to its high conversion efficiency and safe operating temperature range, the VI BRICK BCM Array does not require additional heat sinking or high airflow velocities. Low junction-to-heat sink thermal impedance assures low junction temperatures and long life in the harshest environments.
Absolute Maximum Ratings
Parameter
+In to -In +In to -In PC to -In +Out to -Out Isolation voltage Output current Peak output current Output power Peak output power Operating junction temperature(1) Storage temperature Note:
(1) The referenced junction is defined as the semiconductor having the highest temperature. This temperature is monitored by a shutdown comparator.
Values
-1.0 to 400 500 -0.3 to 7.0 -0.5 to 16.0 4,242 59.7 77.3 600 850 -40 to 125 -40 to 125
Unit
Vdc Vdc Vdc Vdc Vdc A A W W C C
Notes
For 100 ms
Input to Output Continuous For 1 ms Continuous For 1 ms T-Grade T-Grade
VI BRICK BCM Array
BC352R110T060VM-00
vicorpower.com
Rev. 1.0
Page 1 of 6
SPECIFICATIONS
Input Specifications
Parameter
Input voltage range Input dV/dt Input undervoltage turn-on Input undervoltage turn-off Input overvoltage turn-on Input overvoltage turn-off Input quiescent current Input current No load power dissipation Internal input capacitance Internal input inductance
(Conditions are at 352 Vin, full load, and 25C ambient unless otherwise specified)
Min
330
Typ
352
Max
365 1 325 315 399
Unit
Vdc V/s Vdc Vdc Vdc Vdc mA Adc W F H
Note
275 366 2.8 10.6 0.4 2.5
PC low
2.0 15.0
Output Specifications
Parameter
Output voltage Output power Rated DC current Peak repetitive power Current share accuracy Efficiency Half load Full load Internal output inductance Internal output capacitance Load capacitance Output overvoltage setpoint Output ripple voltage No external bypass Short circuit protection set point Average short circuit current Effective switching frequency Line regulation K Load regulation ROUT Output overshoot Input turn-on PC enable Output turn-on delay From application of power From release of PC pin
(Conditions are at 352 Vin, full load, and 25C ambient unless otherwise specified)
Min
10.3 9.91 0 0
Typ
Max
11.4 11.0 600 59.7 850
Unit
Vdc Vdc W Adc W % % % nH F F Vdc mV p-p Adc A MHz
Note
No load; 330 - 365 VIN Full load; 330 - 365 VIN 330 - 365 VIN ; 100C heat sink max. temp. POUT 300 W Max pulse width 1ms, max duty cycle 10%, baseline power 50%
5 93.5 94.3 95.2 95.2 2.9 62
10
Effective value
1,200 11.4 250 76.0 3.3 0.0309 0.18 3.4 1/32 5.8 50 50 750 160 3.5 0.0316 7.6 450
Module will shut down Fixed, 1.7 MHz per phase per each BCM VOUT = K*VIN at no load
m mV mV ms ms No output filter No output filter No output filter No output filter
VI BRICK BCM Array
BC352R110T060VM-00
vicorpower.com
Rev. 1.0
Page 2 of 6
SPECIFICATIONS (CONT.)
General
Parameter
MTBF MIL-HDBK-217F Isolation specifications Voltage Capacitance Resistance Agency approvals Mechanical Weight Dimensions Length Width Height Thermal Over temperature shutdown Operating temperature - heatsink Junction-to-heatsink thermal impedance (RJC) Heatsink to ambient thermal impedance (RHA)
Min
Typ
3.5
Max
Unit
Mhrs Vdc pF M
Note
25C, GB Input to Output Input to Output Input to Output UL /CSA 60950-1, EN 60950-1 Low Voltage Directive See Mechanical Drawings
4,242 1,000 10 cTUVus CE Mark 3.2/92 3.54/ 89,9 0.56/ 14,2 1.13/ 28,7 125 130 3.55/ 90,1 0.57/ 14,6 1.18/ 30,0 135 100 0.65 6.10
oz /g in / mm in / mm in / mm C C C/ W C/ W Junction temperature See thermal curve, Figure 1 Heatsink temperature measured in location shown in Figure 2 Refer to http://www.vicorpower.com/ technical_library/calculators/calc_t~1.xls
0.50 5.95
Auxiliary Pins
Parameter
(Conditions are at 350 Vin, full load, and 25C ambient unless otherwise specified)
Min
4.8 2.4 2.4
Typ
5.0 2.5 2.5 2.5 160 20
Max
5.2 2.6 2.9
Unit
Vdc Vdc Vdc mA ms s
Note
Enable / Disable (CNTRL) DC voltage Module disable voltage Module enable voltage Current limit Enable delay time Disable delay time
Source only Time from PC low to output low
VI BRICK BCM Array
BC352R110T060VM-00
vicorpower.com
Rev. 1.0
Page 3 of 6
THERMALS AND PIN CONTROL FUNCTIONS
700
600
500
Output Power (W)
200 LFM 400 400 LFM 300
600 LFM
200
800 LFM Power Limit
100
0 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100
Ambient Temperature (C)
Figure 1 - BC352R110T060VM-00 typical thermal curve - verify all thermal management systems experimentally.
CNTRL - Enable / Disable
The Enable / Disable signal is a multifunction node that provides the following functions: Enable / Disable - If CNTRL is left floating, the module output is enabled. Once this port is pulled lower than 2.4 Vdc with respect to -In, the output is disabled. This action can be realized by employing a relay, opto-coupler, or open collector transistor. This signal should not be toggled at a rate higher than 1 Hz. CNTRL should also not be driven by or pulled up to an external voltage source. Primary Auxiliary Supply - CNTRL can source up to 2.4 mA at 5.0 Vdc. CNTRL should never be used to sink current. Alarm - The module contains circuitry that monitors output overload, input over voltage or under voltage, and internal junction temperatures. In response to an abnormal condition in any of the monitored parameters, CNTRL will toggle.
Figure 2 -- Temp measurement location
+In / -In - DC Voltage Input Ports
The BCM Array input voltage range should not be exceeded. An internal under / over voltage lockout-function prevents operation outside of the normal operating input range. The module turns on within an input voltage window bounded by the "Input undervoltage turn-on" and "Input over-voltage turn-off" levels, as specified. The module may be protected against accidental application of a reverse input voltage by the addition of a rectifier in series with the positive input, or a reverse rectifier in shunt with the positive input located on the load side of the input fuse.
+Out / -Out - DC Voltage Output Ports
Multiple pins are provided for the +Out and -Out connections. They must be connected in parallel with low interconnect resistance. The low output impedance of the module reduces or eliminates the need for limited life aluminum electrolytic or tantalum capacitors at the input of POL converters. Total load capacitance at the output of the device should not exceed the specified maximum. Owing to the wide bandwidth and low output impedance of the BCM Array, low frequency bypass capacitance and significant energy storage may be more densely and efficiently provided by adding capacitance at the input.
VI BRICK BCM Array
BC352R110T060VM-00
vicorpower.com
Rev. 1.0
Page 4 of 6
MECHANICAL DRAWINGS
.558 .015 14.17 .38
1.130 28.70
+IN
+OUT2A
+OUT2A
+OUT2A
+OUT2A
+OUT2B
+OUT2B
+OUT2B
+OUT2B
-OUT1A
-OUT1A
-OUT1A
-OUT1A
-OUT1B
-OUT1B
-OUT1B
-OUT1B
-IN CNTRL
.14 3.56 (19) PL.
SEATING PLANE
.08 2.00 .16 4.00 (14) PL. .165 .015 4.18 .38 1.10 28.00 .315 8.00 1.10 28.00 .39 10.00 .24 6.00
.10 2.65 (19) PL.
.10 2.49 (19) PL.
.075 TYP 1.91
SEE DETAIL A
.19 4.93
.03 TYP .73
.62 15.73 3.54 89.94
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE INCH [MM]TOLERANCES ARE:
DETAIL A
SCALE: 10X
DECIMALS .01 [0.25] .XX= .005 [0.127] .XXX=
-+ -+
ANGLES 10
-+
Figure 3 - BC352R110T060VM-00 mechanical outline
Figure 4 - BC352R110T060VM-00 footprint
VI BRICK BCM Array
BC352R110T060VM-00
vicorpower.com
Rev. 1.0
Page 5 of 6
Warranty
Vicor products are guaranteed for two years from date of shipment against defects in material or workmanship when in normal use and service. This warranty does not extend to products subjected to misuse, accident, or improper application or maintenance. Vicor shall not be liable for collateral or consequential damage. This warranty is extended to the original purchaser only. EXCEPT FOR THE FOREGOING EXPRESS WARRANTY, VICOR MAKES NO WARRANTY, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. Vicor will repair or replace defective products in accordance with its own best judgement. For service under this warranty, the buyer must contact Vicor to obtain a Return Material Authorization (RMA) number and shipping instructions. Products returned without prior authorization will be returned to the buyer. The buyer will pay all charges incurred in returning the product to the factory. Vicor will pay all reshipment charges if the product was defective within the terms of this warranty. Information published by Vicor has been carefully checked and is believed to be accurate; however, no responsibility is assumed for inaccuracies. Vicor reserves the right to make changes to any products without further notice to improve reliability, function, or design. Vicor does not assume any liability arising out of the application or use of any product or circuit; neither does it convey any license under its patent rights nor the rights of others. Vicor general policy does not recommend the use of its components in life support applications wherein a failure or malfunction may directly threaten life or injury. Per Vicor Terms and Conditions of Sale, the user of Vicor components in life support applications assumes all risks of such use and indemnifies Vicor against all damages.
Vicor's comprehensive line of power solutions includes high density AC-DC and DC-DC modules and accessory components, fully configurable AC-DC and DC-DC power supplies, and complete custom power systems.
Information furnished by Vicor is believed to be accurate and reliable. However, no responsibility is assumed by Vicor for its use. Vicor components are not designed to be used in applications, such as life support systems, wherein a failure or malfunction could result in injury or death. All sales are subject to Vicor's Terms and Conditions of Sale, which are available upon request.
Specifications are subject to change without notice. Intellectual Property Notice
Vicor and its subsidiaries own Intellectual Property (including issued U.S. and Foreign Patents and pending patent applications) relating to the products described in this data sheet. Interested parties should contact Vicor's Intellectual Property Department. The products described on this data sheet are protected by the following U.S. Patents Numbers: 5,945,130; 6,403,009; 6,710,257; 6,788,033; 6,940,013; 6,969,909; 7,038,917; 7,154,250; 7,166,898; 7,187,263; 7,202,646; 7,361,844; 7,368,957; RE40,072; D496,906; D506,438; D509,472; and for use under U.S. Pat. Nos. 6,975,098 and 6,984,965
Vicor Corporation 25 Frontage Road Andover, MA, USA 01810 Tel: 800-735-6200 Fax: 978-475-6715 email Customer Service: custserv@vicorpower.com Technical Support: apps@vicorpower.com
VI BRICK BCM Array
BC352R110T060VM-00
vicorpower.com
Rev. 1.0
7/09


▲Up To Search▲   

 
Price & Availability of BC352R110T060VM-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X