Part Number Hot Search : 
EN8321 MPC9120 SMS4003K D4K05 0102M 16N50C3 3N245R SM540B
Product Description
Full Text Search
 

To Download B78477P1003A014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RJ45 Jacks with integrated magnetics
10/100 Base-T, single port, tab down
Series/Type: Date:
B78477P1***A*14 February 2010
(c) EPCOS AG 2010. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
RJ45 Jacks with integrated magnetics 10/100 Base-T, single port, tab down
B78477P1***A*14
Applications Local Area Networks using Ethernet protocol Hubs, switches, routers ADSL modems Industrial automation equipment using Ethernet protocol for communication Features Fully compliant with IEEE 802.3, IEEE 802.3af (B78477P1001A314) With EMI fingers for shielding High electrical performance and EMI suppression Optimized for all major transceiver ICs Industry standard footprint RoHS-compatible Construction Housing: Thermoplastic, UL 94 V-0 Shield: Ni plated on copper alloy Contact: Phosphor bronze, 1.27 m (50 ") Ni underplating, 0.4 m (15 ") selective gold plating Connector dimensions comply with TIA-968 (FCC 68.5) dimension requirements Marking EPCOS, middle block of ordering code, date code Delivery mode and packing unit Blister trays in carton box Packing unit: 512 pcs. per carton box (8 trays), B78477P1001A314: 640 pcs.
Please read Cautions and warnings and Important notes at the end of this document.
Page 2 of 12
RJ45 Jacks with integrated magnetics 10/100 Base-T, single port, tab down
B78477P1***A*14
Overview and ordering codes Operating temperature range 0 C ... +70 C LED (left - right) Green - yellow Green - yellow Yellow - green Yellow - green Green - yellow Ordering code B78477P1004A314 B78477P1005A314 B78477P1006A114 B78477P1007A114 B78477P1003A014 B78477P1001A314 B78477P1002A014
40 C ... +85 C
Mechanical characteristics Insertion force Retention force Durability LED specification LED colour Green Yellow Wave length 565 nm 585 nm Forward voltage Max. 2.6 V 2.6 V Typical 2.2 V 2.1 V 20 N max. 75 N min. 750 mating cycles min.
Please read Cautions and warnings and Important notes at the end of this document.
Page 3 of 12
RJ45 Jacks with integrated magnetics 10/100 Base-T, single port, tab down
B78477P1***A*14
Characteristics B78477P1001A314 (electrical specifications at 25 C) Turns ratio (primary : secondary) Inductance L 1.414 : 1 3% 350 H min. 100 kHz, 100 mV, 8 mA DC bias 0.5 mA, 50 Hz, 1 min1) 0.5 mA, 50 Hz, 1 min1) center tap symmetry 0.1 MHz 0.1 MHz ... 30 MHz 30 MHz ... 60 MHz 60 MHz ... 80 MHz 1 MHz 10 MHz ... 100 MHz 2 MHz 30 MHz ... 200 MHz
Voltage test Vtest (primary : secondary) 1500 VRMS (primary : shield) 1500 VRMS DCR (1/2 winding) DCR Balance Insertion loss Return loss 0.6 max. 0.065 max. 1.2 dB max. 16 dB min. 10+20log(f/60) dB min. 10 dB min. 50 dB min. 50+17log(f/10) dB min. 50 dB typ. 15+17log(f/200) dB typ. Approx. 5.7 g
Crosstalk Common-mode rejection Weight
1) On mass manufacture will be 2 s to HVtest
Please read Cautions and warnings and Important notes at the end of this document.
Page 4 of 12
RJ45 Jacks with integrated magnetics 10/100 Base-T, single port, tab down
B78477P1***A*14
Characteristics B78477P1002A014, B78477P1003A014, B78477P1004A314, B78477P1006A114, B78477P1007A114 (electrical specifications at 25 C) Turns ratio (primary : secondary) Inductance L Voltage test Vtest (primary : secondary) Insertion loss Return loss 1CT : 1CT 3% 350 H min. 1500 V AC 1.0 dB max. 18 dB min. 14 dB min. 12 dB min. 10 dB min. 33 dB min. 30 dB typ. Approx. 5.7 g 100 kHz, 100 mV, 8 mA DC bias 50 Hz, 1 min 1 MHz ... 100 MHz 1 MHz ... 40 MHz 60 MHz 80 MHz 100 MHz 1 MHz ... 100 MHz 1 MHz ... 100 MHz
Crosstalk Common-mode rejection Weight
Please read Cautions and warnings and Important notes at the end of this document.
Page 5 of 12
RJ45 Jacks with integrated magnetics 10/100 Base-T, single port, tab down
B78477P1***A*14
Characteristics B78477P1005A314 (electrical specifications at 25 C) Turns ratio (primary : secondary) Inductance L Voltage test Vtest (primary : secondary) Insertion loss Return loss 1CT : 1 3% 350 H min. 1500 V AC 1.0 dB max. 18 dB min. 14 dB min. 12 dB min. 10 dB min. 33 dB min. 30 dB typ. Approx. 5.7 g 100 kHz, 100 mV, 8 mA DC bias 50 Hz, 1 min 1 MHz ... 100 MHz 1 MHz ... 40 MHz 60 MHz 80 MHz 100 MHz 1 MHz ... 100 MHz 1 MHz ... 100 MHz
Crosstalk Common-mode rejection Weight
Please read Cautions and warnings and Important notes at the end of this document.
Page 6 of 12
RJ45 Jacks with integrated magnetics 10/100 Base-T, single port, tab down
B78477P1***A*14
Dimensional drawing for B78477P1001A314
Layout recommendation (top view)
Dimensions in mm Values without tolerances are nominal values for reference. Pinning
Please read Cautions and warnings and Important notes at the end of this document.
Page 7 of 12
RJ45 Jacks with integrated magnetics 10/100 Base-T, single port, tab down
B78477P1***A*14
Dimensional drawing for B78477P1002A014 and B78477P1003A014
Layout recommendation (top view)
Dimensions in mm Values without tolerances are nominal values for reference. Pinnings B78477P1002A014 B78477P1003A014
Please read Cautions and warnings and Important notes at the end of this document.
Page 8 of 12
RJ45 Jacks with integrated magnetics 10/100 Base-T, single port, tab down
B78477P1***A*14
Dimensional drawing for B78477P1004A314 and B78477P1005A314
Layout recommendation (top view)
Dimensions in mm Values without tolerances are nominal values for reference. Pinnings B78477P1004A314 B78477P1005A314
Please read Cautions and warnings and Important notes at the end of this document.
Page 9 of 12
RJ45 Jacks with integrated magnetics 10/100 Base-T, single port, tab down
B78477P1***A*14
Dimensional drawing for B78477P1006A114 and B78477P1007A114
Layout recommendation (top view)
Dimensions in mm Values without tolerances are nominal values for reference. Pinnings B78477P1006A114 B78477P1007A114
Please read Cautions and warnings and Important notes at the end of this document.
Page 10 of 12
RJ45 Jacks with integrated magnetics 10/100 Base-T, single port, tab down
B78477P1***A*14
Cautions and warnings If the components are to be washed varnished it is necessary to check whether the washing varnish agent that is used has a negative effect on the wire insulation, any plastics that are used, or on glued joints. In particular, it is possible for washing varnish agent residues to have a negative effect in the long-term on wire insulation. The following points must be observed if the components are potted in customer applications: - Many potting materials shrink as they harden. They therefore exert a pressure on the plastic housing or core. This pressure can have a deleterious effect on electrical properties, and in extreme cases can damage the core or plastic housing mechanically. - It is necessary to check whether the potting material used attacks or destroys the wire insulation, plastics or glue. - The effect of the potting material can change the high-frequency behaviour of the components. Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to breakage of the core. Even for customer-specific products, conclusive validation of the component in the circuit can only be carried out by the customer.
Please read Cautions and warnings and Important notes at the end of this document.
Page 11 of 12
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DeltaCap, DigiSiMic, DSSP, MiniBlue, MiniCell, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, PhiCap, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SiMic, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 12 of 12


▲Up To Search▲   

 
Price & Availability of B78477P1003A014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X